Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT24WC01R-1.8TE13F Datasheet(PDF) 6 Page - Catalyst Semiconductor

No. de pieza CAT24WC01R-1.8TE13F
Descripción Electrónicos  1K/2K/4K/8K/16K-Bit Serial E2PROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24WC01R-1.8TE13F Datasheet(HTML) 6 Page - Catalyst Semiconductor

  CAT24WC01R-1.8TE13F Datasheet HTML 1Page - Catalyst Semiconductor CAT24WC01R-1.8TE13F Datasheet HTML 2Page - Catalyst Semiconductor CAT24WC01R-1.8TE13F Datasheet HTML 3Page - Catalyst Semiconductor CAT24WC01R-1.8TE13F Datasheet HTML 4Page - Catalyst Semiconductor CAT24WC01R-1.8TE13F Datasheet HTML 5Page - Catalyst Semiconductor CAT24WC01R-1.8TE13F Datasheet HTML 6Page - Catalyst Semiconductor CAT24WC01R-1.8TE13F Datasheet HTML 7Page - Catalyst Semiconductor CAT24WC01R-1.8TE13F Datasheet HTML 8Page - Catalyst Semiconductor CAT24WC01R-1.8TE13F Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
CAT24WC01/02/04/08/16
6
Doc. No. 25051-00 3/98 S-1
line) when its address matches the transmitted slave
address. The CAT24WC01/02/04/08/16 then performs
a Read or Write operation depending on the state of the
R/
W bit.
Acknowledge
After a successful data transfer, each receiving device is
required to generate an acknowledge. The Acknowledg-
ing device pulls down the SDA line during the ninth clock
cycle, signaling that it received the 8 bits of data.
The CAT24WC01/02/04/08/16 responds with an ac-
knowledge after receiving a START condition and its
slave address. If the device has been selected along
with a write operation, it responds with an acknowledge
after receiving each 8-bit byte.
When the CAT24WC01/02/04/08/16 is in a READ mode
it transmits 8 bits of data, releases the SDA line, and
monitors the line for an acknowledge. Once it receives
this acknowledge, the CAT24WC01/02/04/08/16 will
continue to transmit data. If no acknowledge is sent by
the Master, the device terminates data transmission and
waits for a STOP condition.
WRITE OPERATIONS
Byte Write
In the Byte Write mode, the Master device sends the
START condition and the slave address information
(with the R/
W bit set to zero) to the Slave device. After
the Slave generates an acknowledge, the Master sends
the byte address that is to be written into the address
pointer of the CAT24WC01/02/04/08/16. After receiving
another acknowledge from the Slave, the Master device
transmits the data byte to be written into the addressed
memory location. The CAT24WC01/02/04/08/16 ac-
knowledge once more and the Master generates the
STOP condition, at which time the device begins its
internal programming cycle to nonvolatile memory. While
this internal cycle is in progress, the device will not
respond to any request from the Master device.
Page Write
The CAT24WC01/02/04/08/16 writes up to 16 bytes of
data in a single write cycle, using the Page Write
operation. The Page Write operation is initiated in the
same manner as counter will ‘wrap around’ to address
Figure 5. Slave Address Bits
1
0
1
0
A2
A1
A0
R/W
1
0
1
0
A2
A1
a8
R/W
1
0
1
0
A2
a9
a8
R/W
1
0
1
0
a10
a9
a8
R/W
24WC01/02
24WC04
24WC08
24WC16
*
A0, A1 and A2 correspond to pin 1, pin 2 and pin 3 of the device.
**
a8, a9 and a10 correspond to the address of the memory array address word.
*** A0, A1 and A2 must compare to its corresponding hard wired input pins (pins 1, 2 and 3).


Número de pieza similar - CAT24WC01R-1.8TE13F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT24WC01RATE13F CATALYST-CAT24WC01RATE13F Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
CAT24WC01RETE13F CATALYST-CAT24WC01RETE13F Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
CAT24WC01RITE13F CATALYST-CAT24WC01RITE13F Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
More results

Descripción similar - CAT24WC01R-1.8TE13F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
CAT93C46 CATALYST-CAT93C46 Datasheet
61Kb / 9P
   1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
64Kb / 9P
   1K/2K/4K-Bit SPI Serial E2PROM
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
logo
Cystech Electonics Corp...
CTK24BC01-16P8 CYSTEKEC-CTK24BC01-16P8 Datasheet
378Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
logo
Samsung semiconductor
S524C20D11 SAMSUNG-S524C20D11 Datasheet
145Kb / 20P
   1K/2K/4K/8K-bit Serial EEPROM
logo
Catalyst Semiconductor
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com