Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU7264SF Datasheet(PDF) 3 Page - Rohm

No. de pieza BU7264SF
Descripción Electrónicos  Input/Output Full Swing CMOS Operational Amplifiers
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU7264SF Datasheet(HTML) 3 Page - Rohm

  BU7264SF Datasheet HTML 1Page - Rohm BU7264SF Datasheet HTML 2Page - Rohm BU7264SF Datasheet HTML 3Page - Rohm BU7264SF Datasheet HTML 4Page - Rohm BU7264SF Datasheet HTML 5Page - Rohm BU7264SF Datasheet HTML 6Page - Rohm BU7264SF Datasheet HTML 7Page - Rohm BU7264SF Datasheet HTML 8Page - Rohm BU7264SF Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
Datasheet
www.rohm.com
TSZ02201-0RAR1G200230-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
3/43
25.Sep.2013 Rev.001
TSZ22111・15・001
BU7261G
BU7261SG
BU7262xxx
BU7262Sxxx
BU7264xx
BU7264Sxx
Ordering Information
B
U
7
2
6
x
x
x
x
x
-
x
x
Part Number
BU7261G
BU7261SG
BU7262xxx
BU7262Sxxx
BU7264xx
BU7264Sxx
Package
G
: SSOP5
F
: SOP8, SOP14
FV
: SSOP-B14
FVM : MSOP8
NUX : VSON008X2030
Packaging and forming specification
E2: Embossed tape and reel
(SOP8/SOP14/SSOP-B14)
TR: Embossed tape and reel
(SSOP5/MSOP8/VSON008X2030)
Line-up
Topr
Channels
Package
Orderable Part Number
-40°C to +85°C
1ch
SSOP5
Reel of 3000
BU7261G-TR
2ch
SOP8
Reel of 2500
BU7262F-E2
MSOP8
Reel of 3000
BU7262FVM-TR
VSON008X2030
Reel of 4000
BU7262NUX-TR
4ch
SOP14
Reel of 2500
BU7264F-E2
SSOP-B14
Reel of 2500
BU7264FV-E2
-40°C to +105°C
1ch
SSOP5
Reel of 3000
BU7261SG-TR
2ch
SOP8
Reel of 2500
BU7262SF-E2
MSOP8
Reel of 3000
BU7262SFVM-TR
VSON008X2030
Reel of 4000
BU7262SNUX-TR
4ch
SOP14
Reel of 2500
BU7264SF-E2
SSOP-B14
Reel of 2500
BU7264SFV-E2


Número de pieza similar - BU7264SF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU7264SF ROHM-BU7264SF Datasheet
692Kb / 37P
   Full Swing Low Voltage Operation CMOS Operational Amplifiers
BU7264SF ROHM-BU7264SF Datasheet
897Kb / 46P
   Input/Output Full Swing Input/Output Full Swing
BU7264SF-E2 ROHM-BU7264SF-E2 Datasheet
3Mb / 48P
   CMOS Operational Amplifiers
BU7264SF-E2 ROHM-BU7264SF-E2 Datasheet
897Kb / 46P
   Input/Output Full Swing Input/Output Full Swing
BU7264SFV ROHM-BU7264SFV Datasheet
897Kb / 46P
   Input/Output Full Swing Input/Output Full Swing
More results

Descripción similar - BU7264SF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU7295HFV-TR ROHM-BU7295HFV-TR Datasheet
897Kb / 46P
   Input/Output Full Swing CMOS Operational Amplifiers
BD7561G-TR ROHM-BD7561G-TR Datasheet
2Mb / 34P
   Input/Output Full Swing High Voltage Operation CMOS Operational Amplifiers
LM7101G ROHM-LM7101G Datasheet
583Kb / 21P
   Input/Output Full Swing Low Power Operational Amplifiers
LMR981G ROHM-LMR981G_14 Datasheet
1Mb / 63P
   Input/Output Full Swing Low Power Operational Amplifiers
LMR981G ROHM-LMR981G Datasheet
309Kb / 7P
   Input/Output Full Swing Low Power Operational Amplifiers
LMR981G ROHM-LMR981G_V01 Datasheet
2Mb / 62P
   Input/Output Full Swing Low Power Operational Amplifiers
24.Mar.2021.Rev.006
BU7205HFV ROHM-BU7205HFV Datasheet
516Kb / 22P
   Ultra Low Supply Current Input/Output Full Swing CMOS Operational Amplifiers
LMR341G ROHM-LMR341G_V01 Datasheet
4Mb / 53P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
16.Jun.2015 Rev.007
LMR341G ROHM-LMR341G_15 Datasheet
4Mb / 54P
   Low Supply Current Output Full Swing CMOS Operational Amplifiers
BU7255HFV-TR ROHM-BU7255HFV-TR Datasheet
489Kb / 22P
   Input/Output Full Swing Low Voltage Operation High Speed CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com