Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT24WC02PI-1.8TE13F Datasheet(PDF) 5 Page - Catalyst Semiconductor

No. de pieza CAT24WC02PI-1.8TE13F
Descripción Electrónicos  1K/2K/4K/8K/16K-Bit Serial E2PROM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24WC02PI-1.8TE13F Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT24WC02PI-1.8TE13F Datasheet HTML 1Page - Catalyst Semiconductor CAT24WC02PI-1.8TE13F Datasheet HTML 2Page - Catalyst Semiconductor CAT24WC02PI-1.8TE13F Datasheet HTML 3Page - Catalyst Semiconductor CAT24WC02PI-1.8TE13F Datasheet HTML 4Page - Catalyst Semiconductor CAT24WC02PI-1.8TE13F Datasheet HTML 5Page - Catalyst Semiconductor CAT24WC02PI-1.8TE13F Datasheet HTML 6Page - Catalyst Semiconductor CAT24WC02PI-1.8TE13F Datasheet HTML 7Page - Catalyst Semiconductor CAT24WC02PI-1.8TE13F Datasheet HTML 8Page - Catalyst Semiconductor CAT24WC02PI-1.8TE13F Datasheet HTML 9Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CAT24WC01/02/04/08/16
5
Doc. No. 25051-00 3/98 S-1
using either 24WC01 or 24WC02 device.
All three
address pins are used for these densities. If only one
24WC02 is addressed on the bus, all three address pins
(A0, A1and A2) can be left floating or connected to VSS.
If only one 24WC01 is addressed on the bus, all three
address pins (A0, A1and A2) must be connected to VSS.
A total of four devices can be addressed on a single bus
when using 24WC04 device. Only A1 and A2 address
pins are used with this device. The A0 address pin is a
no connect pin and can be tied to VSS or left floating. If
only one 24WC04 is being addressed on the bus, the
address pins (A1 and A2) can be left floating or con-
nected to VSS.
Only two devices can be cascaded when using 24WC08.
The only address pin used with this device is A2. The A0
and A1 address pins are no connect pins and can be tied
to VSS or left floating. If only one 24WC08 is being
addressed on the bus, the address pin (A2) can be left
floating or connected to VSS.
The 24WC16 is a stand alone device. In this case, all
address pins (A0, A1and A2) are no connect pins and
can be tied to VSS or left floating.
WP: Write Protect
If the WP pin is tied to VCC the entire memory array
becomes Write Protected (READ only). When the WP
pin is tied to VSS or left floating normal read/write opera-
tions are allowed to the device.
I2C BUS PROTOCOL
The following defines the features of the I2C bus proto-
col:
(1) Data transfer may be initiated only when the bus is
not busy.
(2) During a data transfer, the data line must remain
stable whenever the clock line is high. Any changes
in the data line while the clock line is high will be
interpreted as a START or STOP condition.
START Condition
The START Condition precedes all commands to the
device, and is defined as a HIGH to LOW transition of
SDA when SCL is HIGH. The CAT24WC01/02/04/08/16
monitor the SDA and SCL lines and will not respond until
this condition is met.
STOP Condition
A LOW to HIGH transition of SDA when SCL is HIGH
determines the STOP condition. All operations must end
with a STOP condition.
DEVICE ADDRESSING
The bus Master begins a transmission by sending a
START condition. The Master then sends the address
of the particular slave device it is requesting. The four
most significant bits of the 8-bit slave address are fixed
as 1010 for the CAT24WC01/02/04/08/16 (see Fig. 5).
The next three significant bits (A2, A1, A0) are the device
address bits and define which device or which part of the
device the Master is accessing. Up to eight CAT24WC01/
02, four CAT24WC04, two CAT24WC08, and one
CAT24WC16 may be individually addressed by the
system.
The last bit of the slave address specifies
whether a Read or Write operation is to be performed.
When this bit is set to 1, a Read operation is selected,
and when set to 0, a Write operation is selected.
After the Master sends a START condition and the slave
address byte, the CAT24WC01/02/04/08/16 monitors
the bus and responds with an acknowledge (on the SDA
Figure 4. Acknowledge Timing
5020 FHD F06
ACKNOWLEDGE
1
START
SCL FROM
MASTER
89
DATA OUTPUT
FROM TRANSMITTER
DATA OUTPUT
FROM RECEIVER


Número de pieza similar - CAT24WC02PI-1.8TE13F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT24WC02PITE13F CATALYST-CAT24WC02PITE13F Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
More results

Descripción similar - CAT24WC02PI-1.8TE13F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT24C08 CATALYST-CAT24C08 Datasheet
310Kb / 8P
   1K/2K/4K/8K/16K-Bit Serial E2PROM
CAT25C01 CATALYST-CAT25C01 Datasheet
59Kb / 10P
   1K/2K/4K/8K/16K SPI Serial CMOS E2PROM
CAT24WC03 CATALYST-CAT24WC03 Datasheet
43Kb / 8P
   2K/4K/8K/16K-Bit Serial E2PROM
CAT93C46 CATALYST-CAT93C46 Datasheet
61Kb / 9P
   1K/2K/2K/4K/16K-Bit Microwire Serial E2PROM
CAT24WC01 CATALYST-CAT24WC01_05 Datasheet
505Kb / 14P
   1K/2K/4K/8K/16K-Bit Serial EEPROM
CAT64LC10 CATALYST-CAT64LC10 Datasheet
64Kb / 9P
   1K/2K/4K-Bit SPI Serial E2PROM
CAT25C11 CATALYST-CAT25C11 Datasheet
79Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
logo
Cystech Electonics Corp...
CTK24BC01-16P8 CYSTEKEC-CTK24BC01-16P8 Datasheet
378Kb / 12P
   2-Wire Serial EEPROMs 1K/2K/4K/8K/16K
logo
Samsung semiconductor
S524C20D11 SAMSUNG-S524C20D11 Datasheet
145Kb / 20P
   1K/2K/4K/8K-bit Serial EEPROM
logo
Catalyst Semiconductor
CAT25C03 CATALYST-CAT25C03_05 Datasheet
305Kb / 12P
   1K/2K/4K/8K/16K SPI Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com