Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD581UH Datasheet(PDF) 11 Page - Analog Devices

No. de pieza AD581UH
Descripción Electrónicos  High Precision 10 V IC Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD581UH Datasheet(HTML) 11 Page - Analog Devices

Back Button AD581UH Datasheet HTML 4Page - Analog Devices AD581UH Datasheet HTML 5Page - Analog Devices AD581UH Datasheet HTML 6Page - Analog Devices AD581UH Datasheet HTML 7Page - Analog Devices AD581UH Datasheet HTML 8Page - Analog Devices AD581UH Datasheet HTML 9Page - Analog Devices AD581UH Datasheet HTML 10Page - Analog Devices AD581UH Datasheet HTML 11Page - Analog Devices AD581UH Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD581
Rev. C | Page 11 of 12
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
OUTLINE DIMENSIONS
0.185 (4.70)
0.165 (4.19)
0.500 (12.70)
MIN
0.019 (0.48)
0.016 (0.41)
0.030 (0.76) MAX
0.100 (2.54) TYP
0.034 (0.86)
0.028 (0.71)
0.045 (1.14)
0.029 (0.74)
3
1
0.200
(5.08)
TYP
45°
2
BASE & SEATING PLANE
Figure 17. 3-Pin Metal Header Package [TO-5]
(H-03B)
Dimensions shown in inches and (millimeters)
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD581JH1
0°C to +70°C
3-Pin Metal Header Package (TO-5)
H-03B
AD581KH1
0°C to +70°C
3-Pin Metal Header Package (TO-5)
H-03B
AD581LH1
0°C to +70°C
3-Pin Metal Header Package (TO-5)
H-03B
AD581SH1
−55°C to +125°C
3-Pin Metal Header Package (TO-5)
H-03B
AD581TH1
−55°C to +125°C
3-Pin Metal Header Package (TO-5)
H-03B
AD581UH1
−55°C to +125°C
3-Pin Metal Header Package (TO-5)
H-03B
1 RoHS compliant model as of Date Code 0713.


Número de pieza similar - AD581UH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD581UH AD-AD581UH Datasheet
329Kb / 12P
   High Precision 10 V IC Reference
REV. C
AD581UH1 AD-AD581UH1 Datasheet
329Kb / 12P
   High Precision 10 V IC Reference
REV. C
More results

Descripción similar - AD581UH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD581 AD-AD581_15 Datasheet
329Kb / 12P
   High Precision 10 V IC Reference
REV. C
AD581SH AD-AD581SH Datasheet
329Kb / 12P
   High Precision 10 V IC Reference
REV. C
AD581 AD-AD581 Datasheet
329Kb / 12P
   High Precision 10 V IC Reference
REV. C
AD688 AD-AD688_15 Datasheet
490Kb / 16P
   High Precision 10 V Reference
REV. B
AD688 AD-AD688 Datasheet
406Kb / 8P
   High Precision -10 V Reference
REV. A
AD587 AD-AD587_15 Datasheet
361Kb / 12P
   High Precision 10 V Reference
Rev. H
AD587 AD-AD587 Datasheet
177Kb / 12P
   High Precision 10 V Reference
REV. F
5962-8982502PA AD-5962-8982502PA Datasheet
361Kb / 12P
   High Precision 10 V Reference
Rev. H
AD688ARWZ AD-AD688ARWZ Datasheet
490Kb / 16P
   High Precision 10 V Reference
REV. B
AD580 AD-AD580_04 Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com