Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD581UH Datasheet(PDF) 3 Page - Analog Devices

No. de pieza AD581UH
Descripción Electrónicos  High Precision 10 V IC Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD581UH Datasheet(HTML) 3 Page - Analog Devices

  AD581UH Datasheet HTML 1Page - Analog Devices AD581UH Datasheet HTML 2Page - Analog Devices AD581UH Datasheet HTML 3Page - Analog Devices AD581UH Datasheet HTML 4Page - Analog Devices AD581UH Datasheet HTML 5Page - Analog Devices AD581UH Datasheet HTML 6Page - Analog Devices AD581UH Datasheet HTML 7Page - Analog Devices AD581UH Datasheet HTML 8Page - Analog Devices AD581UH Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD581
Rev. C | Page 3 of 12
SPECIFICATIONS
@ VIN = +15 V and TA = +25°C.
Specifications shown in boldface are tested on all production units at final electrical test. Results from those tests are used to calculate
outgoing quality levels. All minimum and maximum specifications are guaranteed, although only those shown in boldface are tested on
all production units.
Table 1.
Model
AD581J
AD581K
AD581L
Units
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
OUTPUT VOLTAGE TOLERANCE
(Error from Nominal 10,000 V Output)
±30
±10
±5
mV
OUTPUT VOLTAGE CHANGE
Maximum Deviation from +25°C
±13.5
±6.75
±2.25
mV
Value, TMIN to TMAX
Temperature Coefficient
30
15
5
ppm/°C
LINE REGULATION
15 V ≤ VIN ≤ 30 V
3.0
3.0
3.0
mV
(0.002)
(0.002)
(0.002)
%/V
13 V ≤ VIN ≤ 15 V
1.0
1.0
1.0
mV
(0.005)
(0.005)
(0.005)
%/V
LOAD REGULATION
0 ≤ IOUT ≤ 5 mA
200
500
200
500
200
500
μV/mA
QUIESCENT CURRENT
0.75
1.0
0.75
1.0
0.75
1.0
mA
TURN-ON SETTLING TIME TO 0.1%1
200
200
200
μs
NOISE (0.1 Hz TO 10 Hz)
40
40
40
μV (p-p)
LONG-TERM STABILITY
25
25
25
ppm/1000 hr
SHORT-CIRCUIT CURRENT
30
30
30
mA
OUTPUT CURRENT
Source @ +25°C
10
10
10
mA
Source TMIN to TMAX
5
5
5
mA
Sink TMIN to TMAX
5
5
5
μA
TEMPERATURE RANGE
Specified
0
70
0
70
0
70
°C
Operating
−65
+150
−65
+150
−65
+150
°C
PACKAGE OPTION2
TO-5 (H-03B)
AD581JH
AD581KH
AD581LH
1 See Figure 7.
2 H indicates the hermetic metal can.


Número de pieza similar - AD581UH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD581UH AD-AD581UH Datasheet
329Kb / 12P
   High Precision 10 V IC Reference
REV. C
AD581UH1 AD-AD581UH1 Datasheet
329Kb / 12P
   High Precision 10 V IC Reference
REV. C
More results

Descripción similar - AD581UH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD581 AD-AD581_15 Datasheet
329Kb / 12P
   High Precision 10 V IC Reference
REV. C
AD581SH AD-AD581SH Datasheet
329Kb / 12P
   High Precision 10 V IC Reference
REV. C
AD581 AD-AD581 Datasheet
329Kb / 12P
   High Precision 10 V IC Reference
REV. C
AD688 AD-AD688_15 Datasheet
490Kb / 16P
   High Precision 10 V Reference
REV. B
AD688 AD-AD688 Datasheet
406Kb / 8P
   High Precision -10 V Reference
REV. A
AD587 AD-AD587_15 Datasheet
361Kb / 12P
   High Precision 10 V Reference
Rev. H
AD587 AD-AD587 Datasheet
177Kb / 12P
   High Precision 10 V Reference
REV. F
5962-8982502PA AD-5962-8982502PA Datasheet
361Kb / 12P
   High Precision 10 V Reference
Rev. H
AD688ARWZ AD-AD688ARWZ Datasheet
490Kb / 16P
   High Precision 10 V Reference
REV. B
AD580 AD-AD580_04 Datasheet
196Kb / 8P
   High Precision, 2.5 V IC Reference
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com