Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7091RBCPZ-RL Datasheet(PDF) 3 Page - Analog Devices

No. de pieza AD7091RBCPZ-RL
Descripción Electrónicos  1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7091RBCPZ-RL Datasheet(HTML) 3 Page - Analog Devices

  AD7091RBCPZ-RL Datasheet HTML 1Page - Analog Devices AD7091RBCPZ-RL Datasheet HTML 2Page - Analog Devices AD7091RBCPZ-RL Datasheet HTML 3Page - Analog Devices AD7091RBCPZ-RL Datasheet HTML 4Page - Analog Devices AD7091RBCPZ-RL Datasheet HTML 5Page - Analog Devices AD7091RBCPZ-RL Datasheet HTML 6Page - Analog Devices AD7091RBCPZ-RL Datasheet HTML 7Page - Analog Devices AD7091RBCPZ-RL Datasheet HTML 8Page - Analog Devices AD7091RBCPZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet
AD7091R
Rev. 0 | Page 3 of 20
SPECIFICATIONS
VDD = 2.7 V to 5.25 V, VDRIVE = 1.65 V to 5.25 V, VREF = 2.5 V internal reference, fSAMPLE = 1 MSPS, fSCLK = 50 MHz, TA = −40°C to +125°C,
unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE1
fIN = 10 kHz sine wave
Signal-to-Noise Ratio (SNR)2
66.5
69
dB
fSAMPLE = 500 kSPS
67.5
70
dB
Signal-to-Noise-and-Distortion Ratio (SINAD)2
66
69
dB
Total Harmonic Distortion (THD)2
−84
−79
dB
Spurious Free Dynamic Range (SFDR)2
−85
−78
dB
Aperture Delay2
5
ns
Aperture Jitter2
40
ps
Full Power Bandwidth2
At −3 dB
7.5
MHz
At −0.1 dB
1.2
MHz
DC ACCURACY
Resolution
12
Bits
Integral Nonlinearity (INL)2, 3
VDRIVE ≤ 3.3 V
±0.8
±1
LSB
VDRIVE > 3.3 V with external VREF
±1
LSB
Differential Nonlinearity (DNL)2
Guaranteed no missing codes to 12 bits
±0.3
±0.9
LSB
Offset Error2
±0.6
±2
LSB
Gain Error2
±0.8
±3
LSB
Total Unadjusted Error (TUE)2
−2
LSB
ANALOG INPUT
Input Voltage Range
0
VREF
V
DC Leakage Current
±1
µA
Input Capacitance4
During acquisition phase
7
pF
Outside acquisition phase
1
pF
VOLTAGE REFERENCE INPUT/OUTPUT
REFOUT
2.485
2.5
2.525
V
REFIN
2.7
VDD
V
Drift
±4.5
±25
ppm/°C
LOGIC INPUTS
Input High Voltage (VINH)
0.7 × VDRIVE
V
Input Low Voltage (VINL)
0.3 × VDRIVE
V
Input Current (IIN)
Typically 10 nA, VIN = 0 V or VDRIVE
±1
µA
Input Capacitance (CIN)4
5
pF
LOGIC OUTPUTS
Output High Voltage (VOH)
ISOURCE = 200 µA
VDRIVE − 0.2
V
Output Low Voltage (VOL)
ISINK = 200 µA
0.4
V
Floating State Leakage Current
±1
µA
Floating State Output Capacitance4
5
pF
Output Coding
Straight binary
CONVERSION RATE
Conversion Time
650
ns
Track-and-Hold Acquisition Time2, 4
Full-scale step input
350
ns
Throughput Rate
1
MSPS


Número de pieza similar - AD7091RBCPZ-RL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7091RBCPZ-RL AD-AD7091RBCPZ-RL Datasheet
454Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
REV. 0
AD7091RBCPZ-RL7 AD-AD7091RBCPZ-RL7 Datasheet
454Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
REV. 0
More results

Descripción similar - AD7091RBCPZ-RL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7091R AD-AD7091R Datasheet
454Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 10-Lead LFCSP and MSOP
REV. 0
AD7091 AD-AD7091 Datasheet
448Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 8-Lead LFCSP
REV. A
AD7980 AD-AD7980_17 Datasheet
772Kb / 28P
   16-Bit, 1 MSPS, PulSAR ADC in MSOP/LFCSP
AD7980 AD-AD7980_15 Datasheet
862Kb / 29P
   16-Bit, 1 MSPS PulSAR ADC in MSOP/LFCSP
REV. D
AD7982 AD-AD7982_17 Datasheet
804Kb / 26P
   18-Bit, 1 MSPS PulSAR 7 mW ADC in MSOP/LFCSP
AD7946 AD-AD7946_17 Datasheet
597Kb / 25P
   PulSAR ADC in MSOP and LFCSP
AD7984 AD-AD7984_17 Datasheet
657Kb / 25P
   18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/LFCSP
AD7984 AD-AD7984_15 Datasheet
594Kb / 24P
   18-Bit, 1.33 MSPS PulSAR 10.5 mW ADC in MSOP/LFCSP
REV. B
AD7091R-5 AD-AD7091R-5 Datasheet
699Kb / 34P
   4-Channel, I2C, Ultralow Power, 12-Bit ADC in 20-Lead LFCSP/TSSOP
AD7693 AD-AD7693_15 Datasheet
665Kb / 24P
   Differential ADC in MSOP/LFCSP
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com