Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG507AKPZ Datasheet(PDF) 2 Page - Analog Devices

No. de pieza ADG507AKPZ
Descripción Electrónicos  CMOS 8-/16-Channel Analog Multiplexers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG507AKPZ Datasheet(HTML) 2 Page - Analog Devices

  ADG507AKPZ Datasheet HTML 1Page - Analog Devices ADG507AKPZ Datasheet HTML 2Page - Analog Devices ADG507AKPZ Datasheet HTML 3Page - Analog Devices ADG507AKPZ Datasheet HTML 4Page - Analog Devices ADG507AKPZ Datasheet HTML 5Page - Analog Devices ADG507AKPZ Datasheet HTML 6Page - Analog Devices ADG507AKPZ Datasheet HTML 7Page - Analog Devices ADG507AKPZ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
–2–
REV. C
ADG506A/ADG507A–SPECIFICATIONS
Dual Supply (V
DD = +10.8 V to +16.5 V, VSS = –10.8 V to –16.5 V unless otherwise noted)
ADG506A
ADG506A
ADG506A
ADG507A
ADG507A
ADG507A
K Version
B Version
T Version
–40 C to
–40 C to
–55 C to
Parameter
+25 C
+85 C
+25 C
+85 C
+25 C +125 C
Units
Comments
ANALOG SWITCH
Analog Signal Range
VSS
VSS
VSS
VSS
VSS
VSS
V min
VDD
VDD
VDD
VDD
VDD
VDD
V max
RON
280
280
280
Ω typ
–10 V
≤ V
S ≤ +10 V, IDS = 1 mA; Test Circuit 1
450
600
450
600
450
600
Ω max
300
400
300
400
Ω max
VDD = 15 V (± 10%), VSS = –15 V (± 10%)
300
400
Ω max
VDD = 15 V (± 5%), VSS = –15 V (± 5%)
RON Drift
0.6
0.6
0.6
%/
°C typ –10 V ≤ V
S ≤ +10 V, IDS = 1 mA
RON Match
5
5
5
% typ
–10 V
≤ V
S ≤ +10 V, IDS = 1 mA
IS (OFF), Off Input Leakage
0.02
0.02
0.02
nA typ
V1 =
±10 V, V2 = 10 V; Test Circuit 2
1
50
1
50
1
50
nA max
ID (OFF), Off Output Leakage
0.04
0.04
0.04
nA typ
V1 =
±10 V, V2 = 10 V; Test Circuit 3
ADG506A
1
200
1
200
1
200
nA max
ADG507A
1
100
1
100
1
100
nA max
ID (ON), On Channel Leakage
0.04
0.04
0.04
nA typ
V1 =
±10 V, V2 = 10 V; Test Circuit 4
ADG506A
1
200
1
200
1
200
nA max
ADG507A
1
100
1
100
1
100
nA max
IDIFF, Differential Off Output
Leakage (ADG507A Only)
25
25
25
nA max
V1 =
±10 V, V2 = 10 V; Test Circuit 5
DIGITAL CONTROL
VINH, Input High Voltage
2.4
2.4
2.4
V min
VINL, Input Low Voltage
0.8
0.8
0.8
V max
IINL or IINH
111
µA max
VIN = 0 to VDD
CIN Digital Input Capacitance
8
8
8
pF max
DYNAMIC CHARACTERISTICS
tTRANSITION
1
200
200
200
ns typ
V1 =
±10 V, V2 = +10 V; Test Circuit 6
300
400
300
400
300
400
ns max
tOPEN
1
50
50
50
ns typ
Test Circuit 7
25
10
25
10
25
10
ns min
tON (EN)
1
200
200
200
ns typ
Test Circuit 8
300
400
300
400
300
400
ns max
tOFF (EN)
1
200
200
200
ns typ
Test Circuit 8
300
400
300
400
300
400
ns max
OFF Isolation
68
68
68
dB typ
VEN = 0.8 V, RL = 1 kΩ, CL = 15 pF,
50
50
50
dB min
VS = 7 V rms, f = 100 kHz
CS (OFF)
5
5
5
pF typ
VEN = 0.8 V
CD (OFF)
ADG506A
44
44
44
pF typ
VEN = 0.8 V
ADG507A
22
22
22
pF typ
QINJ, Charge Injection
4
4
4
pC typ
RS = 0 Ω, VS = 0 V; Test Circuit 9
POWER SUPPLY
IDD
0.6
0.6
0.6
mA typ
VIN = VINL or VlNH
1.5
1.5
1.5
mA max
ISS
20
20
20
µA typ
VIN = VIN or VINH
0.2
0.2
0.2
mA max
Power Dissipation
10
10
10
mW typ
28
28
28
mW max
NOTES
1Sample tested at +25
°C to ensure compliance.
Specifications subject to change without notice.


Número de pieza similar - ADG507AKPZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG507AKP AD-ADG507AKP Datasheet
134Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG507AKP AD-ADG507AKP Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG507AKP AD-ADG507AKP Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG507AKP AD-ADG507AKP Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG507AKP AD-ADG507AKP Datasheet
133Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
More results

Descripción similar - ADG507AKPZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG507AKRUZ AD-ADG507AKRUZ Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG507AKRZ AD-ADG507AKRZ Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506A AD-ADG506A Datasheet
134Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506ATE-883B AD-ADG506ATE-883B Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506AKNZ AD-ADG506AKNZ Datasheet
143Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506ATQ AD-ADG506ATQ Datasheet
133Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506ATQ AD-ADG506ATQ Datasheet
154Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506ATE AD-ADG506ATE Datasheet
133Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
ADG506AKPZ AD-ADG506AKPZ Datasheet
133Kb / 8P
   CMOS 8-/16-Channel Analog Multiplexers
REV. C
5962-89710013A AD-5962-89710013A Datasheet
415Kb / 20P
   CMOS Latched 8-/16-Channel Analog Multiplexers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com