Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADSP-2103 Datasheet(PDF) 2 Page - Analog Devices |
|
ADSP-2103 Datasheet(HTML) 2 Page - Analog Devices |
2 / 64 page ADSP-21xx –2– REV. B Fabricated in a high speed, submicron, double-layer metal CMOS process, the highest-performance ADSP-21xx proces- sors operate at 25 MHz with a 40 ns instruction cycle time. Every instruction can execute in a single cycle. Fabrication in CMOS results in low power dissipation. The ADSP-2100 Family’s flexible architecture and compre- hensive instruction set support a high degree of parallelism. In one cycle the ADSP-21xx can perform all of the following operations: • Generate the next program address • Fetch the next instruction • Perform one or two data moves • Update one or two data address pointers • Perform a computation • Receive and transmit data via one or two serial ports • Receive and/or transmit data via the host interface port (ADSP-2111 only) The ADSP-2101, ADSP-2105, and ADSP-2115 comprise the basic set of processors of the family. Each of these three devices contains program and data memory RAM, an interval timer, and one or two serial ports. The ADSP-2103 is a 3.3 volt power supply version of the ADSP-2101; it is identical to the ADSP-2101 in all other characteristics. Table I shows the features of each ADSP-21xx processor. The ADSP-2111 adds a 16-bit host interface port (HIP) to the basic set of ADSP-21xx integrated features. The host port provides a simple interface to host microprocessors or microcontrollers such as the 8031, 68000, or ISA bus. TABLE OF CONTENTS GENERAL DESCRIPTION . . . . . . . . . . . . . . . . . . . . . . . . 1 Development Tools . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 Additional Information . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 ARCHITECTURE OVERVIEW . . . . . . . . . . . . . . . . . . . . 4 Serial Ports . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 Host Interface Port (ADSP-2111) . . . . . . . . . . . . . . . . . . . . 6 Interrupts . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 Pin Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 SYSTEM INTERFACE . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 Clock Signals . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 Reset . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 Program Memory Interface . . . . . . . . . . . . . . . . . . . . . . . . 10 Program Memory Maps . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 Data Memory Interface . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 Data Memory Map . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 Boot Memory Interface . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 Bus Interface . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 Low Power IDLE Instruction . . . . . . . . . . . . . . . . . . . . . . 13 ADSP-216x Prototyping . . . . . . . . . . . . . . . . . . . . . . . . . . 13 Ordering Procedure for ADSP-216x ROM Processors . . . . 13 Wafer Products . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14 Functional Differences for Older Revision Devices . . . . . . 14 Instruction Set . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 SPECIFICATIONS (ADSP-2101/2105/2115/2161/2163) . . . . . . . . . . . . . . . 17 Recommended Operating Conditions . . . . . . . . . . . . . . . . 17 Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 17 Supply Current & Power (ADSP-2101/2161/2163) . . . . . . 18 Power Dissipation Example . . . . . . . . . . . . . . . . . . . . . . . . 19 Environmental Conditions . . . . . . . . . . . . . . . . . . . . . . . . . 19 Capacitive Loading . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19 Test Conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 SPECIFICATIONS (ADSP-2111) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21 Recommended Operating Conditions . . . . . . . . . . . . . . . . 21 Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 21 Supply Current & Power . . . . . . . . . . . . . . . . . . . . . . . . . . 22 Power Dissipation Example . . . . . . . . . . . . . . . . . . . . . . . . 23 Environmental Conditions . . . . . . . . . . . . . . . . . . . . . . . . . 23 Capacitive Loading . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23 Test Conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24 SPECIFICATIONS (ADSP-2103/2162/2164) . . . . . . . . . 25 Recommended Operating Conditions . . . . . . . . . . . . . . . . 25 Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 25 Supply Current & Power . . . . . . . . . . . . . . . . . . . . . . . . . . 26 Power Dissipation Example . . . . . . . . . . . . . . . . . . . . . . . . 27 Environmental Conditions . . . . . . . . . . . . . . . . . . . . . . . . . 27 Capacitive Loading . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27 Test Conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28 TIMING PARAMETERS (ADSP-2101/2105/2111/2115/2161/2163) . . . . . . . . . . . . 29 Clock Signals . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30 Interrupts & Flags . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31 Bus Request–Bus Grant . . . . . . . . . . . . . . . . . . . . . . . . . . . 32 Memory Read . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33 Memory Write . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34 Serial Ports . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35 Host Interface Port (ADSP-2111) . . . . . . . . . . . . . . . . . . . 36 TIMING PARAMETERS (ADSP-2103/2162/2164) . . . . 44 Clock Signals . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45 Interrupts & Flags . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 46 Bus Request–Bus Grant . . . . . . . . . . . . . . . . . . . . . . . . . . . 47 Memory Read . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48 Memory Write . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 49 Serial Ports . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 PIN CONFIGURATIONS 68-Pin PGA (ADSP-2101) . . . . . . . . . . . . . . . . . . . . . . . . 51 68-Lead PLCC (ADSP-2101/2103/2105/2115/216x) . . . . 52 80-Lead PQFP (ADSP-2101/2103/2115/216x) . . . . . . . . . 53 80-Lead TQFP (ADSP-2115) . . . . . . . . . . . . . . . . . . . . . . 53 100-Pin PGA (ADSP-2111) . . . . . . . . . . . . . . . . . . . . . . . 54 100-Lead PQFP (ADSP-2111) . . . . . . . . . . . . . . . . . . . . . 55 PACKAGE OUTLINE DIMENSIONS 68-Pin PGA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 56 68-Lead PLCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 57 80-Lead PQFP, 80-Lead TQFP . . . . . . . . . . . . . . . . . . . . 58 100-Pin PGA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 59 100-Lead PQFP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60 ORDERING GUIDE . . . . . . . . . . . . . . . . . . . . . . . . . . 61-62 |
Número de pieza similar - ADSP-2103 |
|
Descripción similar - ADSP-2103 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |