Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADuC841BCP62-3 Datasheet(PDF) 10 Page - Analog Devices |
|
ADuC841BCP62-3 Datasheet(HTML) 10 Page - Analog Devices |
10 / 88 page ADuC841/ADuC842/ADuC843 Rev. 0 | Page 10 of 88 Mnemonic Type Function P3.0–P3.7 I/O Port 3 is a bidirectional port with internal pull-up resistors. Port 3 pins that have 1s written to them are pulled high by the internal pull-up resistors, and in that state can be used as inputs. As inputs, Port 3 pins being pulled externally low source current because of the internal pull-up resistors. Port 3 pins also contain various secondary functions, which are described below. PWMC I PWM Clock Input. PWM0 O PWM0 Voltage Output. PWM outputs can be configured to use Ports 2.6 and 2.7 or Ports 3.4 and 3.3. PWM1 O PWM1 Voltage Output. See the CFG841/CFG842 register for further information. RxD I/O Receiver Data Input (Asynchronous) or Data Input/Output (Synchronous) of the Serial (UART) Port. TxD O Transmitter Data Output (Asynchronous) or Clock Output (Synchronous) of the Serial (UART) Port. INT0 I Interrupt 0. Programmable edge or level triggered interrupt input; can be programmed to one of two priority levels. This pin can also be used as a gate control input to Timer 0. INT1 I Interrupt 1. Programmable edge or level triggered interrupt input; can be programmed to one of two priority levels. This pin can also be used as a gate control input to Timer 1. T0 I Timer/Counter 0 Input. T1 I Timer/Counter 1 Input. CONVST I Active Low Convert Start Logic Input for the ADC Block when the External Convert Start Function is Enabled. A low-to-high transition on this input puts the track-and-hold into hold mode and starts the conversion. EXTCLK I Input for External Clock Signal. Has to be enabled via the CFG842 register. WR O Write Control Signal, Logic Output. Latches the data byte from Port 0 into the external data memory. RD O Read Control Signal, Logic Output. Enables the external data memory to Port 0. XTAL2 O Output of the Inverting Oscillator Amplifier. XTAL1 I Input to the Inverting Oscillator Amplifier. DGND G Digital Ground. Ground reference point for the digital circuitry. P2.0–P2.7 (A8–A15) (A16–A23) I/O Port 2 is a bidirectional port with internal pull-up resistors. Port 2 pins that have 1s written to them are pulled high by the internal pull-up resistors, and in that state can be used as inputs. As inputs, Port 2 pins being pulled externally low source current because of the internal pull-up resistors. Port 2 emits the middle and high-order address bytes during accesses to the external 24-bit external data memory space. PSEN O Program Store Enable, Logic Output. This pin remains low during internal program execution. PSEN is used to enable serial download mode when pulled low through a resistor on power-up or reset. On reset this pin will momentarily become an input and the status of the pin is sampled. If there is no pulldown resistor in place the pin will go momentarilly high and then user code will execute. If a pull-down resistor is in place, the embedded serial download/debug kernel will execute. ALE O Address Latch Enable, Logic Output. This output is used to latch the low byte and page byte for 24-bit address space accesses of the address into external data memory. EA I External Access Enable, Logic Input. When held high, this input enables the device to fetch code from internal program memory locations. The parts do not support external code memory. This pin should not be left floating. P0.7–P0.0 (A0-A7) I/O Port 0 is an 8-bit open-drain bidirectional I/O port. Port 0 pins that have 1s written to them float, and in that state can be used as high impedance inputs. Port 0 is also the multiplexed low-order address and data bus during accesses to external data memory. In this application, it uses strong internal pull-ups when emitting 1s. Types: P = Power, G = Ground, I= Input, O = Output., NC = No Connect |
Número de pieza similar - ADuC841BCP62-3 |
|
Descripción similar - ADuC841BCP62-3 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |