Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADP1707ACPZ-095R7 Datasheet(PDF) 6 Page - Analog Devices

No. de pieza ADP1707ACPZ-095R7
Descripción Electrónicos  1 A, Low Dropout, CMOS Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADP1707ACPZ-095R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP1707ACPZ-095R7 Datasheet HTML 2Page - Analog Devices ADP1707ACPZ-095R7 Datasheet HTML 3Page - Analog Devices ADP1707ACPZ-095R7 Datasheet HTML 4Page - Analog Devices ADP1707ACPZ-095R7 Datasheet HTML 5Page - Analog Devices ADP1707ACPZ-095R7 Datasheet HTML 6Page - Analog Devices ADP1707ACPZ-095R7 Datasheet HTML 7Page - Analog Devices ADP1707ACPZ-095R7 Datasheet HTML 8Page - Analog Devices ADP1707ACPZ-095R7 Datasheet HTML 9Page - Analog Devices ADP1707ACPZ-095R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADP1706/ADP1707/ADP1708
Rev. 0 | Page 6 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
EN 1
GND 2
IN 3
IN 4
SS
8
SENSE
7
OUT
6
OUT
5
ADP1706
TOP VIEW
(Not to Scale)
ADP1706
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
1
EN
2
GND
3
IN
4
IN
7 SENSE
8SS
6OUT
5OUT
Figure 4. 8-Lead SOIC, ADP1706
Figure 5. 8-Lead LFCSP, ADP1706
EN 1
GND 2
IN 3
IN 4
TRK
8
SENSE
7
OUT
6
OUT
5
ADP1707
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
1
EN
2
GND
3
IN
4
IN
7SENSE
8TRK
6OUT
5OUT
TOP VIEW
(Not to Scale)
ADP1707
Figure 6. 8-Lead SOIC, ADP1707
Figure 7. 8-Lead LFCSP, ADP1707
EN 1
GND 2
IN 3
IN 4
ADJ
8
SENSE
7
OUT
6
OUT
5
ADP1708
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
1
EN
2
GND
3
IN
4
IN
7 SENSE
8 ADJ
6OUT
5OUT
ADP1708
TOP VIEW
(Not to Scale)
Figure 8. 8-Lead SOIC, ADP1708
Figure 9. 8-Lead LFCSP, ADP1708
Table 4. Pin Function Descriptions
ADP1706
Pin No.
ADP1707
Pin No.
ADP1708
Pin No.
Mnemonic
Description
1
1
1
EN
Enable Input. Drive EN high to turn on the regulator; drive it low to turn off the
regulator. For automatic startup, connect EN to IN.
2
2
2
GND
Ground.
3, 4
3, 4
3, 4
IN
Regulator Input Supply. Bypass IN to GND with a 4.7 μF or greater capacitor.
5, 6
5, 6
5, 6
OUT
Regulated Output Voltage. Bypass OUT to GND with a 4.7 μF or greater capacitor.
7
7
7
SENSE
Sense. Measures the actual output voltage at the load and feeds it to the error
amplifier. Connect SENSE as close as possible to the load to minimize the effect
of IR drop between the regulator output and the load.
8
N/A
N/A
SS
Soft Start. A capacitor connected to this pin determines the soft start time.
N/A
8
N/A
TRK
Track. The output follows the voltage applied at the TRK pin. See the Theory of
Operation section for a more detailed description.
N/A
N/A
8
ADJ
Adjust. A resistor divider from OUT to ADJ sets the output voltage.
EP
EP
EP
EP
The exposed pad on the bottom of the SOIC package and the LFCSP package. EP
enhances thermal performance and is electrically connected to GND inside the
package. User is recommended to connect EP to the ground plane on the board.


Número de pieza similar - ADP1707ACPZ-095R7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADP1707ACPZ-1.8-R7 AD-ADP1707ACPZ-1.8-R7 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
More results

Descripción similar - ADP1707ACPZ-095R7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADP1706ARDZ-0.75R7 AD-ADP1706ARDZ-0.75R7 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1707ACPZ-1.8-R7 AD-ADP1707ACPZ-1.8-R7 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
ADP1708ARDZ AD-ADP1708ARDZ Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
Rev. 0
ADP1706 AD-ADP1706 Datasheet
563Kb / 20P
   1 A, Low Dropout, CMOS Linear Regulator
REV. 0
logo
Texas Instruments
LP38690-ADJ TI1-LP38690-ADJ_16 Datasheet
1Mb / 27P
[Old version datasheet]   1-A Low Dropout CMOS Linear Regulator
logo
Analog Devices
ADP1740 AD-ADP1740 Datasheet
165Kb / 6P
   2 A, Low Dropout, CMOS Linear Regulator
Rev. PrA
logo
SeCoS Halbleitertechnol...
SJ1212 SECOS-SJ1212 Datasheet
396Kb / 3P
   1 A Low Dropout Positive Low Dropout Linear Regulator
logo
ON Semiconductor
NCP565 ONSEMI-NCP565_10 Datasheet
180Kb / 17P
   1.5 A Low Dropout Linear Regulator
November, 2010 ??Rev. 15
NCP565 ONSEMI-NCP565 Datasheet
111Kb / 12P
   1.5 A Low Dropout Linear Regulator
July, 2004 ??Rev. 8
logo
Analog Devices
ADP1714 AD-ADP1714_15 Datasheet
491Kb / 16P
   300 mA, Low Dropout CMOS Linear Regulator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com