Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADSP-2164KS-40(3.3V) Datasheet(PDF) 2 Page - Analog Devices

No. de pieza ADSP-2164KS-40(3.3V)
Descripción Electrónicos  ADSP-2100 Family DSP Microcomputers
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADSP-2164KS-40(3.3V) Datasheet(HTML) 2 Page - Analog Devices

  ADSP-2164KS-40(3.3V) Datasheet HTML 1Page - Analog Devices ADSP-2164KS-40(3.3V) Datasheet HTML 2Page - Analog Devices ADSP-2164KS-40(3.3V) Datasheet HTML 3Page - Analog Devices ADSP-2164KS-40(3.3V) Datasheet HTML 4Page - Analog Devices ADSP-2164KS-40(3.3V) Datasheet HTML 5Page - Analog Devices ADSP-2164KS-40(3.3V) Datasheet HTML 6Page - Analog Devices ADSP-2164KS-40(3.3V) Datasheet HTML 7Page - Analog Devices ADSP-2164KS-40(3.3V) Datasheet HTML 8Page - Analog Devices ADSP-2164KS-40(3.3V) Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 64 page
background image
ADSP-21xx
–2–
REV. B
Fabricated in a high speed, submicron, double-layer metal
CMOS process, the highest-performance ADSP-21xx proces-
sors operate at 25 MHz with a 40 ns instruction cycle time.
Every instruction can execute in a single cycle. Fabrication in
CMOS results in low power dissipation.
The ADSP-2100 Family’s flexible architecture and compre-
hensive instruction set support a high degree of parallelism.
In one cycle the ADSP-21xx can perform all of the following
operations:
Generate the next program address
Fetch the next instruction
Perform one or two data moves
Update one or two data address pointers
Perform a computation
Receive and transmit data via one or two serial ports
Receive and/or transmit data via the host interface port
(ADSP-2111 only)
The ADSP-2101, ADSP-2105, and ADSP-2115 comprise the
basic set of processors of the family. Each of these three devices
contains program and data memory RAM, an interval timer,
and one or two serial ports. The ADSP-2103 is a 3.3 volt
power supply version of the ADSP-2101; it is identical to the
ADSP-2101 in all other characteristics. Table I shows the
features of each ADSP-21xx processor.
The ADSP-2111 adds a 16-bit host interface port (HIP) to the
basic set of ADSP-21xx integrated features. The host port
provides a simple interface to host microprocessors or
microcontrollers such as the 8031, 68000, or ISA bus.
TABLE OF CONTENTS
GENERAL DESCRIPTION . . . . . . . . . . . . . . . . . . . . . . . . 1
Development Tools . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
Additional Information . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
ARCHITECTURE OVERVIEW . . . . . . . . . . . . . . . . . . . . 4
Serial Ports . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Host Interface Port (ADSP-2111) . . . . . . . . . . . . . . . . . . . . 6
Interrupts . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Pin Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
SYSTEM INTERFACE . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Clock Signals . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Reset . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Program Memory Interface . . . . . . . . . . . . . . . . . . . . . . . . 10
Program Memory Maps . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Data Memory Interface . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Data Memory Map . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Boot Memory Interface . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Bus Interface . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Low Power IDLE Instruction . . . . . . . . . . . . . . . . . . . . . . 13
ADSP-216x Prototyping . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Ordering Procedure for ADSP-216x ROM Processors . . . . 13
Wafer Products . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Functional Differences for Older Revision Devices . . . . . . 14
Instruction Set . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
SPECIFICATIONS
(ADSP-2101/2105/2115/2161/2163) . . . . . . . . . . . . . . . 17
Recommended Operating Conditions . . . . . . . . . . . . . . . . 17
Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Supply Current & Power (ADSP-2101/2161/2163) . . . . . . 18
Power Dissipation Example . . . . . . . . . . . . . . . . . . . . . . . . 19
Environmental Conditions . . . . . . . . . . . . . . . . . . . . . . . . . 19
Capacitive Loading . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
Test Conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
SPECIFICATIONS
(ADSP-2111) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Recommended Operating Conditions . . . . . . . . . . . . . . . . 21
Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Supply Current & Power . . . . . . . . . . . . . . . . . . . . . . . . . . 22
Power Dissipation Example . . . . . . . . . . . . . . . . . . . . . . . . 23
Environmental Conditions . . . . . . . . . . . . . . . . . . . . . . . . . 23
Capacitive Loading . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
Test Conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
SPECIFICATIONS (ADSP-2103/2162/2164) . . . . . . . . . 25
Recommended Operating Conditions . . . . . . . . . . . . . . . . 25
Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Supply Current & Power . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Power Dissipation Example . . . . . . . . . . . . . . . . . . . . . . . . 27
Environmental Conditions . . . . . . . . . . . . . . . . . . . . . . . . . 27
Capacitive Loading . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Test Conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
TIMING PARAMETERS
(ADSP-2101/2105/2111/2115/2161/2163) . . . . . . . . . . . . 29
Clock Signals . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
Interrupts & Flags . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Bus Request–Bus Grant . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
Memory Read . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33
Memory Write . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
Serial Ports . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
Host Interface Port (ADSP-2111) . . . . . . . . . . . . . . . . . . . 36
TIMING PARAMETERS (ADSP-2103/2162/2164) . . . . 44
Clock Signals . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45
Interrupts & Flags . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 46
Bus Request–Bus Grant . . . . . . . . . . . . . . . . . . . . . . . . . . . 47
Memory Read . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 48
Memory Write . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 49
Serial Ports . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50
PIN CONFIGURATIONS
68-Pin PGA (ADSP-2101) . . . . . . . . . . . . . . . . . . . . . . . . 51
68-Lead PLCC (ADSP-2101/2103/2105/2115/216x) . . . . 52
80-Lead PQFP (ADSP-2101/2103/2115/216x) . . . . . . . . . 53
80-Lead TQFP (ADSP-2115) . . . . . . . . . . . . . . . . . . . . . . 53
100-Pin PGA (ADSP-2111) . . . . . . . . . . . . . . . . . . . . . . . 54
100-Lead PQFP (ADSP-2111) . . . . . . . . . . . . . . . . . . . . . 55
PACKAGE OUTLINE DIMENSIONS
68-Pin PGA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 56
68-Lead PLCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 57
80-Lead PQFP, 80-Lead TQFP . . . . . . . . . . . . . . . . . . . . 58
100-Pin PGA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 59
100-Lead PQFP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60
ORDERING GUIDE . . . . . . . . . . . . . . . . . . . . . . . . . . 61-62


Número de pieza similar - ADSP-2164KS-40(3.3V)

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADSP-2164KS-40 AD-ADSP-2164KS-40 Datasheet
243Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-2164KS-40 AD-ADSP-2164KS-40 Datasheet
666Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2164KS-40 AD-ADSP-2164KS-40 Datasheet
668Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2164KS-40 AD-ADSP-2164KS-40 Datasheet
461Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2164KS-40 AD-ADSP-2164KS-40 Datasheet
389Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
More results

Descripción similar - ADSP-2164KS-40(3.3V)

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADSP-2105KP-40 AD-ADSP-2105KP-40 Datasheet
389Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2101 AD-ADSP-2101_15 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-21XX AD-ADSP-21XX Datasheet
666Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2115BPZ-100 AD-ADSP-2115BPZ-100 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-21XX1111 AD-ADSP-21XX1111 Datasheet
668Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-21XX4444 AD-ADSP-21XX4444 Datasheet
461Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2103 AD-ADSP-2103_15 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2105 AD-ADSP-2105_15 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2115 AD-ADSP-2115_15 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADDS-21XX-TOOLS AD-ADDS-21XX-TOOLS Datasheet
121Kb / 16P
   ADSP-2100 Family Development Tools
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com