Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SML-D14MWA Datasheet(PDF) 6 Page - Rohm

No. de pieza SML-D14MWA
Descripción Electrónicos  Original device technology enables high brightness and high reliability
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

SML-D14MWA Datasheet(HTML) 6 Page - Rohm

  SML-D14MWA Datasheet HTML 1Page - Rohm SML-D14MWA Datasheet HTML 2Page - Rohm SML-D14MWA Datasheet HTML 3Page - Rohm SML-D14MWA Datasheet HTML 4Page - Rohm SML-D14MWA Datasheet HTML 5Page - Rohm SML-D14MWA Datasheet HTML 6Page - Rohm SML-D14MWA Datasheet HTML 7Page - Rohm SML-D14MWA Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
Data Sheet
SML-D14(A) series
lAttention Points In Handling
This product was developed as a surface mount LED especially suitable for reflow soldering.
Please take care of following points when using this device.
1.DESIGNING OF PCB
As for a recommendable solder pattern, Please refer to Fig-1.
The size and direction of the pad pattern depend on the condition of the PCB.
Thorough design review is recommended before the final designing
This product of structured with rear/bottom electrode to be soldered.
The formation of solder fillet is not guaranteed due to its electrode shape.
2.SOLDERING (Sn-Cu, Sn-Ag-Cu, Sn-Ag-Bi-Cu)
LED products do not contain reinforcement
materials such as glass fillers.
Therefore, thermal stress by soldering greatly
influence its reliability.
The temperature conditions for reflow soldering
should therefore be set up according to the
characteristic of this product. (See Fig-2)
Number of reflow process shall be max 2 times
and these processes shall be performed in a row.
Cooling process to normal temperature shall be required
between first and second soldering process.
3.HANDLING AFTER MOUNTING (Fig-3)
As shown in the drawing on the right, in case outside force of
about 700g is given to the device, stress is concentrated to the
jointed part between mold resin and substrate.
Therefore there is a possibility to breath the device or PCB.
Careful handing is needed as ROHM cannot guarantee
the falling of the device by outside force after mounting.
Min.1 min Max. 40sec
Max.260ºC, Within 10sec
140 to 180ºC
230 to 260ºC
(Fig-3)
(Fig-2)
0.85mm
0.8mm
0.8mm
PCB Bonding Direction
0.8mm
(Fig-1)
Outside Force
PCB
Mold
Substrate
Soldering part
Emitting Direction
6/7
2014.01 - Rev.A


Número de pieza similar - SML-D14MWA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
SML-D14MW ROHM-SML-D14MW Datasheet
650Kb / 11P
   Original device technology enables high brightness
More results

Descripción similar - SML-D14MWA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
SML-D12Y3W ROHM-SML-D12Y3W Datasheet
555Kb / 11P
   Original device technology enables high brightness and high reliability
SML-E1X ROHM-SML-E1X Datasheet
572Kb / 12P
   Original device technology enables high brightness and high reliability
2017.3 - Rev.004
SML-D14 ROHM-SML-D14 Datasheet
442Kb / 8P
   Original device technology enables high brightness and high reliability
SML-51VW ROHM-SML-51VW Datasheet
167Kb / 3P
   Original device technology enables high brightness and high reliability
SML-D1 ROHM-SML-D1 Datasheet
1Mb / 4P
   Original device technology enables high brightness and high reliability
SML-P12YTT86 ROHM-SML-P12YTT86 Datasheet
919Kb / 11P
   Original device technology enables high brightness and high reliability
SML-D13VW ROHM-SML-D13VW Datasheet
491Kb / 11P
   Original device technology enables high brightness
SML-D14VW ROHM-SML-D14VW Datasheet
650Kb / 11P
   Original device technology enables high brightness
SML-E12V8W ROHM-SML-E12V8W Datasheet
578Kb / 13P
   Original device technology enables high brightness
SML-51 ROHM-SML-51_11 Datasheet
1Mb / 4P
   Original device technology enables high brightness
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com