Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AMMP-6522-TR2G Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

No. de pieza AMMP-6522-TR2G
Descripción Electrónicos  7 to 20 GHz GaAs MMIC LNA/IRM Receiver in SMT Package
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

AMMP-6522-TR2G Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  AMMP-6522-TR2G Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED AMMP-6522-TR2G Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED AMMP-6522-TR2G Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED AMMP-6522-TR2G Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED AMMP-6522-TR2G Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED AMMP-6522-TR2G Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED AMMP-6522-TR2G Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Electrical Specifications
1. Small/Large -signal data measured in a fully de-embedded test fixture form TA = 25°C.
2. Pre-assembly into package performance verified 100% on-wafer per AMMC-6522 published specifications.
3. This final package part performance is verified by a functional test correlated to actual performance at one or more
frequencies.
4. Specifications are derived from measurements in a 50 Ω test environment. Aspects of the amplifier performance
may be improved over a more narrow bandwidth by application of additional conjugate, linearity, or low noise
(Гopt) matching.
5. NF is measure on-wafer. Additional bond wires (-0.2nH) at Input could improve NF at some frequencies.
Table 1. RF Electrical Characteristics
TA=25°C, Vd=4.0V, Vg=-1V, Zo=50 Ω, LO=+15dBm, IF=2GHz [1]
Parameter
RF=8GHz, LO=10GHz
RF=18GHz, LO=20GHz
Unit
Comment
Min
Typ
Max
Min
Typ
Max
Noise Figure into 50 Ω, NF
2.6
3.3
3
3.3
dB
Conversion Gain, CG
12
13
12
14
dB
Input Third Order Intercept, IIP3
-8
-6
-5
-0.4
dBm
Image Rejection, Sup
15
29
15
30
dB
Note:
1. All tested parameters are guaranteed with the following measurement accuracy:
RF=8GHz:
±0.6dB for Conversion Gain, ±10dB for IRR, ±0.5dB for NF, ±0.8dBm for IIP3
RF=18GHz:
±1.8dB for Conversion Gain, ±1.6dB for IRR, ±0.6dB for NF, ±1.7dBm for IIP3
Table 2. Recommended Operating Range
1. Ambient operational temperature TA = 25°C unless otherwise noted.
2. Channel-to-backside Thermal Resistance (Tchannel (Tch) = 34°C) as measured using infrared microscopy. Thermal
Resistance at backside temperature (Tb) = 25°C calculated from measured data.
Description
Min.
Typical
Max.
Unit
Comments
Drain Supply Current, Id
75
95
mA
Vd = 4.0 V
Drain Supply Voltage, Vd
3
4
5
V
Gate Supply Voltage, Vg
-1.2
-1.0
-0.8
V
Ig = 0.1mA
RF Frequency, RFfreq
7
20
GHz
LO Frequency, LOfreq
5
22
GHz
IF Frequency, IFfreq [1]
DC
3.5
GHz
LO Drive Power, LO
+10
+15
+22
dBm
Note:
1. Use IF = DC with caution. Please see “Biasing and Operation” for more details.


Número de pieza similar - AMMP-6522-TR2G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6522-TR2G AVAGO-AMMP-6522-TR2G Datasheet
118Kb / 2P
   Refer to Appendix A
logo
Broadcom Corporation.
AMMP-6522-TR2G BOARDCOM-AMMP-6522-TR2G Datasheet
265Kb / 7P
   7 to 20 GHz GaAs MMIC LNA/IRM Receiver in SMT Package
More results

Descripción similar - AMMP-6522-TR2G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Broadcom Corporation.
AMMP-6522 BOARDCOM-AMMP-6522 Datasheet
265Kb / 7P
   7 to 20 GHz GaAs MMIC LNA/IRM Receiver in SMT Package
AMMP-6532 BOARDCOM-AMMP-6532 Datasheet
190Kb / 7P
   20-32 GHz GaAs MMIC LNA/IRM Receiver in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6522 AVAGO-AMMP-6522_15 Datasheet
265Kb / 7P
   7 to 20 GHz GaAs MMIC LNA/IRM Receiver
AMMP-6532 AVAGO-AMMP-6532 Datasheet
190Kb / 7P
   20-32 GHz GaAs MMIC LNA/IRM Receiver
AMMP-6222 AVAGO-AMMP-6222 Datasheet
606Kb / 12P
   7 to 21 GHz GaAs High Linearity LNA in SMT Package
AMMP-6222 AVAGO-AMMP-6222_15 Datasheet
253Kb / 11P
   7 to 21 GHz GaAs High Linearity LNA in SMT Package
logo
Broadcom Corporation.
AMMP-6222 BOARDCOM-AMMP-6222 Datasheet
253Kb / 11P
   7 to 21 GHz GaAs High Linearity LNA in SMT Package
AMMP-6232 BOARDCOM-AMMP-6232 Datasheet
178Kb / 8P
   18 to 32 GHz GaAs High Linearity LNA in SMT Package
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6232 AVAGO-AMMP-6232 Datasheet
558Kb / 9P
   18 TO 32 GHZ GAAS HIGH LINEARITY LNA IN SMT PACKAGE
AMMP-6232 AVAGO-AMMP-6232_13 Datasheet
178Kb / 8P
   18 to 32 GHz GaAs High Linearity LNA in SMT Package
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com