Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

U16C40C Datasheet(PDF) 2 Page - Thinki Semiconductor Co., Ltd.

No. de pieza U16C40C
Descripción Electrónicos  16.0 Ampere Heatsink Common Anode Ultra Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Página de inicio  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

U16C40C Datasheet(HTML) 2 Page - Thinki Semiconductor Co., Ltd.

  U16C40C Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. U16C40C Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
16
8
6
4
10
13
0.1
8
80
0.01
0.4
0.2
0.6
0.8
1.0
1.2
1.4
1.6
0
0
50
100
150
CASE TEMPERATURE,
oC
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
0
25
50
75
100
125
150
175
200
110
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.1
0
1
10
1000
100
20
40
60
80
100
FIG.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
0.1
10
1000
1.0
4.0
10
100
100
60 Hz Resistive or
Inductive load
Pulse Width 8.3ms
Single Half-Sire-Wave
(JEDEC Method)
TJ=25
o
C
PULSE WIDTH=300uS
1% DUTY CYCLE
TJ=125
o
C
TJ=25
o
C
TJ = 25
o
C
f = 1.0 MHZ
Vsig = 50mVp-p
U16C40A
U16C20A
U16C60A
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 2/2
Rev.04/2014
®
U16C20A thru U16C60A


Número de pieza similar - U16C40C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ABB
U16C40C ABB-U16C40C Datasheet
365Kb / 2P
   16.0 Ampere Heatsink Common Cathode Ultra Fast Recovery Rectifiers
logo
Thinki Semiconductor Co...
U16C40C THINKISEMI-U16C40C Datasheet
344Kb / 2P
   16.0 Ampere Heatsink Common Cathode Ultra Fast Recovery Rectifiers
More results

Descripción similar - U16C40C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Thinki Semiconductor Co...
MUR1680CTR THINKISEMI-MUR1680CTR Datasheet
348Kb / 2P
   16.0 Ampere Heatsink Common Anode Ultra Fast Recovery Rectifiers
FUR1620CTA THINKISEMI-FUR1620CTA Datasheet
345Kb / 2P
   16.0 Ampere Heatsink Common Anode Ultra Fast Recovery Rectifiers
F16C20A THINKISEMI-F16C20A_V01 Datasheet
423Kb / 2P
   16.0 Ampere Heatsink Common Anode Ultra Fast Recovery Rectifiers
TUR1620CTA THINKISEMI-TUR1620CTA Datasheet
345Kb / 2P
   16.0 Ampere Heatsink Common Anode Ultra Fast Recovery Rectifiers
U16C20A THINKISEMI-U16C20A_V01 Datasheet
344Kb / 2P
   16.0 Ampere Heatsink Common Anode Ultra Fast Recovery Rectifiers
MUR1620CTA THINKISEMI-MUR1620CTA Datasheet
237Kb / 2P
   16.0 Ampere Heatsink Common Anode Ultra Fast Recovery Rectifiers
logo
ABB
U16C20A ABB-U16C20A Datasheet
365Kb / 2P
   16.0 Ampere Heatsink Common Anode Ultra Fast Recovery Rectifiers
logo
Thinki Semiconductor Co...
H16C20A THINKISEMI-H16C20A Datasheet
345Kb / 2P
   16.0 Ampere Heatsink Common Anode Ultra Fast Recovery Rectifiers
MUR1680CTA THINKISEMI-MUR1680CTA_V01 Datasheet
348Kb / 2P
   16.0 Ampere Heatsink Common Anode Ultra Fast Recovery Rectifiers
MUR1620CTR THINKISEMI-MUR1620CTR_V01 Datasheet
345Kb / 2P
   16.0 Ampere Heatsink Common Anode Ultra Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com