Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI-3011ZF Datasheet(PDF) 2 Page - Sanken electric

No. de pieza SI-3011ZF
Descripción Electrónicos  High-Current, Low-Dropout, 1.1 to 5 V Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANKEN [Sanken electric]
Página de inicio  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI-3011ZF Datasheet(HTML) 2 Page - Sanken electric

  SI-3011ZF Datasheet HTML 1Page - Sanken electric SI-3011ZF Datasheet HTML 2Page - Sanken electric SI-3011ZF Datasheet HTML 3Page - Sanken electric SI-3011ZF Datasheet HTML 4Page - Sanken electric SI-3011ZF Datasheet HTML 5Page - Sanken electric SI-3011ZF Datasheet HTML 6Page - Sanken electric SI-3011ZF Datasheet HTML 7Page - Sanken electric SI-3011ZF Datasheet HTML 8Page - Sanken electric SI-3011ZF Datasheet HTML 9Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
SANKEN ELECTRIC CO., LTD.
SI-3011ZF
High-Current, Low-Dropout, 1.1 to 5 V Regulator
SI-3011ZF
Absolute Maximum Ratings
Characteristic
Symbol
Notes
Rating
Units
Input Voltage
VI
10
V
Output Current
IO
Output current rating is limited by input voltage, duty cycle, and
ambient temperature. Under any set of conditions, do not exceed
a junction temperature of +125°C.
3A
Enable Input Voltage
VE
6V
Junction Temperature
TJ
125
ºC
Storage Temperature
Tstg
–40 to 125
ºC
Selection Guide
Part Number
SI-3011ZF
Recommended Operating Conditions
Characteristic
Symbol
Conditions
Min.
Max.
Unit
DC Input Voltage
VI
–6
V
DC Output Current
IO
03
A
Adjustable Voltage Range
VADJ
1.2
5
V
Operating Junction Temperature
TJ
–20
100
°C
For the availability of parts meeting –40°C requirements, contact a Sanken Sales Representative.
Allowable Package
Power Dissipation


Número de pieza similar - SI-3011ZF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Allegro MicroSystems
SI-3011ZF ALLEGRO-SI-3011ZF Datasheet
208Kb / 8P
   HIgh-Current, Low-Dropout, 1.1~5V Regulator
SI-3011ZF ALLEGRO-SI-3011ZF Datasheet
209Kb / 8P
   High-Current, Low-Dropout, 1.1~5 V Regulato
SI-3011ZFE ALLEGRO-SI-3011ZFE Datasheet
443Kb / 2P
   5-Terminal, Low Dropout Voltage Linear Regulator ICs
logo
Sanken electric
SI-3011ZFE SANKEN-SI-3011ZFE Datasheet
443Kb / 2P
   5-Terminal Low Dropout Voltage Linear Regulator ICs
More results

Descripción similar - SI-3011ZF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Allegro MicroSystems
SI-3011ZF ALLEGRO-SI-3011ZF Datasheet
209Kb / 8P
   High-Current, Low-Dropout, 1.1~5 V Regulato
SI-3011ZF ALLEGRO-SI-3011ZF Datasheet
208Kb / 8P
   HIgh-Current, Low-Dropout, 1.1~5V Regulator
8181 ALLEGRO-8181 Datasheet
103Kb / 8P
   LOW-DROPOUT, 5 V REGULATOR . HIGH EFFICIENCY
SI-3033ZD ALLEGRO-SI-3033ZD Datasheet
429Kb / 9P
   High-Current, Low-Dropout, 3.3 V Regulator
SI-3025ZD ALLEGRO-SI-3025ZD Datasheet
404Kb / 9P
   High-Current, Low-Dropout, 2.5 V Regulator
SI-3033ZF ALLEGRO-SI-3033ZF Datasheet
239Kb / 8P
   High-Current, Low-Dropout, 3.3 V Regulator
SI-3025ZF ALLEGRO-SI-3025ZF Datasheet
213Kb / 8P
   High-Current, Low-Dropout, 2.5 V Regulator
logo
ON Semiconductor
NCV47700 ONSEMI-NCV47700_17 Datasheet
129Kb / 12P
   5 V to 20 V Adjustable Low Dropout Regulator
July, 2017 ??Rev. 3
NCV47701 ONSEMI-NCV47701_17 Datasheet
129Kb / 12P
   5 V to 20 V Adjustable Low Dropout Regulator
July, 2017 ??Rev. 3
NCV47700 ONSEMI-NCV47700 Datasheet
174Kb / 12P
   5 V to 20 V Adjustable Low Dropout Regulator with Adjustable Current Limit
November, 2012 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com