Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMR-09V-N Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

No. de pieza SMR-09V-N
Descripción Electrónicos  2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

SMR-09V-N Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SMR-09V-N Datasheet HTML 1Page - List of Unclassifed Manufacturers SMR-09V-N Datasheet HTML 2Page - List of Unclassifed Manufacturers SMR-09V-N Datasheet HTML 3Page - List of Unclassifed Manufacturers SMR-09V-N Datasheet HTML 4Page - List of Unclassifed Manufacturers SMR-09V-N Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
SM CONNECTOR
Material and Finish
Model No.
mm2
AWG #
Applicable wire
Q´ty / reel
Pin contact
Socket contact
SYM-001T-P0.6
0.08
∼0.33
28
∼22
1.2
∼1.8
Pin contact: 8,500
Socket contact: 5,000
Phosphor bronze, tin-plated (reflow treatment)
SHF-001T-0.8BS
Insulation O.D.
(mm)
15.8
1.7
2
9
3.8
1.7
2.3
Pin contact
Socket contact
RoHS compliance
Note: 1. Contact JST for special products.
2. Contact JST for brass products.
SYM-001T-P0.6
Contact
Crimping
machine
Crimp applicator with dies
AP-K2N
MK/SYM-001-06
SC/SYM-001-06
Crimp applicator
Dies
MKS-L
*MKS-SC
APLMK SYM001-06
APLSC SYM001-06
Applicator
SHF-001T-0.8BS
Contact
Crimping
machine
Crimp applicator with dies
AP-K2N
MK/SHF-001-08S
SC/SHF-001-08S
Crimp applicator
Dies
MKS-L
*MKS-SC
APLMK SHF001-08S
APLSC SHF001-08S
Applicator
Note: *Strip-crimp applicator
Contact position numbers are stamped
Receptacle housing
Plug housing
10
11
12
13
14
15
1
2
3
4
5
6
16 7
8
17
18 9
1
2
3
4
5
6
7
8
9
10
11
12
Receptacle housing
10
11
12
13
14
15
16
17
18
1
2
3
4
5
6
7
8
9
10
11
12
1
2
3
4
5
6
7
8
9
Plug housing
Contact
Contact position location numbers


Número de pieza similar - SMR-09V-N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SMR-001T-0.6 ETC2-SMR-001T-0.6 Datasheet
232Kb / 8P
   Crimping tools and machines
SMR-001T-0.6 ETC2-SMR-001T-0.6 Datasheet
224Kb / 8P
   APPLICATION TOOLING
More results

Descripción similar - SMR-09V-N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
XARP-05V ETC2-XARP-05V Datasheet
153Kb / 3P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
XARP-02V ETC2-XARP-02V Datasheet
153Kb / 3P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
J21SF-03V-KX ETC2-J21SF-03V-KX Datasheet
874Kb / 16P
   2.5mm pitch/Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
J21DF-12V-KY ETC2-J21DF-12V-KY Datasheet
874Kb / 16P
   2.5mm pitch/Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
logo
JST Mfg. Co., Ltd.
XARR-06V JST-XARR-06V Datasheet
153Kb / 3P
   XA CONNECTOR 2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
logo
List of Unclassifed Man...
SYR-02T ETC1-SYR-02T Datasheet
38Kb / 2P
   Disconnectable Crimp style Wire-to-wire connectors
SZM-41T-P0.7 ETC1-SZM-41T-P0.7 Datasheet
137Kb / 5P
   Disconnectable Crimp style Wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
RWZ JST-RWZ Datasheet
125Kb / 3P
   Disconnectable Crimp style Wire-to wire connectors
RWM JST-RWM Datasheet
279Kb / 5P
   Disconnectable crimp style Wire-to-wire connectors
logo
List of Unclassifed Man...
J5FS-03V-KX ETC2-J5FS-03V-KX Datasheet
772Kb / 4P
   11.0mm pitch/Disconnectable Crimp style Wire-to-wire connectors
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com