Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMR-12V-N Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

No. de pieza SMR-12V-N
Descripción Electrónicos  2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

SMR-12V-N Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SMR-12V-N Datasheet HTML 1Page - List of Unclassifed Manufacturers SMR-12V-N Datasheet HTML 2Page - List of Unclassifed Manufacturers SMR-12V-N Datasheet HTML 3Page - List of Unclassifed Manufacturers SMR-12V-N Datasheet HTML 4Page - List of Unclassifed Manufacturers SMR-12V-N Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
SM CONNECTOR
2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
The SM series are 2.5mm pitch,
wire-to-wire connectors that perform
reliably in high-density, small current
applications.
• High contact pressure
• Highly reliable housing construction
• Mountable on a variety of panels
• Arm lock mechanism
Specifications –––––––––––––––––––
• Current rating: 3A AC, DC max.
• Voltage rating: 250V AC, DC max.
• Temperature range: -25˚C to +85˚C
(including temperature rise in applying
electrical current)
• Contact resistance: Initial value/ 10m Ω max.
After environmental testing/ 20m Ω max.
• Insulation resistance: 500M Ω min.
• Withstanding voltage: 1,500V AC/minute
• Applicable wire: AWG #28 to #22
0.08 to 0.33mm2
• Applicable panel thickness: 0.5 to 2.0mm
* Compliant with RoHS.
* Refer to "General Instruction and Notice when using
Terminals and Connectors" at the end of this catalog.
* Contact JST for details.
Standards ––––––––––––––––––––––
0 Recognized E60389
1CertifiedLR20812
2R50120150
5.7
8.2
10.7
13.2
15.7
18.2
20.7
23.2
25.7
28.2
30.7
23.2
9.6
12.1
14.6
17.1
19.6
22.1
24.6
27.1
29.6
32.1
34.6
27.2
5.7
8.2
10.7
13.2
15.7
18.2
20.7
23.2
25.7
28.2
30.7
23.2
9.8
12.3
14.8
17.3
19.8
22.3
24.8
27.3
29.8
32.3
34.8
27.4
5.7
8.2
10.7
13.2
15.7
18.2
20.7
23.2
25.7
28.2
30.7
23.2
10.0
12.5
15.0
17.5
20.0
22.5
25.0
27.5
30.0
32.5
35.0
27.6
Plug housing Model No.
Circuits
B
A
2
3
4
5
6
7
8
9
10
11
12
18
SMP-02V-B(N)C
SMP-03V-B(N)C
SMP-04V-B(N)C
SMP-05V-B(N)C
SMP-06V-B(N)C
SMP-07V-B(N)C
SMP-08V-B(N)C
SMP-09V-B(N)C
SMP-10V-B(N)C
SMP-11V-B(N)C
SMP-12V-B(N)C
SMP-18V-B(N)C
0.5
∼0.9
1.0
∼1.5
1.5
∼2.0
Panel hole dimensions (mm) General tolerance
Panel thickness (mm)
+0.15
0
±0.1
B
A
+0.15
0
±0.1
B
A
+0.15
0
±0.1
A
B
4
+0.15
 0
7
A
B
+0.15
0
(22.9)
(18 circuits)
(2 to 12 circuits)
Note: 1. Punch holes in the panel according to the sketch and table shown above. Burrs must be removed.
2. The strength of the panel must be considered when punching two or more holes.
3. The connector must be inserted from the same side as the hole is punched.


Número de pieza similar - SMR-12V-N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SMR-001T-0.6 ETC2-SMR-001T-0.6 Datasheet
232Kb / 8P
   Crimping tools and machines
SMR-001T-0.6 ETC2-SMR-001T-0.6 Datasheet
224Kb / 8P
   APPLICATION TOOLING
logo
SYNERGY MICROWAVE CORPO...
SMR-212 SYNERGY-SMR-212 Datasheet
109Kb / 2P
   SSB MODULATOR
logo
DOMINANT Semiconductors
SMR-CLD-P1 DOMINANT-SMR-CLD-P1 Datasheet
217Kb / 8P
   AlInGaP MSpice
SMR-CLD-P2 DOMINANT-SMR-CLD-P2 Datasheet
217Kb / 8P
   AlInGaP MSpice
More results

Descripción similar - SMR-12V-N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
XARP-05V ETC2-XARP-05V Datasheet
153Kb / 3P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
XARP-02V ETC2-XARP-02V Datasheet
153Kb / 3P
   2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
J21SF-03V-KX ETC2-J21SF-03V-KX Datasheet
874Kb / 16P
   2.5mm pitch/Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
J21DF-12V-KY ETC2-J21DF-12V-KY Datasheet
874Kb / 16P
   2.5mm pitch/Disconnectable Crimp style connectors(Wire-to-board/Wire-to-wire)
logo
JST Mfg. Co., Ltd.
XARR-06V JST-XARR-06V Datasheet
153Kb / 3P
   XA CONNECTOR 2.5mm pitch/Disconnectable Crimp style wire-to-wire connectors
logo
List of Unclassifed Man...
SYR-02T ETC1-SYR-02T Datasheet
38Kb / 2P
   Disconnectable Crimp style Wire-to-wire connectors
SZM-41T-P0.7 ETC1-SZM-41T-P0.7 Datasheet
137Kb / 5P
   Disconnectable Crimp style Wire-to-wire connectors
logo
JST Mfg. Co., Ltd.
RWZ JST-RWZ Datasheet
125Kb / 3P
   Disconnectable Crimp style Wire-to wire connectors
RWM JST-RWM Datasheet
279Kb / 5P
   Disconnectable crimp style Wire-to-wire connectors
logo
List of Unclassifed Man...
J5FS-03V-KX ETC2-J5FS-03V-KX Datasheet
772Kb / 4P
   11.0mm pitch/Disconnectable Crimp style Wire-to-wire connectors
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com