Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SLA5222 Datasheet(PDF) 4 Page - Sanken electric

No. de pieza SLA5222
Descripción Electrónicos  For partial switching PFC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANKEN [Sanken electric]
Página de inicio  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA5222 Datasheet(HTML) 4 Page - Sanken electric

  SLA5222 Datasheet HTML 1Page - Sanken electric SLA5222 Datasheet HTML 2Page - Sanken electric SLA5222 Datasheet HTML 3Page - Sanken electric SLA5222 Datasheet HTML 4Page - Sanken electric SLA5222 Datasheet HTML 5Page - Sanken electric SLA5222 Datasheet HTML 6Page - Sanken electric SLA5222 Datasheet HTML 7Page - Sanken electric SLA5222 Datasheet HTML 8Page - Sanken electric SLA5222 Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
SLA5222
SLA5222-DS Rev.1.0
SANKEN ELECTRIC CO.,LTD.
4
Mar. 25, 2014
Performance Curves
IC - VCE (typical)
0
20
40
60
80
100
0
1
2
3
4
5
VCE (V)
Tc=25℃
15V
VGE=20V
10V
8V
7V
6V
IC - VCE (typical)
0
20
40
60
80
100
0
1
2
3
4
5
VCE (V)
Tc=125℃
15V
VGE=20V
10V
8V
7V
6V
VCE(sat) - Tc (typical)
0
1
2
3
-50
0
50
100
150
Tc (℃)
VGE=15V
IC=100A
70A
10A
50A
30A
IC - VGE (typical)
0
20
40
60
80
100
0
5
10
15
VGE (V)
VCE=5V
Tc=-40℃
25℃
125℃
Capa - VCE (typical)
10
100
1000
10000
0
10
20
30
40
50
VCE(V)
Tc=25℃
f=1MHz
VGE=0V
Cies
Cres
Coes
VCE,VGE - Qg (typical)
0
10
20
30
40
0
20
40
60
80
Qg (nC)
VCE
VGE
Tc=25℃
RL=6
Ω


Número de pieza similar - SLA5222

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
SLA5227 SANKEN-SLA5227 Datasheet
167Kb / 8P
   Built-in IGBT and diode bridge of partial switching PFC circuit Enable to reduce mounting area
SLA5227 SANKEN-SLA5227 Datasheet
167Kb / 8P
   Built-in IGBT and diode bridge of partial switching PFC
More results

Descripción similar - SLA5222

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
SLA5227 SANKEN-SLA5227 Datasheet
167Kb / 8P
   Built-in IGBT and diode bridge of partial switching PFC
logo
Renesas Technology Corp
RJP65T54DPM-E0 RENESAS-RJP65T54DPM-E0 Datasheet
268Kb / 8P
   Partial switching circuit
logo
Fairchild Semiconductor
FSAB20PH60 FAIRCHILD-FSAB20PH60_06 Datasheet
218Kb / 16P
   Smart Power Module for Partial Switching Converter
FSAB20PH60 FAIRCHILD-FSAB20PH60 Datasheet
589Kb / 16P
   Smart Power Module for Partial Switching Converter
logo
Toshiba Semiconductor
GT30J122A TOSHIBA-GT30J122A Datasheet
199Kb / 7P
   Dedicated to Current-Resonant Inverter Switching Applications Dedicated to Partial-Switching Power Factor rrection (PFC) Applications
logo
Sanken electric
SLA5227 SANKEN-SLA5227 Datasheet
167Kb / 8P
   Built-in IGBT and diode bridge of partial switching PFC circuit Enable to reduce mounting area
logo
NXP Semiconductors
TJA1145 NXP-TJA1145 Datasheet
561Kb / 57P
   High-speed CAN transceiver for partial networking
Rev. 4-09 May 2018
TJA1145A NXP-TJA1145A Datasheet
658Kb / 57P
   High-speed CAN transceiver for partial networking
logo
Shindengen Electric Mfg...
MR1000 SHINDENGEN-MR1000 Datasheet
418Kb / 3P
   (MR1xxx) IC module for partial resonance power
logo
National Semiconductor ...
SM1230-XAX NSC-SM1230-XAX Datasheet
2Mb / 10P
   Power Optimizers Partial Deployment for Single String Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com