Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SDN06464K1BF1MT-50 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

No. de pieza SDN06464K1BF1MT-50
Descripción Electrónicos  512MB DDR1 ??SDRAM SO-DIMM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

SDN06464K1BF1MT-50 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SDN06464K1BF1MT-50 Datasheet HTML 2Page - List of Unclassifed Manufacturers SDN06464K1BF1MT-50 Datasheet HTML 3Page - List of Unclassifed Manufacturers SDN06464K1BF1MT-50 Datasheet HTML 4Page - List of Unclassifed Manufacturers SDN06464K1BF1MT-50 Datasheet HTML 5Page - List of Unclassifed Manufacturers SDN06464K1BF1MT-50 Datasheet HTML 6Page - List of Unclassifed Manufacturers SDN06464K1BF1MT-50 Datasheet HTML 7Page - List of Unclassifed Manufacturers SDN06464K1BF1MT-50 Datasheet HTML 8Page - List of Unclassifed Manufacturers SDN06464K1BF1MT-50 Datasheet HTML 9Page - List of Unclassifed Manufacturers SDN06464K1BF1MT-50 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Data Sheet
Rev.1.0
30.05.2012
Swissbit AG
Industriestrasse 4
Fon: +41 (0) 71 913 03 03
www.swissbit.com
Page 6
CH
– 9552 Bronschhofen
Fax: +41 (0) 71 913 03 15
eMail: info@swissbit.com
of 13
DC ELECTRICAL CHARACTERISTICS AND OPERATING CONDITIONS
(0°C
≤ TA ≤ + 70°C; VDD = +2.5V ± 0.2V, VDDQ = +2.5V ± 0.2V) see Note 1 on Page 9
PARAMETER/ CONDITION
SYMBOL
MIN
MAX
UNITS
Supply Voltage
VDD
2.3
2.7
V
I/O Supply Voltage
VDDQ
2.3
2.7
V
I/O Reference Voltage
VREF
0.49 x VDDQ
0.51x VDDQ
V
I/O Termination Voltage (system)
VTT
VREF – 0.04
VREF + 0.04
V
Input High (Logic 1) Voltage
VIH (DC)
VREF + 0.15
VDD + 0.3
V
Input Low (Logic 0) Voltage
VIL (DC)
-0.3
VREF – 0.15
V
INPUT LEAKAGE CURRENT
Any input 0V ≤ VIN VDD, VREF pin 0V ≤ VIN ≤1.35V
(All other pins not under test = 0V)
II
-16
16
µA
OUTPUT LEAKAGE CURRENT
(DQS are disabled; 0V ≤ VOUT VDDQ)
IOZ
-40
40
µA
OUTPUT LEVELS:
High Current (VOUT = VDDQ-0.373V,minimum VREF,
minimum VTT )
Low Current (VOUT =0.373V, maximum VREF,
maximum VTT )
IOH
IOL
-16.8
16.8
-
-
mA
mA
AC INPUT OPERATING CONDITIONS
(0°C ≤ TA ≤ + 70°C; VDD = +2.5V ± 0.2V, VDDQ = +2.5V ± 0.2V) see Note 1 on Page 9
PARAMETER/ CONDITION
SYMBOL
MIN
MAX
UNITS
Input High (Logic 1) Voltage
VIH (AC)
VREF + 0.310
-
V
Input Low (Logic 0) Voltage
VIL (AC)
-
VREF - 0.310
V
I/O Reference Voltage
VREF(AC)
0.49 x VDDQ
0.51x VDDQ
V
CAPACITANCE
PARAMETER
SYMBOL
MIN
MAX
UNITS
Input/Output Capacitance: DQ, DQS
C10
4.0
5.0
pF
Input Capacitance: Command and Address
C11
18.0
27.0
pF
Input Capacitance: /S 0,1
C11
18.0
27.0
pF
Input Capacitance: CK, /CK
C12
10.0
14.0
pF
Input Capacitance: CKE
C13
18.0
27.0
pF


Número de pieza similar - SDN06464K1BF1MT-50

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SDN06464D1BJ1SA-50 ETC2-SDN06464D1BJ1SA-50 Datasheet
686Kb / 14P
   512MB DDR SDRAM SoDIMM
Rev.1.2 23.01.2013
SDN06464D1BJ1SA-50ER ETC2-SDN06464D1BJ1SA-50ER Datasheet
686Kb / 14P
   512MB DDR SDRAM SoDIMM
Rev.1.2 23.01.2013
SDN06464D1BJ1SA-50IR ETC2-SDN06464D1BJ1SA-50IR Datasheet
686Kb / 14P
   512MB DDR SDRAM SoDIMM
Rev.1.2 23.01.2013
SDN06464D1BJ1SA-50WR ETC2-SDN06464D1BJ1SA-50WR Datasheet
686Kb / 14P
   512MB DDR SDRAM SoDIMM
Rev.1.2 23.01.2013
SDN06464D1BJ1SA-60 ETC2-SDN06464D1BJ1SA-60 Datasheet
686Kb / 14P
   512MB DDR SDRAM SoDIMM
Rev.1.2 23.01.2013
More results

Descripción similar - SDN06464K1BF1MT-50

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Elpida Memory
HB54R5128KN-A75B ELPIDA-HB54R5128KN-A75B Datasheet
197Kb / 16P
   512MB DDR SDRAM SO DIMM
logo
List of Unclassifed Man...
SDN06464L1BF1MT-60R ETC2-SDN06464L1BF1MT-60R Datasheet
693Kb / 14P
   512MB DDR SDRAM SO-DIMM
logo
Elpida Memory
EBE52UD6AJUA ELPIDA-EBE52UD6AJUA Datasheet
301Kb / 28P
   512MB DDR2 SDRAM SO-DIMM
EBD52UC8AARA ELPIDA-EBD52UC8AARA Datasheet
197Kb / 17P
   512MB DDR SDRAM SO DIMM
logo
List of Unclassifed Man...
SEN06464H2CF1SA-30[EIW]R ETC2-SEN06464H2CF1SA-30[EIW]R Datasheet
420Kb / 14P
   512MB DDR2 ??SDRAM SO-DIMM
SEN06464H2CH1MT-30R ETC2-SEN06464H2CH1MT-30R Datasheet
409Kb / 14P
   512MB DDR2 ??SDRAM SO-DIMM
SEN06464H2CG1SA-30[EW]R ETC2-SEN06464H2CG1SA-30[EW]R Datasheet
558Kb / 16P
   512MB DDR2 . SDRAM SO-DIMM
logo
White Electronic Design...
WV3EG64M64ETSU-D4 WEDC-WV3EG64M64ETSU-D4 Datasheet
177Kb / 12P
   512MB - 64Mx64 DDR SDRAM, UNBUFFERED, SO-DIMM
WV3HG64M64EEU-D4 WEDC-WV3HG64M64EEU-D4 Datasheet
172Kb / 11P
   512MB - 64Mx64 DDR2 SDRAM UNBUFFERED, SO-DIMM
WV3HG64M72EER-PD4 WEDC-WV3HG64M72EER-PD4 Datasheet
195Kb / 11P
   512MB - 64Mx72 DDR2 SDRAM REGISTERED, SO-DIMM, w/PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com