Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SDU01G64H3BJ2SA-50R Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

No. de pieza SDU01G64H3BJ2SA-50R
Descripción Electrónicos  1024MB DDR . unbuffered DDR1 UDIMM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

SDU01G64H3BJ2SA-50R Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SDU01G64H3BJ2SA-50R Datasheet HTML 5Page - List of Unclassifed Manufacturers SDU01G64H3BJ2SA-50R Datasheet HTML 6Page - List of Unclassifed Manufacturers SDU01G64H3BJ2SA-50R Datasheet HTML 7Page - List of Unclassifed Manufacturers SDU01G64H3BJ2SA-50R Datasheet HTML 8Page - List of Unclassifed Manufacturers SDU01G64H3BJ2SA-50R Datasheet HTML 9Page - List of Unclassifed Manufacturers SDU01G64H3BJ2SA-50R Datasheet HTML 10Page - List of Unclassifed Manufacturers SDU01G64H3BJ2SA-50R Datasheet HTML 11Page - List of Unclassifed Manufacturers SDU01G64H3BJ2SA-50R Datasheet HTML 12Page - List of Unclassifed Manufacturers SDU01G64H3BJ2SA-50R Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Data Sheet
Rev.1.0
18.09.2012
Swissbit AG
Industriestrasse 4
Fon: +41 (0) 71 913 03 03
www.swissbit.com
Page 10
CH-9552 Bronschhofen
Fax: +41 (0) 71 913 03 15
eMail: info@swissbit.com
of 13
SERIAL PRESENCE-DETECT MATRIX
BYTE
DESCRIPTION
3200-3.0-3-3
2700-2.5-3-3
0
NUMBER OF SPD BYTES USED
0x80
1
TOTAL NUMBER OF BYTES IN SPD DEVICE
0x08
2
FUNDAMENTAL MEMORY TYPE
0x07
3
NUMBER OF ROW ADDRESSES ON ASSEMBLY
0x0D
4
NUMBER OF COLUMN ADDRESSES ON ASSEMBLY
0x0B
5
NUMBER OF PHYSICAL BANKS ON DIMM
0x02
6
MODULE DATA WIDTH
0x40
7
MODULE DATA WIDTH (continued)
0x00
8
MODULE VOLTAGE INTERFACE LEVELS (VDDQ)
0x04
9
SDRAM CYCLE TIME, (tCK )
(CAS LATENCY =2.5 (2700, 2100) ; CL=3* (3200)
0x50
0x60
10
SDRAM ACCESS FROM CLOCK, (tAC)
(CAS LATENCY =2.5 (2700, 2100); CL=3* (3200))
0x65
0x70
11
MODULE CONFIGURATION TYPE
0x00
12
REFRESH RATE/ TYPE
0x82
13
SDRAM DEVICE WIDTH (PRIMARY SDRAM)
0x08
14
ERROR- CHECKING SDRAM DATA WIDTH
0x00
15
MINIMUM CLOCK DELAY, BACK- TO- BACK
RANDOM COLUMN ACCESS
0x01
16
BURST LENGTHS SUPPORTED
0x0E
17
NUMBER OF BANKS ON SDRAM DEVICE
0x04
18
CAS LATENCIES SUPPORTED
0x18
0x0C
19
CS LATENCY
0x01
20
WE LATENCY
0x02
21
SDRAM MODULE ATTRIBUTES
0x20
22
SDRAM DEVICE ATTRIBUTES: GENERAL
0xC0
23
SDRAM CYCLE TIME, (tCK)
(CAS LATENCY=2(2700, 2100) CL=2,5*(3200))
0x60
0x75
24
SDRAM ACCESS FROM CK, (tAC)
(CAS LATENCY=2(2700, 2100) CL=2.5*(3200)
0x70
25
SDRAM CYCLE TIME, (tCK)
(CAS LATENCY=1.5(2700, 2100) CL=2*(3200))
0x00
26
SDRAM ACCESS FROM CK, (tAC)
(CAS LATENCY=1.5(2700, 2100) CL=2*(3200)
0x00
27
MINIMUM ROW PRECHARGE TIME, (tRP)
0x3C
0x48
28
MINIMUM ROW ACTIVE TO ROW ACTIVE, (tRRD)
0x28
0x30
29
MINIMUM RAS# TO CAS# DELAY, (tRCD)
0x3C
0x48
30
MINIMUM RAS# PULSE WIDTH, (tRAS)
0x28
0x2A
31
MODULE BANK DENSITY
0x80
32
ADDRESS AND COMMAND SETUP TIME, (tIS)
0x60
0x80
33
ADDRESS AND COOMAND HOLD TIME, (tIH)
0x60
0x80
34
DATA/DATA MASK INPUT SETUP TIME, (tDS)
0x40
0x45
35
DATA/DATA MASK INPUT HOLD TIME, (tDH)
0x40
0x45
36-40
RESERVED
0x00
41
MIN ACTIVE AUTO REFRESH TIME (tRC)
0x37
0x3C
42
MINIMUM AUTO REFRESH TO ACTIVE/
AUTO REFRESH COMMAND PERIOD, (tRFC)
0x46
0x48
43
SDRAM DEVICE MAX CYCLE TIME (tCKMAX)
0x28
0x30
44
SDRAM DEVICE MAX DQS-DQ SKEW TIME
(tDQSQ)
0x28
0x2D
45
SDRAM DEVICE MAX READ DATA HOLD SKEW
FACTOR (tQHS)
0x50
0x55


Número de pieza similar - SDU01G64H3BJ2SA-50R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SDU01G64H3BF2MT-50R ETC2-SDU01G64H3BF2MT-50R Datasheet
671Kb / 13P
   1024MB DDR ??unbuffered DDR1 UDIMM
SDU01G64H3BF2MT-60R ETC2-SDU01G64H3BF2MT-60R Datasheet
671Kb / 13P
   1024MB DDR ??unbuffered DDR1 UDIMM
More results

Descripción similar - SDU01G64H3BJ2SA-50R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SDU01G64H3BF2MT-50R ETC2-SDU01G64H3BF2MT-50R Datasheet
671Kb / 13P
   1024MB DDR ??unbuffered DDR1 UDIMM
SGU01G64A1BG1SA-BBR ETC2-SGU01G64A1BG1SA-BBR Datasheet
638Kb / 16P
   1024MB DDR3 . SDRAM UDIMM
logo
Micron Technology
MT5VDDT3272AG MICRON-MT5VDDT3272AG Datasheet
216Kb / 12P
   DDR SDRAM UDIMM
logo
List of Unclassifed Man...
SDU12864H1B62MT-50R ETC2-SDU12864H1B62MT-50R Datasheet
241Kb / 12P
   1024MB DDR . SDRAM DIMM
SDN01G64D1BJ2SA-50 ETC2-SDN01G64D1BJ2SA-50 Datasheet
638Kb / 14P
   1024MB DDR SDRAM SoDIMM
logo
Micron Technology
MT4LSDT1664AG MICRON-MT4LSDT1664AG Datasheet
734Kb / 28P
   SDRAM Unbuffered DIMM (UDIMM)
MT4LSDT1664AY MICRON-MT4LSDT1664AY Datasheet
734Kb / 28P
   SDRAM Unbuffered DIMM (UDIMM)
MT4LSDT464AG MICRON-MT4LSDT464AG Datasheet
734Kb / 28P
   SDRAM Unbuffered DIMM (UDIMM)
logo
List of Unclassifed Man...
SDN12864L1B62MT-50 ETC2-SDN12864L1B62MT-50 Datasheet
632Kb / 14P
   1024MB DDR SDRAM SO-DIMM
SGL04G72B1BD2SA-CCWRT-V ETC2-SGL04G72B1BD2SA-CCWRT-V Datasheet
609Kb / 18P
   4096MB DDR3 . SDRAM unbuffered ECC Mini-UDIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com