Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SDU06464B5B61MT-50R Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

No. de pieza SDU06464B5B61MT-50R
Descripción Electrónicos  512MB DDR ??SDRAM DIMM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

SDU06464B5B61MT-50R Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SDU06464B5B61MT-50R Datasheet HTML 4Page - List of Unclassifed Manufacturers SDU06464B5B61MT-50R Datasheet HTML 5Page - List of Unclassifed Manufacturers SDU06464B5B61MT-50R Datasheet HTML 6Page - List of Unclassifed Manufacturers SDU06464B5B61MT-50R Datasheet HTML 7Page - List of Unclassifed Manufacturers SDU06464B5B61MT-50R Datasheet HTML 8Page - List of Unclassifed Manufacturers SDU06464B5B61MT-50R Datasheet HTML 9Page - List of Unclassifed Manufacturers SDU06464B5B61MT-50R Datasheet HTML 10Page - List of Unclassifed Manufacturers SDU06464B5B61MT-50R Datasheet HTML 11Page - List of Unclassifed Manufacturers SDU06464B5B61MT-50R Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Data Sheet
Rev.1.0
09.04.2008
Swissbit Germany AG
Wolfener Straße 36
Fon: +49 (0) 30 93 69 54 - 0
www.swissbit-germany.com
Page 8
D-12681 Berlin
Fax: +49 (0) 30 93 69 54 - 55
eMail: firma@swissbit-germany.com
of 12
DDR SDRAM COMPONENT ELECTRICAL CHARACTERISTICS AND RECOMMENDED
AC OPERATING CONDITIONS
(0°C ≤ TA ≤ + 70°C ; V DDQ = +2.5V ± 0.2V, VDD = +2.5V ± 0.2V) see Note 1 on Page 9
AC CHARACTERISTICS
3200-3033
2700-2533
2100-2533
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
MIN
MAX
Unit
Access window of DQS CK/CK#
tAC
-0.70
+0.70
-0.70
+0.70
-0.75
+0.75
ns
CK high-level width
tCH
0.45
0.55
0.45
0.55
0.45
0.55
tCK
CK low-level width
tCL
0.45
0.55
0.45
0.55
0.45
0.55
tCK
CL=2.0
tck (2.0)
7.5
13.0
7.5
13.0
10
13.0
CL=2.5
tck (2.5)
6.0
13.0
6.0
13.0
7.5
13.0
ns
Clock cycle time
CL=
3.0
tck (3.0)
5.0
13.0
ns
DQ and DM input hold time relative
to DQS
tDH
0.40
0.45
0.5
ns
DQ and DM input setup time relative
to DQS
tDS
0.40
0.45
0.5
ns
DQ and DM input pulse width
( for each input )
tDIPW
1.75
1.75
1.75
ns
Access window of DQS from
CK/CK#
tDQSCK
-0.6
+0.6
-0.6
+0.6
-0.75
+0.75
ns
DQS input high pulse width
tDQSH
0.35
0.35
0.35
tCK
DQS input low pulse width
tDQSL
0.35
0.35
0.35
tCK
DQS –DQ skew, DQS to last DQ
valid, per group, per access
tDQSQ
0.40
0.45
0.5
ns
Write command to first DQS latching
transition
tDQSS
0.72
1.28
0.75
1.25
0.75
1.25
tCK
DQS falling edge to CK rising- setup
time
tDSS
0.2
0.2
0.2
tCK
DQS falling edge from CK rising-
hold time
tDSH
0.2
0.2
0.2
tCK
Half clock period
tHP
tch,
tcl
tch,
tcl
tch,
tcl
ns
Data-out high-impedance window
from CK/CK#
tHZ
+0.7
+0.7
+0.75
ns
Data-out low-impedance window
from CK/CK#
tLZ
-0.7
-0.7
-0.75
ns
Address and control input hold time
( fast slew rate )
tIHF
0.6
0.75
0.90
ns
Address and control input setup time
( fast slew rate )
tISF
0.6
0.75
0.90
ns
Address and control input hold time
( slow slew rate )
tIHS
0.6
0.8
1
ns
Address and control input setup time
( slow slew rate )
tISS
0.6
0.8
1
ns
LOAD MODE REGISTER command
cycle time
tMRD
10
12
15
ns
Adress and control input pulse width
(for each input)
tIPW
2.2
2.2
2.2
ns
DQ-DQS hold, DQS to first DQ to go
non-valid, per access
tQH
tHP - tQHS
tHP - tQHS
tHP - tQHS
ns
Data hold skew factor
tQHS
0.5
0.6
0.75
ns


Número de pieza similar - SDU06464B5B61MT-50R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SDU01G64H3BF2MT-50R ETC2-SDU01G64H3BF2MT-50R Datasheet
671Kb / 13P
   1024MB DDR ??unbuffered DDR1 UDIMM
SDU01G64H3BF2MT-60R ETC2-SDU01G64H3BF2MT-60R Datasheet
671Kb / 13P
   1024MB DDR ??unbuffered DDR1 UDIMM
SDU01G64H3BJ2SA-50R ETC2-SDU01G64H3BJ2SA-50R Datasheet
639Kb / 13P
   1024MB DDR . unbuffered DDR1 UDIMM
SDU01G64H3BJ2SA-60R ETC2-SDU01G64H3BJ2SA-60R Datasheet
639Kb / 13P
   1024MB DDR . unbuffered DDR1 UDIMM
logo
VBsemi Electronics Co.,...
SDU02N60 VBSEMI-SDU02N60 Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
More results

Descripción similar - SDU06464B5B61MT-50R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Elpida Memory
HB54A5128FN-A75B ELPIDA-HB54A5128FN-A75B Datasheet
192Kb / 17P
   512MB Unbuffered DDR SDRAM DIMM
EBD52RC8AKFA ELPIDA-EBD52RC8AKFA Datasheet
184Kb / 18P
   512MB Registered DDR SDRAM DIMM
EBD52UC8AMFA-5 ELPIDA-EBD52UC8AMFA-5 Datasheet
162Kb / 18P
   512MB Unbuffered DDR SDRAM DIMM
HB54A5129F1U-B75B ELPIDA-HB54A5129F1U-B75B Datasheet
189Kb / 16P
   512MB Registered DDR SDRAM DIMM
HB54R5128KN-A75B ELPIDA-HB54R5128KN-A75B Datasheet
197Kb / 16P
   512MB DDR SDRAM SO DIMM
HB54A5129F1U ELPIDA-HB54A5129F1U Datasheet
186Kb / 16P
   512MB Registered DDR SDRAM DIMM
HB54A5129F1-B75B ELPIDA-HB54A5129F1-B75B Datasheet
179Kb / 16P
   512MB Registered DDR SDRAM DIMM
logo
List of Unclassifed Man...
SDN06464L1BF1MT-60R ETC2-SDN06464L1BF1MT-60R Datasheet
693Kb / 14P
   512MB DDR SDRAM SO-DIMM
logo
Elpida Memory
HB54A5129F1 ELPIDA-HB54A5129F1 Datasheet
165Kb / 16P
   512MB Registered DDR SDRAM DIMM
EBD52UC8AAFA ELPIDA-EBD52UC8AAFA Datasheet
186Kb / 18P
   512MB Unbuffered DDR SDRAM DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com