Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N705A Datasheet(PDF) 1 Page - Microsemi Corporation

No. de pieza 1N705A
Descripción Electrónicos  Zener Voltage Regulator Diode
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1N705A Datasheet(HTML) 1 Page - Microsemi Corporation

  1N705A Datasheet HTML 1Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISCFdÈ ˜ç¡ ˜ç¡ text/html
About
News
Contact
Employment Site
Home
keyword
search:
part number
search:
1N705A (#5042)
RFQ/Sample
Zener Voltage Regulator Diode
Division
Lawrence
Datasheet (none)
Mil-Spec
(none)
Shipping
TR14\10000cntTR14
Qual Data
Contact Microsemi
Maximum Electrical Rating
Symbol
Max
Unit
Power Dissipation
Power
0.25
W
Tolerance
Tol
5
%
Electrical Rating
Symbol
Min
Nom
Max
Unit
Zener Voltage
(I
ZT=5 mA, TA=25 ºC)
V
Z
4.8
V
Dynamic Impedance
(I
ZT=5 mA, TA=25 ºC)
Z
ZT
35
Ohm
Reverse Leakage Current
(V
R=1.5 V)
I
R
5
µ A
Package
Avionics| Backlight Inverters
| L-Band Radar
| LED Driver| LDMOS & VDMOS| MOSFETs, IGBTs, & Diodes
| Pin
Diodes| Power Modules
RF Power & Bipolar Transistors
| S-Band Radar
| SCR| Thyristors|Varacter Diode
| WLAN Power Amplifier
| Zener
Diode
Copyright
© 2007 Microsemi Corporation. All rights reserved
Privacy Policy | Site Map
PPG Webex Portal
| PPG Extranet Login


Número de pieza similar - 1N705A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
New Jersey Semi-Conduct...
1N705 NJSEMI-1N705 Datasheet
170Kb / 1P
   ZENER DIODES
logo
Digitron Semiconductors
1N7050 DIGITRON-1N7050 Datasheet
132Kb / 3P
   CURRENT REGULATOR DIODES
logo
Aeroflex Circuit Techno...
1N7050-1 AEROFLEX-1N7050-1 Datasheet
517Kb / 4P
   Current Regulator Diode Series
1N7050-1 AEROFLEX-1N7050-1 Datasheet
517Kb / 4P
   Current Regulator Diode Series 1N5283-1 thru 1N5314-1 & 1N7048-1 thru 1N7055-1
logo
M/A-COM Technology Solu...
1N7050-1 MA-COM-1N7050-1 Datasheet
726Kb / 5P
   High Source Impedance
More results

Descripción similar - 1N705A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
New Jersey Semi-Conduct...
1N3506A NJSEMI-1N3506A Datasheet
89Kb / 2P
   ZENER VOLTAGE REGULATOR DIODE
1N6321 NJSEMI-1N6321 Datasheet
94Kb / 1P
   ZENER VOLTAGE REGULATOR DIODE
logo
Microsemi Corporation
1N3506A MICROSEMI-1N3506A Datasheet
122Kb / 2P
   ZENER VOLTAGE REGULATOR DIODE
logo
New Jersey Semi-Conduct...
1EZ150D5 NJSEMI-1EZ150D5 Datasheet
94Kb / 1P
   Zener Voltage Regulator Diode
logo
Shanghai Leiditech Elec...
LMBZ5221BLT1G LEIDITECH-LMBZ5221BLT1G Datasheet
674Kb / 6P
   Zener Voltage Regulator
logo
Renesas Technology Corp
RKZ3.6BKV RENESAS-RKZ3.6BKV Datasheet
216Kb / 8P
   Silicon Planar Zener Diode for Constant voltage regulator
RKZ-KV RENESAS-RKZ-KV Datasheet
210Kb / 8P
   Silicon Planar Zener Diode for Constant voltage regulator
logo
Continental Device Indi...
MMSZ3V3 CDIL-MMSZ3V3 Datasheet
292Kb / 4P
   ZENER VOLTAGE REGULATOR DIODES
logo
Sensitron
1C6323 SENSITRON-1C6323 Datasheet
58Kb / 2P
   ZENER 0.5W VOLTAGE REGULATOR
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com