Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ES80C186EB20 Datasheet(PDF) 7 Page - InnovASIC, Inc

No. de pieza ES80C186EB20
Descripción Electrónicos  8-Bit/16-Bit Microcontrollers
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INNOVASIC [InnovASIC, Inc]
Página de inicio  http://www.innovasic.com
Logo INNOVASIC - InnovASIC, Inc

ES80C186EB20 Datasheet(HTML) 7 Page - InnovASIC, Inc

Back Button ES80C186EB20 Datasheet HTML 3Page - InnovASIC, Inc ES80C186EB20 Datasheet HTML 4Page - InnovASIC, Inc ES80C186EB20 Datasheet HTML 5Page - InnovASIC, Inc ES80C186EB20 Datasheet HTML 6Page - InnovASIC, Inc ES80C186EB20 Datasheet HTML 7Page - InnovASIC, Inc ES80C186EB20 Datasheet HTML 8Page - InnovASIC, Inc ES80C186EB20 Datasheet HTML 9Page - InnovASIC, Inc ES80C186EB20 Datasheet HTML 10Page - InnovASIC, Inc ES80C186EB20 Datasheet HTML 11Page - InnovASIC, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 85 page
background image
IA186EB/IA188EB
Data Sheet
8-Bit/16-Bit Microcontrollers
July 10, 2011
IA211080314-13
http://www.Innovasic.com
UNCONTROLLED WHEN PRINTED OR COPIED
Customer Support:
Page 7 of 85
1-888-824-4184
1.
Introduction
The Innovasic Semiconductor IA186EB and IA188EB microcontrollers are form, fit, and
function replacements for the original Intel® 80C186EB, 80C188EB, 80L186EB, and 80L188EB
16-bit high-integration embedded processors.
These devices are produced using Innovasic’s Managed IC Lifetime Extension System
(MILES™). This cloning technology, which produces replacement ICs beyond simple
emulations, ensures complete compatibility with the original device, including any
―undocumented features.‖ Additionally, the MILES process captures the clone design in such a
way that production of the clone can continue even as silicon technology advances.
The IA186EB and IA188EB microcontrollers replace the obsolete Intel 80C186EB and
80C188EB devices, allowing users to retain existing board designs, software
compilers/assemblers, and emulation tools, thereby avoiding expensive redesign efforts.
1.1
General Description
The Innovasic Semiconductor IA186EB and IA188EB microcontrollers are an upgrade for the
80C186EB/80C188EB microcontroller designs with integrated peripherals to provide increased
functionality and reduce system costs. The IA186EB and IA188EB devices are designed to
satisfy requirements of embedded products designed for telecommunications, office automation
and storage, and industrial controls.
The IA186EB and IA188EB microcontrollers have a set of base peripherals beneficial to many
embedded applications and include a standard numeric interface, an interrupt control unit, a chip-
select unit, a DRAM refresh control unit, a power management unit, and three 16-bit
timer/counters.
The IA186EB and IA188EB microcontrollers are capable of operating at 5.0 or 3.3 volts. This
datasheet discusses both modes of operation. Where applicable, characteristics specific to either
3.3 or 5.0 volt operation are identified separately throughout this datasheet.
Additionally, the IA186EB and IA188EB include two integrated serial ports that support both
synchronous and asynchronous communications, simplifying inter-processor and display
communications. The IA186EB and IA188EB also have an enhanced chip-select unit and two
multiplexed I/O ports. The enhanced chip-select unit offers 10 general chip selects, each with
the ability to address up to 1 Mbyte. This enhanced unit enables memory-bank switching to
expand the IA186EB/IA188EB 1 Mbyte address space. The I/O ports allow for basic functions
such as scanning keypads for input. The ports can also be used to control system power
consumption, disabling unneeded components.
The serial ports, I/O capabilities, and enhanced chip selects make the IA186EB/IA188EB an
excellent processor for portable data acquisition or communication applications.


Número de pieza similar - ES80C186EB20

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
InnovASIC, Inc
ES80C186EB20 INNOVASIC-ES80C186EB20 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
More results

Descripción similar - ES80C186EB20

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
InnovASIC, Inc
IA186EB INNOVASIC-IA186EB Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
IA186EM INNOVASIC-IA186EM_11 Datasheet
1Mb / 146P
   8-Bit/16-Bit Microcontrollers
IA186ES INNOVASIC-IA186ES_11 Datasheet
1Mb / 154P
   8-Bit/16-Bit Microcontrollers
IA186EM INNOVASIC-IA186EM_04 Datasheet
2Mb / 133P
   8/16-Bit Microcontrollers
IA186ER INNOVASIC-IA186ER Datasheet
3Mb / 146P
   16-Bit/8-Bit Microcontrollers with RAM
logo
NEC
UPD784224 NEC-UPD784224 Datasheet
687Kb / 92P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD78363A NEC-UPD78363A Datasheet
502Kb / 96P
   16/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784035Y NEC-UPD784035Y Datasheet
503Kb / 94P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784218 NEC-UPD784218 Datasheet
617Kb / 92P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
UPD784031Y NEC-UPD784031Y Datasheet
464Kb / 88P
   16-/8-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com