Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4148 Datasheet(PDF) 1 Page - Shanghai Lunsure Electronic Tech

No. de pieza 1N4148
Descripción Electrónicos  SMALL SIGNAL SWITCHING DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CHENYI [Shanghai Lunsure Electronic Tech]
Página de inicio  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

1N4148 Datasheet(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  1N4148 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech 1N4148 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech 1N4148 Datasheet HTML 3Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CE
1N4148
CHENYI ELECTRONICS
SMALL SIGNAL SWITCHING DIODE
FEATURES
. Silicon epitaxial planar diode
. Fast swithching diodes
. 500mW power dissipation
. The diode is also available in the Mini-Melf case with the type
designation LL4148
MECHANICAL DATA
. Case: DO-35 glass case
. Polarity: Color brand denotes cathode end
. Weight: Approx. 0.13gram
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Ratings at 25
ambient temperature unless otherwise specified)
Symbol
Value
Units
Reverse voltage
VR
75
Volts
Peak reverse voltage
VRM
100
Volts
Average rectified current, Half wave rectification with
IAV
150
mA
Resistive load at TA=25
and F 50Hz
Surge forward current at t<1S and TJ=25
IFSM
500
mA
Power dissipation at TA=25
Ptot
5001)
mW
Junction temperature
TJ
175
Storage temperature range
TSTG
-65 to + 175
1)Valid provided that at a distance of 8mm from case are kept at ambient temperature(DO-35)
ELECTRICAL CHARACTERISTICS
(Ratings at 25
ambient temperature unless otherwise specified)
Symbols
Min.
Typ.
Max.
Units
Forward voltage
VF
1
Volts
Leakage current
at VR=20V
IR
25
nA
at VR=75V
IR
5
nA
at VR=20V, TJ=150
IR
50
nA
Junction capacitance at VR=VF=0V
CJ
4
pF
Voltage rise when switching ON tested with 50mA
2.5
Volts
pulse Tp=0.1 S, Rise time<30
S, fp=5 to 100KHz
Reverse recovery time from IF=10mA to IR=1mA,
trr
4
ns
VR=6V, RL=100
Thermal resistance junction to ambient
R
JA
350
K/W
Rectification efficience at f=100MHz,VRF=2V
0.45
1)Valid provided that leads at a distance of 8mm from case are kept at ambient temperature(DO-35)
Vfr
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 1 of 3


Número de pieza similar - 1N4148

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
1N4148 PHILIPS-1N4148 Datasheet
57Kb / 8P
   High-speed diodes
1999 May 25
logo
Zhaoxingwei Electronics...
1N4148 ZHAOXINGWEI-1N4148 Datasheet
45Kb / 1P
   Silicon Epitaxial Planar Diode
logo
NXP Semiconductors
1N4148 PHILIPS-1N4148 Datasheet
69Kb / 7P
   High-speed diodes
1996 Apr 15
1N4148 PHILIPS-1N4148 Datasheet
128Kb / 9P
   High-speed diodes
2004 Aug 10
logo
Diodes Incorporated
1N4148 DIODES-1N4148 Datasheet
57Kb / 2P
   FAST SWITCHING DIODE
DS12019 Rev. B-2
More results

Descripción similar - 1N4148

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Comchip Technology
CDSV6-99SD-G COMCHIP-CDSV6-99SD-G Datasheet
508Kb / 2P
   Small-Signal Switching Diode
logo
Leshan Radio Company
LSD2004LT1 LRC-LSD2004LT1 Datasheet
39Kb / 2P
   Small-Signal Switching Diode
logo
Vishay Siliconix
MMBD6050 VISHAY-MMBD6050 Datasheet
94Kb / 5P
   Small Signal Switching Diode
Rev. 1.6, 15-May-13
MMBD914 VISHAY-MMBD914 Datasheet
75Kb / 3P
   Small Signal Switching Diode
Rev. 1.5, 15-May-13
logo
Yangzhou yangjie electr...
1N914BW YANGJIE-1N914BW Datasheet
213Kb / 3P
   Small Signal Switching Diode
logo
Kwang Myoung I.S. CO.,L...
1SS244 KISEMICONDUCTOR-1SS244 Datasheet
98Kb / 2P
   SMALL SIGNAL SWITCHING DIODE
logo
Vishay Siliconix
BA604 VISHAY-BA604_12 Datasheet
53Kb / 3P
   Small Signal Switching Diode
Rev. 1.8, 01-Sep-10
MMBD914-V VISHAY-MMBD914-V_12 Datasheet
70Kb / 3P
   Small Signal Switching Diode
Rev. 1.4, 05-Aug-10
logo
Shanghai Lunsure Electr...
1N914THRU1N4454 CHENYI-1N914THRU1N4454 Datasheet
47Kb / 1P
   SMALL SIGNAL SWITCHING DIODE
LL4151 CHENYI-LL4151 Datasheet
170Kb / 3P
   SMALL SIGNAL SWITCHING DIODE
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com