Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LMH6553MRXNOPB Datasheet(PDF) 7 Page - National Semiconductor (TI) |
|
|
LMH6553MRXNOPB Datasheet(HTML) 7 Page - National Semiconductor (TI) |
7 / 39 page LMH6553 www.ti.com SNOSB07H – SEPTEMBER 2008 – REVISED MARCH 2013 VS = ±2.5V Electrical Characteristics (1) (continued) Unless otherwise specified, all limits are ensured for TA = 25°C, VS = ±2.5V, AV = 1, VCM = 0V, VCLAMP = 2V, RF = RG = 275Ω, RL = 200Ω, for single-ended in, differential out. Boldface limits apply at the temperature extremes. Symbol Parameter Conditions Min (2) Typ (3) Max (2) Units Clamp Overshoot VIN = 1V Step, AV = 2 V/V, VCLAMP = 0.5V, 105 mV VCM= 0V, 100% Overdrive Clamp Overshoot VIN = 1V Step, AV= 2 V/V, VCLAMP = 1V, 105 mV VCM = 0.5V, 100% Overdrive Clamp Overshoot Width (9) 650 ps Clamp Overdrive Recovery Time VIN = 2V Step, AV = 2 V/V, VCLAMP = 0.5V, 600 ps VCM = 0V, 50% Output Crossing Linearity Guardband (10) f = 75 MHz, VOD = 2 VPP, RL = 800, SFDR 40 mV Down 3 dB Output Common Mode Control Circuit Common Mode Small Signal VIN+ = VIN− = 0 130 MHz Bandwidth Slew Rate VIN+ = VIN− = 0 186 V/ μs VOSCM Output Common Mode Error Common Mode, VIN = float, VCM = 0 −20 2 20 mV Input Bias Current VCM = 0, (11) −3.5 µA Voltage Range ±0.75 ±0.81 V CMRR Measure VOD, VID = 0V 84 dB Input Resistance 200 k Ω Gain ΔVO,CM/ΔVCM 0.995 1.00 1.008 V/V Miscellaneous Performance ZT Open Loop Transimpedance Differential 105 dB Ω PSRR Power Supply Rejection Ratio DC, ΔVS = ±1V 85 dB IS Supply Current RL = ∞ 23 26.5 30 mA 34 (9) Clamp Overshoot Width is the duration of overshoot in a 100% overdrive condition. (10) Linearity Guardband is defined for an output sinusoid (f = 75 MHz, VOD = 2 VPP). It is the difference between the VCLAMP level and the peak output voltage where the SFDR is decreased by 3 dB. (11) Negative current implies current flowing out of the device. Copyright © 2008–2013, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Links: LMH6553 |
Número de pieza similar - LMH6553MRXNOPB |
|
Descripción similar - LMH6553MRXNOPB |