Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LMH6553SDNOPB Datasheet(PDF) 3 Page - National Semiconductor (TI) |
|
|
LMH6553SDNOPB Datasheet(HTML) 3 Page - National Semiconductor (TI) |
3 / 39 page LMH6553 www.ti.com SNOSB07H – SEPTEMBER 2008 – REVISED MARCH 2013 VS = ±5V Electrical Characteristics (1) Unless otherwise specified, all limits are ensured for TA = 25°C, VS = ±5V, AV = 1, VCM = 0V, VCLAMP = 3V, RF = RG = 275Ω, RL = 200Ω, for single-ended in, differential out. Boldface limits apply at the temperature extremes. Symbol Parameter Conditions Min (2) Typ (3) Max (2) Units AC Performance (Differential) SSBW Small Signal −3 dB Bandwidth (2) VOUT = 0.2 VPP, AV = 1, RL = 1 kΩ 900 VOUT = 0.2 VPP, AV = 1 720 VOUT = 0.2 VPP, AV = 2 680 MHz VOUT = 0.2 VPP, AV = 4 630 VOUT = 0.2 VPP, AV = 8, (RF = 400Ω, RG = 350 50 Ω) LSBW Large Signal −3 dB Bandwidth VOUT = 2 VPP, AV = 1, RL = 1 kΩ 670 VOUT = 2 VPP, AV = 1 540 VOUT = 2 VPP, AV = 2 530 MHz VOUT = 2 VPP, AV = 4 490 VOUT = 2 VPP, AV = 8, (RF = 400Ω, RG = 50Ω) 350 0.1 dB Bandwidth VOUT = 0.2 VPP, AV = 1 50 MHz 0.5 dB Bandwidth VOUT = 0.2 VPP, AV = 1 525 MHz Slew Rate 4V Step, AV = 1 2300 V/ μs Rise/Fall Time, 10%-90% 2V Step 690 ps 0.1% Settling Time 2V Step 10 ns 1.0% Settling Time 2V Step 6 ns Distortion and Noise Response HD2 2nd Harmonic Distortion VOUT = 2 VPP, f = 20 MHz, RL = 800Ω −79 dBc VOUT = 2 VPP, f = 70 MHz, RL = 800Ω −78 HD3 3rd Harmonic Distortion VOUT = 2 VPP, f = 20 MHz, RL = 800Ω −90 dBc VOUT = 2 VPP, f = 70 MHz, RL = 800Ω −71 IMD3 3rd-Order Two-Tone fc = 20 MHz, , VOUT = 2 VPP Composite, −92 Intermodulation RL = 200Ω dBc fc = 150 MHz, , VOUT = 2 VPP Composite, −76 RL = 200Ω Input Noise Voltage f = 100 kHz 1.2 nV/ √Hz Input Noise Current f = 100 kHz 13.6 pA/ √Hz Noise Figure (See Figure 58) 50 Ω System, AV = 9, 10 MHz 10.3 dB Input Characteristics IBI Input Bias Current (4) −95 50 95 µA IBoffset Input Bias Current Differential (3) VCM = 0V, VID = 0V, IBoffset = (IB− - IB+)/2 −18 2.5 18 µA CMRR Common Mode Rejection Ratio (3) DC, VCM = 0V, VID = 0V 82 dBc RIN Input Resistance Differential 15 Ω CIN Input Capacitance Differential 0.5 pF CMVR Input Common Mode Voltage CMRR > 38 dB ±3.3 ±3.6 V Range (1) Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very limited self-heating of the device such that TJ = TA. No specification of parametric performance is indicated in the electrical tables under conditions of internal self-heating where TJ > TA. See Application Information for information on temperature de-rating of this device." Min/Max ratings are based on product characterization and simulation. Individual parameters are tested as noted. (2) Limits are 100% production tested at 25°C. Limits over the operating temperature range are specified through correlation using Statistical Quality Control (SQC) methods. (3) Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped production material. (4) Exceeding limits could result in excessive device current. Copyright © 2008–2013, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Links: LMH6553 |
Número de pieza similar - LMH6553SDNOPB |
|
Descripción similar - LMH6553SDNOPB |