Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4005G Datasheet(PDF) 1 Page - Shanghai Lunsure Electronic Tech

No. de pieza 1N4005G
Descripción Electrónicos  GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CHENYI [Shanghai Lunsure Electronic Tech]
Página de inicio  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

1N4005G Datasheet(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  1N4005G Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech 1N4005G Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CE
1N4001G THRU 1N4007G
CHENYI ELECTRONICS
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
Reverse Voltage - 50 to 1300 Volts
Forward Current - 1.0Amperes
FEATURES
. The plastic package carries Underwrites Laboratory
Flammability Classification 94V-0
. High current capability
. Low reverse leakage
. Glass passivated junction
. Low forward voltage drop
. High temperature soldering guaranteed: 250
/10 seconds,
0.375"(9.5mm)lead length,5lbs.(2.3kg) tension
MECHANICAL DATA
. Case: JEDEC DO-41 molded plastic body
. Terminals: Plated axial lead solderable per MIL-STD-750,method 2026
. Polarity:Color band denotes cathode end
. Mounting Position: Any
Dimensions in inches and (millimeters)
. Weight: 0.012 ounce, 0.33 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Ratings at 25
ambient temperature unless otherwise specified,Single phase,half wave 60Hz,resistive or inductive)
load. For capacitive load,derate by 20%)
Symbols
1N
4001G
1N
4002G
1N
4003G
1N
4004G
1N
4005G
1N
4006G
1N
4007G
Units
Maximum recurrent peak reverse voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
Volts
Macimum average forward rectified
current 0.375"(9.5mm)lead length at
TA=75
Peak forward surge current 8.3ms half
sing-wave superimposed on rated load
(JEDEC method)
Maximum instantaneous forward voltage at 1.0 A
VF
Volts
Maximum reverse
TA=25
current at rated DC blocking voltage
TA=100
R
JA
R
JL
Typical junction Capacitance(Note 2)
CJ
pF
TJ
TSTG
Notes: 1. Measured at 1MHz and applied reverse voltage of 4.0V DC
2.Thermal resistance from juntion to ambient and from junction lead at 0.375"(9.5mm)lead length,
P.C.B. Mounted
15.0
Operating and storage temperature range
-65 to +175
Typeical thermal resistance(Note 1)
50.0
/W
25.0
1.1
IR
5.0
A
50.0
I(AV)
1.0
Amp
IFSM
30.0
Amps
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 1 of 2


Número de pieza similar - 1N4005G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
1N4005G PHILIPS-1N4005G Datasheet
40Kb / 5P
   Rectifiers(Rugged glass package, using a high temperature alloyed construction)
1996 May 24
logo
Microdiode Electronics ...
1N4005G CHENDA-1N4005G Datasheet
735Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Gulf Semiconductor
1N4005G GULFSEMI-1N4005G Datasheet
89Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIERVOLTAGE: 50 TO 1000V CURRENT: 1.0A
logo
Leshan Radio Company
1N4005G LRC-1N4005G Datasheet
186Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1200V Forward Current 1.0A
logo
List of Unclassifed Man...
1N4005G ETC-1N4005G Datasheet
143Kb / 2P
   GLASS PASSIVATED RECTIFIER
More results

Descripción similar - 1N4005G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Transys Electronics
TE150 TRSYS-TE150 Datasheet
105Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
TE600A TRSYS-TE600A Datasheet
160Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Vishay Siliconix
1N539XGP VISHAY-1N539XGP Datasheet
77Kb / 4P
   Glass Passivated Junction Plastic Rectifier
Revision: 13-Jun-16
logo
Pan Jit International I...
PG4001 PANJIT-PG4001_07 Datasheet
98Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
PG5391 PANJIT-PG5391_09 Datasheet
61Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Vishay Siliconix
GP30A VISHAY-GP30A Datasheet
75Kb / 4P
   Glass Passivated Junction Plastic Rectifier
Revision: 15-Mar-11
1N4001GP VISHAY-1N4001GP_V01 Datasheet
84Kb / 5P
   Glass Passivated Junction Plastic Rectifier
01-Jan-2022
1N4245GP VISHAY-1N4245GP_V01 Datasheet
79Kb / 5P
   Glass Passivated Junction Plastic Rectifier
01-Jan-2022
GP10-4002 VISHAY-GP10-4002_V01 Datasheet
79Kb / 4P
   Glass Passivated Junction Plastic Rectifier
01-Jan-2022
GP15A VISHAY-GP15A_V01 Datasheet
75Kb / 5P
   Glass Passivated Junction Plastic Rectifier
01-Jan-2022
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com