Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

L6132G-K08-2020-R Datasheet(PDF) 8 Page - Unisonic Technologies

No. de pieza L6132G-K08-2020-R
Descripción Electrónicos  GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UTC [Unisonic Technologies]
Página de inicio  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L6132G-K08-2020-R Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button L6132G-K08-2020-R Datasheet HTML 3Page - Unisonic Technologies L6132G-K08-2020-R Datasheet HTML 4Page - Unisonic Technologies L6132G-K08-2020-R Datasheet HTML 5Page - Unisonic Technologies L6132G-K08-2020-R Datasheet HTML 6Page - Unisonic Technologies L6132G-K08-2020-R Datasheet HTML 7Page - Unisonic Technologies L6132G-K08-2020-R Datasheet HTML 8Page - Unisonic Technologies L6132G-K08-2020-R Datasheet HTML 9Page - Unisonic Technologies L6132G-K08-2020-R Datasheet HTML 10Page - Unisonic Technologies L6132G-K08-2020-R Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
L6132
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
8 of 11
www.unisonic.com.tw
QW-R105-045.B
TYPICAL CHARACTERISTICS(Cont.)
Stability vs Capacitive Load
Output Voltage, VOUT (V)
-2 -1.5 -1 -0.5 0
0.5 1
1.5
10
100
1000
10000
Stability vs Capacitive Load
Output Voltage,VOUT (V)
10
100
1000
10000
2
VSS = ±2.5V
25% Overshoot
AV = +10
RL = 2kΩ
VOUT = 100mVPP
VSS = ±2.5V
25% Overshoot
AV = +10
RL = 1MΩ
VOUT = 100mVPP
-2 -1.5 -1 -0.5 0
0.5
1
1.5
2
200
140
60
40
0
-40
0
40
80
100
Short Circuit Current vs Temperature
(Sinking)
Temperature (°С)
160
VSS = 5V
180
120
80
20
-20
60
20
VSS = 2.7V
240
180
60
0
-40
0
40
80
120
Short Circuit Current vs Temperature
(Sourcing)
Temperature (°С)
210
150
90
30
-20
60
20
VSS = 2.7V
VSS = 5V
1.5
0.5
2.5
5.0
Slew Rate vs Supply Voltage
Supply Voltage (V)
1.4
1.2
0.8
0.7
1.1
0.9
0.6
3.0
4.0
1.3
1.0
Vs=+5V, RL=10kΩ,
AV=+1, VIN=1Vpp,
single supply, TA=25°С
Rising Edge
Failing Edge
3.5
4.5


Número de pieza similar - L6132G-K08-2020-R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
L6132G-K08-2020-R UTC-L6132G-K08-2020-R Datasheet
451Kb / 11P
   OUTPUT OPERATIONAL AMPLIFIERS
L6132G-K08-2020-R UTC-L6132G-K08-2020-R Datasheet
471Kb / 12P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL VOLTAGE, RAIL-TO-RAIL AMPLIFIERS
More results

Descripción similar - L6132G-K08-2020-R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
UTCLMV358 UTC-UTCLMV358 Datasheet
925Kb / 9P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV358 UTC-LMV358_05 Datasheet
269Kb / 12P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
LMV321 DIODES-LMV321_10 Datasheet
625Kb / 15P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
DS33196 Rev. 5 - 2
logo
Unisonic Technologies
LMV358 UTC-LMV358_09 Datasheet
459Kb / 12P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LV324 UTC-LV324 Datasheet
184Kb / 6P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
LMV321 DIODES-LMV321 Datasheet
630Kb / 16P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
/LMV324 Rev. 1
logo
National Semiconductor ...
LMV321 NSC-LMV321 Datasheet
1Mb / 27P
   General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
logo
Unisonic Technologies
LV358 UTC-LV358 Datasheet
412Kb / 12P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LPV321 NSC-LPV321 Datasheet
715Kb / 21P
   General Purpose, Low Voltage, Low Power, Rail-to-Rail Output Operational Amplifiers
logo
Texas Instruments
LPV358 TI1-LPV358 Datasheet
798Kb / 23P
[Old version datasheet]   GENERAL-PURPOSE, LOW-VOLTAGE, LOW-POWER, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com