Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5395 Datasheet(PDF) 1 Page - Shanghai Lunsure Electronic Tech

No. de pieza 1N5395
Descripción Electrónicos  GENERAL PURPOSE PLASTIC RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CHENYI [Shanghai Lunsure Electronic Tech]
Página de inicio  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

1N5395 Datasheet(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  1N5395 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech 1N5395 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CE
1N5391 THRU 1N5399
CHENYI ELECTRONICS
GENERAL PURPOSE PLASTIC RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 1.5Amperes
FEATURES
. The plastic package carries Underwrites Laboratory
Flammability Classification 94V-0
. Construction utilizes void-free molded plastic technique
. 1.5A operation at
TL=70
with no thermal runaway
. Low reverse leakage
. High forward surge current capability
. High temperature soldering guaranteed: 250
/10 seconds,
0.375"(9.5mm)lead length,5lbs.(2.3kg)tension
MECHANICAL DATA
. Case: JEDEC DO-15 molded plastic body
. Terminals: lead solderable per MIL-STD-750,method 2026
. Polarity: Color band denotes cathode end
. Mounting Position: Any
. Weight: 0.014 ounce, 0.33 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Ratings at 25
ambient temperature unless otherwise specified,Single phase,half wave 60Hz,resistive or inductive)
load. For capacitive load,derate by 20%)
Symbols
1N
5391
1N
5392
1N
5393
1N
5394
1N
5395
1N
5396
1N
5397
1N
5398
1N
5399
Units
Maximum repetitive peak reverse voltage
VRRM
50
100
200
300
400
500
600
800
1000
Volts
Maximum RMS voltage
VRMS
35
70
140
210
280
350
420
560
700
Volts
Maximum DC blocking voltage
VDC
50
100
200
300
400
500
600
800
1000
Volts
Macimum average forward rectified
current 0.375"(9.5mm)lead length at
TA=70
Peak forward surge current 8.3ms
sing-wave superimposed on rated load
(JEDEC method)
TA=70
Maximum instantaneous forward voltage at 1.5 A
VF
Volts
Maximum reverse
TA=25
current at rated DC blocking voltage
TA=100
R
JA
R
JL
Typical junction Capacitance(Note 1)
CJ
pF
Maximum DC Blocking Voltage temperature
TA
TJ
TSTG
Notes: 1. Measured at 1MHz and applied reverse voltage of 4.0V DC
2.Thermal resistance from juntion to ambient and from junction lead at 0.375"(9.5mm)lead length,
P.C.B. Mounted
IR
A
I(AV)
Amps
IFSM
Amps
Operating and storage temperature range
-65 to +175
Typeical thermal resistance(Note 2)
/W
1.5
50.0
1.4
5.0
50.0
50.0
25.0
20.0
+150
Copyright @ 2000 SHANGHAI CHENYI ELECTRONICS CO.,LTD
Page 1 of 2


Número de pieza similar - 1N5395

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
1N5395 PANJIT-1N5395 Datasheet
47Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
logo
Taiwan Semiconductor Co...
1N5395 TSC-1N5395 Datasheet
198Kb / 4P
   Silicon Rectifiers
logo
UNIOHM CORPORATION
1N5395 UNIOHM-1N5395 Datasheet
66Kb / 2P
   1.5 AMP SILICON RECTIFIERS
logo
Compact Technology Corp...
1N5395 CTC-1N5395 Datasheet
44Kb / 2P
   PLASTIC SILICON RECTIFIERS (DO-41)
logo
Diodes Incorporated
1N5395 DIODES-1N5395 Datasheet
58Kb / 2P
   1.5A RECTIFIER
DS28003 Rev. D-2
More results

Descripción similar - 1N5395

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shanghai Lunsure Electr...
BY127 CHENYI-BY127 Datasheet
126Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
GOOD-ARK Electronics
1N5400 GOOD-ARK-1N5400 Datasheet
198Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
RL201 GOOD-ARK-RL201 Datasheet
227Kb / 3P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Wing Shing Computer Com...
1N4001 WINGS-1N4001 Datasheet
29Kb / 1P
   General Purpose Plastic Rectifier
logo
General Semiconductor
1N4001 GE-1N4001 Datasheet
45Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
1N5391 GE-1N5391 Datasheet
45Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Shenzhen Taychipst Elec...
GI500 TAYCHIPST-GI500 Datasheet
4Mb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Rugao Dachang Electroni...
RL201 DACHANG-RL201_15 Datasheet
118Kb / 2P
   General Purpose Plastic Rectifier
10A05 DACHANG-10A05_15 Datasheet
117Kb / 2P
   General Purpose Plastic Rectifier
logo
Vishay Siliconix
1N4001 VISHAY-1N4001 Datasheet
82Kb / 5P
   General Purpose Plastic Rectifier
Revision: 23-Feb-11
logo
Jinan Jingheng (Group) ...
1N4001G JINANJINGHENG-1N4001G Datasheet
85Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com