Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N5443 Datasheet(PDF) 3 Page - Digitron Semiconductors

No. de pieza 2N5443
Descripción Electrónicos  40 AMP SILICON TRIACS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIGITRON [Digitron Semiconductors]
Página de inicio  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

2N5443 Datasheet(HTML) 3 Page - Digitron Semiconductors

  2N5443 Datasheet HTML 1Page - Digitron Semiconductors 2N5443 Datasheet HTML 2Page - Digitron Semiconductors 2N5443 Datasheet HTML 3Page - Digitron Semiconductors 2N5443 Datasheet HTML 4Page - Digitron Semiconductors 2N5443 Datasheet HTML 5Page - Digitron Semiconductors 2N5443 Datasheet HTML 6Page - Digitron Semiconductors 2N5443 Datasheet HTML 7Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
2N5441-2N5446, T6420 SERIES
40 AMP SILICON TRIACS
MECHANICAL CHARACTERISTICS
Case
Digi PF1 (2N5441-2N5443)
Marking
Alpha-numeric
Polarity
Cathode is stud
DIGI PF1
Inches
Millimeters
Min
Max
Min
Max
A
0.501
0.505
12.730
12.830
F
-
0.160
-
4.060
G
0.085
0.095
2.160
2.410
H
0.060
0.070
1.520
1.780
J
0.300
0.350
7.620
8.890
K
-
1.050
-
26.670
L
-
0.670
-
17.020
Q
0.055
0.085
1.400
2.160
MECHANICAL CHARACTERISTICS
Case
TO-48 (2N5444-2N5446)
Marking
Alpha-numeric
Polarity
Cathode is stud
TO-48
Inches
Millimeters
Min
Max
Min
Max
A
0.604
0.614
15.340
15.600
B
0.551
0.559
14.000
14.200
C
1.050
1.190
2.670
30.230
F
0.135
0.160
3.430
4.060
H
-
0.265
-
6.730
J
0.420
0.455
10.670
11.560
K
0.620
0.670
15.750
17.020
L
0.300
0.350
7.620
8.890
Q
0.055
0.085
1.400
2.160
T
0.501
0.505
12.730
12.830
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20130131


Número de pieza similar - 2N5443

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
2N5443 ETC1-2N5443 Datasheet
248Kb / 5P
   40-A Silicon Triacs
logo
New Jersey Semi-Conduct...
2N5443 NJSEMI-2N5443 Datasheet
115Kb / 1P
   TRIAC, V(DRM) = 600V TO 699.9V
2N5443 NJSEMI-2N5443 Datasheet
99Kb / 2P
   40-A Silicon Triacs
2N5443 NJSEMI-2N5443 Datasheet
99Kb / 2P
   40-A Silicon Triacs
More results

Descripción similar - 2N5443

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
New Jersey Semi-Conduct...
T6420B NJSEMI-T6420B Datasheet
99Kb / 2P
   40-A Silicon Triacs
2N5441 NJSEMI-2N5441 Datasheet
99Kb / 2P
   40-A Silicon Triacs
logo
List of Unclassifed Man...
2N5441 ETC1-2N5441 Datasheet
248Kb / 5P
   40-A Silicon Triacs
logo
Littelfuse
Q6040J7TP LITTELFUSE-Q6040J7TP Datasheet
703Kb / 7P
   Teccor짰 brand Thyristors 40 Amp Alternistor (High Commutation) Triacs
Q6040K7TP LITTELFUSE-Q6040K7TP Datasheet
741Kb / 7P
   Teccor짰 brand Thyristors 40 Amp Alternistor (High Commutation) Triacs
logo
DIOTEC Electronics Corp...
SDB4000 DEC-SDB4000 Datasheet
305Kb / 2P
   40 AMP SILICON BRIDGE RECTIFIERS
BSDB-4000-1B DEC-BSDB-4000-1B Datasheet
98Kb / 2P
   40 AMP SILICON BRIDGE RECTIFIERS
40SDB DEC-40SDB Datasheet
98Kb / 2P
   40 AMP SILICON BRIDGE RECTIFIERS
logo
Motorola, Inc
MAC224A MOTOROLA-MAC224A Datasheet
53Kb / 4P
   Triacs Silicon Bidirectional 40 Amperes RMS Triode Thyristors
logo
New Jersey Semi-Conduct...
MAC224 NJSEMI-MAC224 Datasheet
114Kb / 3P
   Triacs Silicon Bidirectional 40 Amperes RMS Triode Thyristors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com