Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
2N3873 Datasheet(PDF) 2 Page - Digitron Semiconductors |
|
2N3873 Datasheet(HTML) 2 Page - Digitron Semiconductors |
2 / 5 page DIGITRON SEMICONDUCTORS 144 Market Street Kenilworth NJ 07033 USA phone +1.908.245-7200 2N3870-2N3873 SILICON CONTROLLED RECTIFIERS 2N3896-2N3899 REVERSE BLOCKING TRIODE THYRISTOR 2N6171-2N6174 35 AMPS RMS, 100-800 VOLTS ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted) Characteristic Symbol Min. Typ. Max. Unit Peak on-state voltage (ITM = 69A peak) VTM - 1.5 1.85 Volts Gate trigger current (continuous dc) VD = 12V, RL = 24ohms) TC = -40°C TC = 25°C IGT - - 9 4 80 40 mA Gate trigger voltage (continuous dc) VD = 12V, RL = 24ohms) TC = -40°C TC = 25°C VGT - - 0.9 0.69 3 1.6 Volts Holding current (gate open) VD = 12V, ITM = 200mA) TC = -40°C TC = 25°C IH - - 14 5.2 90 50 mA Gate controlled turn-on time (td+tr) (ITM = 41Adc, VD = rated VDRM, IGT = 40mAdc, Rise time ≤ 0.05µs, pulse width = 10µs) tgt - - 1.5 µs Circuit commutated turn-off time (ITM = 10A, IR = 10A) (ITM = 10A, IR = 10A, TC = 100°C) tq - - 25 35 - - µs Forward voltage application rate (TC = 100°C, VD = rated VDRM) dv/dt - 50 - V/µs MECHANICAL CHARACTERISTICS 2N3870-2N3873 Case DIGI PF2 Marking Alpha-numeric Pin out See below DIGI PF2 Inches Millimeters Min Max Min Max A 0.501 0.505 12.730 12.830 B 0.465 0.475 11.810 12.060 C 0.330 0.380 8.390 9.650 E 0.100 - 2.540 - F 0.035 0.085 0.890 2.160 H 0.148 0.174 3.750 4.410 J 0.080 0.097 2.040 2.460 K - 0.800 - 20.320 N - 0.510 - 12.950 Q 0.065 0.160 1.650 4.060 sales@digitroncorp.com fax +1.908.245-0555 www.digitroncorp.com Rev. 20130116 |
Número de pieza similar - 2N3873 |
|
Descripción similar - 2N3873 |