Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N6174 Datasheet(PDF) 4 Page - Digitron Semiconductors

No. de pieza 2N6174
Descripción Electrónicos  SILICON CONTROLLED RECTIFIERS REVERSE BLOCKING TRIODE THYRISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIGITRON [Digitron Semiconductors]
Página de inicio  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

2N6174 Datasheet(HTML) 4 Page - Digitron Semiconductors

  2N6174 Datasheet HTML 1Page - Digitron Semiconductors 2N6174 Datasheet HTML 2Page - Digitron Semiconductors 2N6174 Datasheet HTML 3Page - Digitron Semiconductors 2N6174 Datasheet HTML 4Page - Digitron Semiconductors 2N6174 Datasheet HTML 5Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
2N3870-2N3873
SILICON CONTROLLED RECTIFIERS
2N3896-2N3899
REVERSE BLOCKING TRIODE THYRISTOR
2N6171-2N6174
35 AMPS RMS, 100-800 VOLTS
.
2N3870-2N3873
SILICON CONTROLLED RECTIFIERS
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20130116


Número de pieza similar - 2N6174

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
2N6174 MOTOROLA-2N6174 Datasheet
272Kb / 4P
   Silicon Controlled Rectifiers(Reverse Blocking Triode Thyristors)
logo
New Jersey Semi-Conduct...
2N6174 NJSEMI-2N6174 Datasheet
184Kb / 2P
   SILICON CONTROLLED RECTIFIERS
2N6174 NJSEMI-2N6174 Datasheet
96Kb / 1P
   SCR, V(DRM) = 600V TO 699.9V
More results

Descripción similar - 2N6174

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
C228 MOTOROLA-C228 Datasheet
87Kb / 2P
   SILICON CONTROLLED RECTIFIER REVERSE BLOCKING TRIODE THYRISTOR
MCR3835 MOTOROLA-MCR3835 Datasheet
109Kb / 3P
   SILICON CONTROLLED RECTIFIER REVERSE BLOCKING TRIODE THYRISTOR
MCR3818 MOTOROLA-MCR3818 Datasheet
201Kb / 5P
   Silicon Controlled Rectifier Reverse Blocking Triode Thyristor
logo
New Jersey Semi-Conduct...
MCR3935 NJSEMI-MCR3935 Datasheet
93Kb / 2P
   Silicon Controlled Rectifier Reverse Blocking Triode Thyristor
2N3008 NJSEMI-2N3008 Datasheet
142Kb / 1P
   SILICON REVERSE-BLOCKING TRIODE THYRISTOR
logo
Motorola, Inc
2N3870 MOTOROLA-2N3870 Datasheet
272Kb / 4P
   Silicon Controlled Rectifiers(Reverse Blocking Triode Thyristors)
2N6240 MOTOROLA-2N6240 Datasheet
55Kb / 4P
   Silicon controlled Rectifiers Reverse Blocking Triode Thyristors
logo
ON Semiconductor
MCR310 ONSEMI-MCR310 Datasheet
50Kb / 3P
   Silicon Controlled Rectifiers Reverse Blocking Triode Thyristors
March, 2007 ??Rev. 3
logo
Motorola, Inc
MCR100 MOTOROLA-MCR100 Datasheet
81Kb / 4P
   Silicon Controlled Rectifiers(Reverse Blocking Triode Thyristors)
logo
New Jersey Semi-Conduct...
MCR230 NJSEMI-MCR230 Datasheet
114Kb / 3P
   Silicon Controlled Rectifiers Reverse Blocking Triode Thyristors
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com