Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMV611 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
No. de pieza LMV611
Descripción Electrónicos  Quad 1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV611 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMV611 Datasheet HTML 1Page - National Semiconductor (TI) LMV611 Datasheet HTML 2Page - National Semiconductor (TI) LMV611 Datasheet HTML 3Page - National Semiconductor (TI) LMV611 Datasheet HTML 4Page - National Semiconductor (TI) LMV611 Datasheet HTML 5Page - National Semiconductor (TI) LMV611 Datasheet HTML 6Page - National Semiconductor (TI) LMV611 Datasheet HTML 7Page - National Semiconductor (TI) LMV611 Datasheet HTML 8Page - National Semiconductor (TI) LMV611 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LMV611, LMV612, LMV614
www.ti.com
SNOSC69B – APRIL 2012 – REVISED MARCH 2013
1.8V DC Electrical Characteristics
Unless otherwise specified, all limits ensured for TJ = 25°C. V
+ = 1.8V, V = 0V, V
CM = V
+/2, V
O = V
+/2 and R
L > 1 MΩ.
Boldface limits apply at the temperature extremes. See
(1)
Symbol
Parameter
Condition
Min(2)
Typ(3)
Max(2)
Units
VOS
Input Offset Voltage
LMV611 (Single)
1
4
mV
LMV612 (Dual)
1
5.5
mV
LMV614 (Quad)
TCVOS
Input Offset Voltage Average
5.5
μV/°C
Drift
IB
Input Bias Current
15
nA
IOS
Input Offset Current
13
nA
IS
Supply Current (per channel)
103
185
μA
CMRR
Common Mode Rejection Ratio
LMV611, 0
≤ VCM ≤ 0.6V
60
78
1.4V
≤ VCM ≤ 1.8V
(4)
LMV612 and LMV614
55
76
0
≤ VCM ≤ 0.6V
dB
1.4V
≤ VCM ≤ 1.8V
(4)
−0.2V ≤ VCM ≤ 0V
50
72
1.8V
≤ VCM ≤ 2.0V
PSRR
Power Supply Rejection Ratio
1.8V
≤ V+ ≤ 5V
100
dB
CMVR
Input Common-Mode Voltage
For CMRR Range TA = 25°C
V
−0.2
−0.2 to 2.1
V+ +0.2
Range
≥ 50dB
TA −40°C to
V
V+
V
85°C
TA = 125°C
V+0.2
V+
−0.2
AV
Large Signal Voltage Gain
RL = 600Ω to 0.9V,
77
101
LMV611 (Single)
VO = 0.2V to 1.6V, VCM = 0.5V
dB
RL = 2kΩ to 0.9V,
80
105
VO = 0.2V to 1.6V, VCM = 0.5V
Large Signal Voltage Gain
RL = 600Ω to 0.9V,
75
90
LMV612 (Dual)
VO = 0.2V to 1.6V, VCM = 0.5V
dB
LMV614 (Quad)
RL = 2kΩ to 0.9V,
78
100
VO = 0.2V to 1.6V, VCM = 0.5V
VO
Output Swing
RL = 600Ω to 0.9V
1.65
1.72
VIN = ±100mV
0.077
0.105
V
RL = 2kΩ to 0.9V
1.75
1.77
VIN = ±100mV
0.024
0.035
IO
Output Short Circuit Current(5)
Sourcing, VO = 0V
8
VIN = 100mV
mA
Sinking, VO = 1.8V
9
VIN = −100mV
(1)
Electrical Table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No assurance of parametric performance is indicated in the electrical tables under
conditions of internal self-heating where TJ > TA. See Applications section for information of temperature derating of the device. Absolute
Maximum Ratings indicated junction temperature limits beyond which the device may be permanently degraded, either mechanically or
electrically.
(2)
All limits are specified by testing or statistical analysis.
(3)
Typical values represent the most likely parametric norm as determined at the time of characterization. Actual typical values may vary
over time and will also depend on the application and configuration. The typical values are not tested and are not ensured on shipped
production material.
(4)
For specified temperature ranges, see Input Common-Mode Voltage Range specifications.
(5)
Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in
exceeding the maximum allowed junction temperature of 150°C. Output currents in excess of 45mA over long term may adversely affect
reliability.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMV611 LMV612 LMV614


Número de pieza similar - LMV611

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMV611 TI1-LMV611 Datasheet
1,014Kb / 21P
[Old version datasheet]   1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
LMV611 TI1-LMV611 Datasheet
1Mb / 28P
[Old version datasheet]   1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
LMV611MF TI1-LMV611MF Datasheet
1,014Kb / 21P
[Old version datasheet]   1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
LMV611MF/NOPB TI1-LMV611MF/NOPB Datasheet
1Mb / 39P
[Old version datasheet]   LMV61x Single, Dual, and Quad, 1.4-MHz, Low-Power, General-Purpose 1.8-V Operational Amplifiers
LMV611MFX TI1-LMV611MFX Datasheet
1,014Kb / 21P
[Old version datasheet]   1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
More results

Descripción similar - LMV611

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMV612 TI1-LMV612 Datasheet
1Mb / 28P
[Old version datasheet]   1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
LMV611 TI1-LMV611 Datasheet
1,014Kb / 21P
[Old version datasheet]   1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
LMV611 TI-LMV611_15 Datasheet
1Mb / 31P
[Old version datasheet]   LMV611 Single/LMV612 Dual/LMV614 Quad 1.4 MHz, Low Power General Purpose, 1.8V Operational Amplifiers
LMV611 TI1-LMV611_16 Datasheet
1Mb / 39P
[Old version datasheet]   LMV61x Single, Dual, and Quad, 1.4-MHz, Low-Power, General-Purpose 1.8-V Operational Amplifiers
LMV602 TI1-LMV602 Datasheet
1Mb / 28P
[Old version datasheet]   MHz, Low Power General Purpose, 2.7V Operational Amplifiers
RC4136 TI-RC4136 Datasheet
83Kb / 5P
[Old version datasheet]   QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
RC4136J TI-RC4136J Datasheet
217Kb / 8P
[Old version datasheet]   QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
RC4136 TI-RC4136_07 Datasheet
295Kb / 8P
[Old version datasheet]   QUAD GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
LMV601 TI1-LMV601 Datasheet
1,004Kb / 19P
[Old version datasheet]   1 MHz, Low Power General Purpose, 2.7V Operational Amplifiers
logo
STMicroelectronics
LMV321LICT STMICROELECTRONICS-LMV321LICT Datasheet
642Kb / 20P
   Low-power, general-purpose operational amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com