Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

2N1770A Datasheet(PDF) 2 Page - Digitron Semiconductors

No. de Pieza. 2N1770A
Descripción  PHASE CONTROL SCR
Descarga  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  DIGITRON [Digitron Semiconductors]
Página de inicio  http://www.digitroncorp.com
Logo 

2N1770A Datasheet(HTML) 2 Page - Digitron Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
2N1770A-2N1777A, 2N2619A
PHASE CONTROL SCR
Gate- Maximum parameters
Gate current to trigger
IGT
VD = 12V, RL = 250Ω, TC = 25°C
VD = 12V, RL = 250Ω,TC = -65°C
-
-
-
-
15
30
mA
Gate voltage to trigger
VGT
VD = 12V, RL = 250Ω, TC = 150°C
-
-
2.0
Volts
Minimum non-triggering gate voltage
VGD
VD= VDRM, RL = 250Ω, TC = 150°C
0.2
-
-
Volts
MECHANICAL CHARACTERISTICS
Case
TO-64
Marking
Alpha-numeric
Pin out
See below
TO-64
Inches
Millimeters
Min
Max
Min
Max
A
0.300
0.400
7.620
10.160
B
0.080
0.136
2.030
3.450
ФD
-
0.424
-
10.770
ФD1
0.400
-
10.160
-
E
0.424
0.437
10.770
11.100
e
0.013
-
0.330
-
e1
0.060
-
1.520
-
F
0.060
0.175
1.520
4.450
J
0.700
0.855
17.780
21.720
ФM
0.163
0.189
4.140
4.800
N
0.400
0.453
10.160
11.510
N1
-
0.078
-
1.980
ФT
0.040
0.075
1.020
1.910
ФW
0.1658
0.1697
4.212
4.310
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20130116


Html Pages

1  2  3  4