Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N6272 Datasheet(PDF) 3 Page - Digitron Semiconductors

No. de pieza 1N6272
Descripción Electrónicos  UNIDIRECTIONAL AND BIDRECTIONAL
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIGITRON [Digitron Semiconductors]
Página de inicio  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1N6272 Datasheet(HTML) 3 Page - Digitron Semiconductors

  1N6272 Datasheet HTML 1Page - Digitron Semiconductors 1N6272 Datasheet HTML 2Page - Digitron Semiconductors 1N6272 Datasheet HTML 3Page - Digitron Semiconductors 1N6272 Datasheet HTML 4Page - Digitron Semiconductors 1N6272 Datasheet HTML 5Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
1N6267-1N6303A
UNIDIRECTIONAL AND BIDRECTIONAL
TRANSIENT VOLTAGE SUPPRESSORS
Rated
Standoff
Voltage
VWM
(Note 1)
Breakdown Voltage
V(BR) @ l(BR)
Maximum
Clamping
Voltage
VC @ lPP
Maximum
Standby
Current
lD @ VWM
Maximum
Pulse Current
lPP
(Fig. 2)
Maximum
Temperature
Coefficient of
V(BR)
αV(BR)
Volts
Volts
Type
Number
Volts
Min
Max
mA
Volts
μA
A
%/°C
1N6289A
47.80
53.20
58.80
1
77.0
1
19.5
.103
1N6290
50.20
55.80
68.20
1
89.0
1
16.9
.104
1N6290A
53.00
58.90
65.10
1
85.0
1
17.7
.104
1N6291
55.10
61.20
74.80
1
98.0
1
15.3
.104
1N6291A
58.10
64.60
71.40
1
92.0
1
16.3
.104
1N6292
60.70
67.50
82.50
1
108.0
1
13.9
.105
1N6292A
64.10
71.30
78.80
1
103.0
1
14.6
.105
1N6293
66.40
73.80
90.20
1
118.0
1
12.7
.105
1N6293A
70.10
77.90
86.10
1
113.0
1
13.3
.105
1N6294
73.70
81.90
100.00
1
131.0
1
11.4
.106
1N6294A
77.80
86.50
95.50
1
125.0
1
12.0
.106
1N6295
81.00
90.00
110.00
1
144.0
1
10.4
.106
1N6295A
85.50
95.00
105.00
1
137.0
1
11.0
.106
1N6296
89.20
99.00
121.00
1
158.0
1
9.5
.107
1N6296A
94.00
105.00
116.00
1
152.0
1
9.9
.107
1N6297
97.20
108.00
132.00
1
173.0
1
8.7
.107
1N6297A
102.00
114.00
126.00
1
165.0
1
9.1
.107
1N6298
105.00
117.00
143.00
1
187.0
1
8.0
.107
1N6298A
111.00
124.00
137.00
1
179.0
1
8.4
.107
1N6299
121.00
135.00
165.00
1
215.0
1
7.0
.108
1N6299A
128.00
143.00
158.00
1
207.0
1
7.2
.108
1N6300
130.00
144.00
176.00
1
230.0
1
6.5
.108
1N6300A
136.00
152.00
168.00
1
219.0
1
6.8
.108
1N6301
138.00
153.00
187.00
1
244.0
1
6.2
.108
1N6301A
145.00
162.00
179.00
1
234.0
1
6.4
.108
1N6303
146.00
162.00
198.00
1
258.0
1
5.8
.108
1N6303A
154.00
171.00
189.00
1
246.0
1
6.1
.108
Notes:
1. Normal selection criteria for TVS devices is by rated stand-off voltage (VWM) and should be equal or greater than dc or continuous peak operating voltage.
2. TVS devices are tested to maximum peak pulse current (lPP) with clamping voltage monitored. This surge capability is one of the most significant electrical
characteristics of the device and should be considered as part of customer quality inspections.
3. For Bidirectional part number add C or CA as suffix. For Bidirectional types having VWM of 8 volts and under, the lD leakage current is doubled. For bipolar
capacitance will be .5 that shown in Fig. 2 for zero bias.
4. For unidirectional, the forward voltage (VF) is 3.5 volts maximum at 100 Amps peak 8.3 ms half-sine wave.
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20120912


Número de pieza similar - 1N6272

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Transys Electronics
1N6272 TRSYS-1N6272 Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
1N6272 VISHAY-1N6272 Datasheet
125Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
logo
MDE Semiconductor, Inc.
1N6272 MDE-1N6272 Datasheet
399Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Dc Components
1N6272 DCCOM-1N6272 Datasheet
740Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
Chongqing Pingwei Enter...
1N6272 CHONGQING-1N6272 Datasheet
62Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Descripción similar - 1N6272

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sangdest Microelectroni...
TPK15KPXX SMC-TPK15KPXX Datasheet
131Kb / 4P
   Unidirectional and Bidirectional
logo
DONGGUAN YOU FENG WEI E...
P4KE6.8 YFWDIODE-P4KE6.8 Datasheet
97Kb / 3P
   Unidirectional And Bidirectional
logo
HY ELECTRONIC CORP.
SMCJ10 HY-SMCJ10_17 Datasheet
171Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL
logo
STMicroelectronics
BZW06 STMICROELECTRONICS-BZW06 Datasheet
446Kb / 9P
   Unidirectional and bidirectional types
April 2017 Rev 4
logo
Digitron Semiconductors
1.5KE6.8 DIGITRON-1.5KE6.8 Datasheet
526Kb / 5P
   1500W UNIDIRECTIONAL AND BIDIRECTIONAL
logo
Microsemi Corporation
SMC MICROSEMI-SMC Datasheet
144Kb / 3P
   UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
SML MICROSEMI-SML Datasheet
138Kb / 3P
   UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT
logo
HY ELECTRONIC CORP.
1.5KEG HY-1.5KEG Datasheet
473Kb / 4P
   Unidirectional and Bidirectional TransientVoltage Suppressors
logo
Weitron Technology
WT-Z206V-AU4 WEITRON-WT-Z206V-AU4 Datasheet
193Kb / 1P
   Zener Diode Chips for ESD Bidrectional Protection
logo
Lite-On Technology Corp...
SMA6.8 LITEON-SMA6.8 Datasheet
50Kb / 4P
   UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com