Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N6081 Datasheet(PDF) 1 Page - Digitron Semiconductors

No. de pieza 1N6081
Descripción Electrónicos  ULTRA FAST RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIGITRON [Digitron Semiconductors]
Página de inicio  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1N6081 Datasheet(HTML) 1 Page - Digitron Semiconductors

  1N6081 Datasheet HTML 1Page - Digitron Semiconductors 1N6081 Datasheet HTML 2Page - Digitron Semiconductors 1N6081 Datasheet HTML 3Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
1N6073-1N6081
ULTRA FAST RECTIFIERS
Metallurgically bonded
Ultra fast recovery
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
MAXIMUM RATINGS
Operating and Storage Temperature:
-65°C to +155°C
ELECTRICAL CHARACTERISTICS @ 25°C unless otherwise specified
Peak Inverse
Voltage
PIV
Forward
Voltage
VF
(Pulsed)
Average
Rectified
Current
lO
Reverse
Current
@ PIV
lR
Reverse*
Recovery Time
trr
Surge Current
lF (SURGE)
Type
VOLTS
VOLTS
AMPS
μA
ns
AMPS
1N6073
50
2.04
3.0
1.0
30
35
1N6074
100
2.04
3.0
1.0
30
35
1N6075
150
2.04
3.0
1.0
30
35
1N6076
50
1.76
6.0
5.0
30
75
1N6077
100
1.76
6.0
5.0
30
75
1N6078
150
1.76
6.0
5.0
30
75
1N6079
50
1.50
12.0
10.0
30
175
1N6080
100
1.50
12.0
10.0
30
175
1N6081
150
1.50
12.0
10.0
30
175
*Note: lF=0.5A, lR=-1.0A and lRR=-0.25A
MECHANICAL CHARACTERISTICS
Case:
Digi A
Marking:
Body painted, alpha-numeric
Polarity:
Cathode band
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20100716


Número de pieza similar - 1N6081

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
1N6081 MICROSEMI-1N6081 Datasheet
70Kb / 2P
   ULTRA FAST POWER RECTIFIERS
1N6081 MICROSEMI-1N6081 Datasheet
336Kb / 3P
   VOIDLESS HERMETICALLY SEALED ULTRA FAST RECOVERY GLASS POWER RECTIFIERS
logo
Semtech Corporation
1N6081 SEMTECH-1N6081 Datasheet
150Kb / 4P
   RECTIFIER, up to 150V, 5A, 30ns
logo
Microsemi Corporation
1N6081 MICROSEMI-1N6081 Datasheet
300Kb / 3P
   VOIDLESS HERMETICALLY SEALED ULTRA FAST RECOVERY GLASS POWER RECTIFIERS
logo
New Jersey Semi-Conduct...
1N6081 NJSEMI-1N6081 Datasheet
103Kb / 1P
   ULTRA FAST POWER RECTIFIERS
More results

Descripción similar - 1N6081

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
1N6620 MICROSEMI-1N6620 Datasheet
99Kb / 2P
   ULTRA FAST RECTIFIERS
1N6626 MICROSEMI-1N6626 Datasheet
100Kb / 2P
   ULTRA FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
UF4001 HY-UF4001 Datasheet
35Kb / 2P
   ULTRA FAST RECTIFIERS
UF5001 HY-UF5001 Datasheet
40Kb / 2P
   ULTRA FAST RECTIFIERS
logo
Compact Technology Corp...
UF2001 CTC-UF2001 Datasheet
38Kb / 2P
   ULTRA FAST RECTIFIERS
logo
Shenzhen Luguang Electr...
MUR805 LUGUANG-MUR805 Datasheet
170Kb / 2P
   Ultra Fast Rectifiers
logo
Guangdong Juxing Electr...
HER601 JUXING-HER601 Datasheet
1Mb / 2P
   Ultra Fast Rectifiers
logo
Compact Technology Corp...
UF1501 CTC-UF1501_15 Datasheet
56Kb / 2P
   ULTRA FAST RECTIFIERS
logo
Guangdong Juxing Electr...
HER101 JUXING-HER101 Datasheet
1Mb / 2P
   Ultra Fast Rectifiers
logo
New Jersey Semi-Conduct...
1N6620 NJSEMI-1N6620 Datasheet
100Kb / 1P
   ULTRA FAST RECTIFIERS
logo
Diode Semiconductor Kor...
MUR1605C DSK-MUR1605C Datasheet
343Kb / 2P
   ULTRA FAST RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com