Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS212EN16 Datasheet(PDF) 7 Page - Cherry Semiconductor Corporation

No. de pieza CS212EN16
Descripción Electrónicos  Security Detector Serial-Addressable Receiver/Transmitter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CHERRY [Cherry Semiconductor Corporation]
Página de inicio  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS212EN16 Datasheet(HTML) 7 Page - Cherry Semiconductor Corporation

  CS212EN16 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS212EN16 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS212EN16 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS212EN16 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS212EN16 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS212EN16 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS212EN16 Datasheet HTML 7Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
Thermal Data
16L
16L SO
PDIP
Wide
RQJC
typ
42
23
ûC/W
RQJA
typ
80
105
ûC/W
Rev. 4/21/99
Package Specification
PACKAGE DIMENSIONS IN mm (INCHES)
D
Lead Count
Metric
English
Max
Min
Max
Min
16L PDIP
19.69
18.67
.775
.735
16L SO Wide
10.50
10.10
.413
.398
PACKAGE THERMAL DATA
Ordering Information
Part Number
Description
CS212EN16
16L PDIP
CS212EDW16
16L SO Wide
CS212EDWR16
16L SO Wide Tape & Reel
© 1999 Cherry Semiconductor Corporation
Cherry Semiconductor Corporation reserves the
right to make changes to the specifications without
notice. Please contact Cherry Semiconductor
Corporation for the latest available information.
Plastic DIP (N); 300 mil wide
0.39 (.015)
MIN.
2.54 (.100) BSC
1.77 (.070)
1.14 (.045)
D
Some 8 and 16 lead
packages may have
1/2 lead at the end
of the package.
All specs are the same.
.203 (.008)
.356 (.014)
REF: JEDEC MS-001
3.68 (.145)
2.92 (.115)
8.26 (.325)
7.62 (.300)
7.11 (.280)
6.10 (.240)
.356 (.014)
.558 (.022)
Surface Mount Wide Body (DW); 300 mil wide
1.27 (.050) BSC
7.60 (.299)
7.40 (.291)
10.65 (.419)
10.00 (.394)
D
0.32 (.013)
0.23 (.009)
1.27 (.050)
0.40 (.016)
REF: JEDEC MS-013
2.49 (.098)
2.24 (.088)
0.51 (.020)
0.33 (.013)
2.65 (.104)
2.35 (.093)
0.30 (.012)
0.10 (.004)


Número de pieza similar - CS212EN16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CS212EN16 ONSEMI-CS212EN16 Datasheet
64Kb / 8P
   Transmitter
April, 2001 - Rev. 5
More results

Descripción similar - CS212EN16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC14469 MOTOROLA-MC14469 Datasheet
119Kb / 12P
   ADDRESSABLE ASYNCHRONOUS RECEIVER / TRANSMITTER
logo
LANSDALE Semiconductor ...
ML14469 LANSDALE-ML14469 Datasheet
473Kb / 10P
   Addressable Asynchronous Receiver/Transmitter
logo
Fujitsu Component Limit...
MB89251A FUJITSU-MB89251A Datasheet
106Kb / 1P
   SERIAL DATA TRANSMITTER / RECEIVER
logo
LANSDALE Semiconductor ...
ML14469 LANSDALE-ML14469_08 Datasheet
243Kb / 10P
   Addressable Asynchronous Receiver
logo
Holt Integrated Circuit...
HI-8282A HOLTIC-HI-8282A_13 Datasheet
160Kb / 15P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-3282 HOLTIC-HI-3282 Datasheet
612Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282 Datasheet
448Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282 HOLTIC-HI-3282_06 Datasheet
146Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282_06 Datasheet
187Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A_06 Datasheet
214Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com