Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N6014 Datasheet(PDF) 2 Page - Digitron Semiconductors

No. de pieza 1N6014
Descripción Electrónicos  500mW ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIGITRON [Digitron Semiconductors]
Página de inicio  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1N6014 Datasheet(HTML) 2 Page - Digitron Semiconductors

  1N6014 Datasheet HTML 1Page - Digitron Semiconductors 1N6014 Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
1N5985-1N6031
500mW ZENER DIODES
Note 1: Zener impedance is derived from the 1KHz AC voltage which results when an AC current having an rms value equal to 10% of DC zener current (IZT or IZK) is superimposed
on IZT or IZK.
Note 2: Voltage measurements to be performed 20 seconds after application of the DC test current.
Note 3: The maximum zener current IZM is for the nominal voltages. The following formula can be used to determine the worse case current for any tolerance device:
IZM = P/VZM; where VZM is the high end of the voltage tolerance specified and P is the rated power of the device.
MECHANICAL CHARACTERISTICS
sales@digitroncorp.com
Case:
Hermetically sealed glass DO-35
Polarity:
Cathode band
Marking:
Body Painted, alpha-numeric
Dimensions
Inches
Millimeters
Min
Max
Min
Max
BD
-
0.080
-
2.030
BL
-
0.175
-
4.440
LD
0.018
0.022
0.457
0.559
LL
1.000
-
25.400
-
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20120906


Número de pieza similar - 1N6014

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
1N6014 MICROSEMI-1N6014 Datasheet
110Kb / 3P
   SILICON 500 mW ZENER DIODES
1N6014 MICROSEMI-1N6014 Datasheet
225Kb / 3P
   Axial-Leaded 500 mW Zener Diodes
logo
New Jersey Semi-Conduct...
1N6014 NJSEMI-1N6014 Datasheet
154Kb / 1P
   500 MILLIWATT GLASS ZENER DIODES
logo
Microsemi Corporation
1N6014 MICROSEMI-1N6014 Datasheet
235Kb / 3P
   Axial-Leaded 500 mW Zener Diodes
1N6014A MICROSEMI-1N6014A Datasheet
225Kb / 3P
   Axial-Leaded 500 mW Zener Diodes
More results

Descripción similar - 1N6014

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
1N6320 MICROSEMI-1N6320 Datasheet
132Kb / 2P
   500mW ZENER DIODES
logo
TT Electronics.
1N6309BD2A TTELEC-1N6309BD2A Datasheet
182Kb / 4P
   500mW ZENER DIODES
logo
Seme LAB
1N6309BD2A SEME-LAB-1N6309BD2A Datasheet
182Kb / 4P
   500mW ZENER DIODES
logo
Jinan Gude Electronic D...
1N746 JGD-1N746 Datasheet
199Kb / 2P
   500mW SILICON ZENER DIODES
logo
Shanghai Lunsure Electr...
BZX79C2V4 CHENYI-BZX79C2V4 Datasheet
97Kb / 4P
   500mW Silicon Zener Diodes
logo
Micro Commercial Compon...
1N4614 MCC-1N4614 Datasheet
265Kb / 5P
   500mW Silicon Zener Diodes
1N4614 MCC-1N4614_12 Datasheet
201Kb / 5P
   500mW Silicon Zener Diodes
logo
Taiwan Semiconductor Co...
BZS55C2V4 TSC-BZS55C2V4 Datasheet
383Kb / 7P
   500mW 5% Zener Diodes
logo
Microsemi Corporation
1N753A MICROSEMI-1N753A Datasheet
75Kb / 2P
   SILICON 500MW ZENER DIODES
logo
Micro Commercial Compon...
MMSZ4678-TP MCC-MMSZ4678-TP Datasheet
346Kb / 5P
   500mW Silicon Zener Diodes
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com