Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5642A Datasheet(PDF) 1 Page - Digitron Semiconductors

No. de pieza 1N5642A
Descripción Electrónicos  TRANSIENT ABSORPTION ZENER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIGITRON [Digitron Semiconductors]
Página de inicio  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1N5642A Datasheet(HTML) 1 Page - Digitron Semiconductors

  1N5642A Datasheet HTML 1Page - Digitron Semiconductors 1N5642A Datasheet HTML 2Page - Digitron Semiconductors 1N5642A Datasheet HTML 3Page - Digitron Semiconductors 1N5642A Datasheet HTML 4Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
1N5629-1N5665
TRANSIENT ABSORPTION ZENER
MAXIMUM RATINGS
Operating and Storage Temperature
-65 to +175°C
DC Power Dissipation
1 watt @ TL ≤ 125°C, 3/8” from body
Thermal Resistance
1500 watts for 10/1000 μs with repetition rate of 0.01 @
TL = 25°C
50°C/W junction to lead at 0.375” from body or 110°C/W
junction to ambient when mounted on FR4 PC board with 4
mm2 copper pads and track width 1 mm, length 25 mm
Forward surge current:
200 amps for 8.3 ms half-sine wave @ TA = 25°C
Solder Temperatures:
260°C for 10 s (maximum)
ELECTRICAL CHARACTERISTICS
Breakdown
Voltage
(VBR) @ IT
Type #
Min
Max
Test
Current
(lT)
Rated
Standoff
Voltage
(VWM)
Maximum
Reverse
Leakage
Current
(lD @
VWM)
Maximum
Peak Pulse
Reverse
Voltage
(VC max @
lpp)
Maximum
Peak Pulse
Current
(lpp)
Maximum
Temperature
Coefficient
of V(BR) αVZ
Vdc
Vdc
mAdc
V
μAdc
V
A
%/°C
1N5629
6.12
7.48
10
5.50
1000
10.8
139
.057
1N5629A
6.45
7.14
10
5.80
1000
10.5
143
.057
1N5630
6.75
8.25
10
6.05
500
11.7
128
.061
1N5630A
7.13
7.88
10
6.40
500
11.3
132
.061
1N5631
7.38
9.02
10
6.63
200
12.5
120
.065
1N5631A
7.79
8.61
10
7.02
200
12.1
124
.065
1N5632
8.19
10.0
1
7.37
50
13.8
109
.068
1N5632A
8.65
9.55
1
7.78
50
13.4
112
.068
1N5633
9.00
11.0
1
8.10
10
15.0
100
.073
1N5633A
9.5
10.5
1
8.55
10
14.5
103
.073
1N5634
9.9
12.1
1
8.92
5
16.2
93
.075
1N5634A
10.5
11.6
1
9.40
5
15.6
96
.075
1N5635
10.8
13.2
1
9.72
5
17.3
87
.078
1N5635A
11.4
12.6
1
10.2
5
16.7
90
.078
1N5636
11.7
14.3
1
10.5
5
19.0
79
.081
1N5636A
12.4
13.7
1
11.1
5
18.2
82
.081
1N5637
13.5
16.5
1
12.1
5
22.0
68
.084
1N5637A
14.3
15.8
1
12.8
5
21.2
71
.084
1N5638
14.4
17.6
1
12.9
5
23.5
64
.086
1N5638A
15.2
16.8
1
13.6
5
22.5
67
.086
1N5639
16.2
19.8
1
14.5
5
26.5
56.5
.088
1N5639A
17.1
18.9
1
15.3
5
25.2
59.5
.088
1N5640
18.0
22.0
1
16.2
5
29.1
51.5
.090
1N5640A
19.0
21.0
1
17.1
5
27.7
54
.090
1N5641
19.8
24.2
1
17.8
5
31.9
47
.092
1N5641A
20.9
23.1
1
18.8
5
30.6
49
.092
1N5642
21.6
26.4
1
19.4
5
34.7
43
.094
1N5642A
22.8
25.2
1
20.5
5
33.2
45
.094
1N5643
24.3
29.7
1
21.8
5
39.1
38.5
.096
1N5643A
25.7
28.4
1
23.1
5
37.5
40
.096
1N5644
27.0
33.0
1
24.3
5
43.5
34.5
.097
1N5644A
28.5
31.5
1
25.6
5
41.4
36
.097
1N5645
29.7
36.3
1
26.8
5
47.7
31.5
.098
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20121016


Número de pieza similar - 1N5642A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
1N5642A MICROSEMI-1N5642A Datasheet
115Kb / 2P
   TRANSIENT ABSORPTION ZENER
1N5642A MICROSEMI-1N5642A Datasheet
204Kb / 4P
   1500 WATT UNIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Littelfuse
1N5642A LITTELFUSE-1N5642A Datasheet
201Kb / 4P
   Silicon Avalanche Diodes - 1500 Watt Metal Axial Leaded Transient Voltage Suppressors
logo
New Jersey Semi-Conduct...
1N5642A NJSEMI-1N5642A Datasheet
324Kb / 2P
   20 STERN AVE. SPRINGFIELD, NEW JERSEY 07081
1N5642A NJSEMI-1N5642A Datasheet
65Kb / 1P
   UNIDIRECTIONAL TRANSIENT SUPPRESSOR
More results

Descripción similar - 1N5642A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
LDTS14 MICROSEMI-LDTS14 Datasheet
68Kb / 2P
   TRANSIENT ABSORPTION ZENER
15KP17 MICROSEMI-15KP17 Datasheet
79Kb / 2P
   TRANSIENT ABSORPTION ZENER
LCE65 MICROSEMI-LCE65 Datasheet
85Kb / 2P
   TRANSIENT ABSORPTION ZENER
1N5907 MICROSEMI-1N5907 Datasheet
78Kb / 2P
   TRANSIENT ABSORPTION ZENER
LC65 MICROSEMI-LC65 Datasheet
79Kb / 2P
   TRANSIENT ABSORPTION ZENER
ICT-5 MICROSEMI-ICT-5 Datasheet
71Kb / 2P
   TRANSIENT ABSORPTION ZENER
ICTE-5 MICROSEMI-ICTE-5 Datasheet
71Kb / 2P
   TRANSIENT ABSORPTION ZENER
1N6356 MICROSEMI-1N6356 Datasheet
89Kb / 2P
   TRANSIENT ABSORPTION ZENER
P4KE68 MICROSEMI-P4KE68 Datasheet
106Kb / 2P
   TRANSIENT ABSORPTION ZENER
PHP84 MICROSEMI-PHP84 Datasheet
80Kb / 2P
   TRANSIENT ABSORPTION ZENER
5KP50 MICROSEMI-5KP50 Datasheet
84Kb / 2P
   TRANSIENT ABSORPTION ZENER
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com