Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5408 Datasheet(PDF) 1 Page - Digitron Semiconductors

No. de pieza 1N5408
Descripción Electrónicos  GENERAL PURPOSE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIGITRON [Digitron Semiconductors]
Página de inicio  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1N5408 Datasheet(HTML) 1 Page - Digitron Semiconductors

  1N5408 Datasheet HTML 1Page - Digitron Semiconductors 1N5408 Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
1N5400-1N5408
GENERAL PURPOSE RECTIFIERS
MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Value – 1N
Symbol
Parameter
5400
5401
5402
5403
5404
5405
5406
5407
5408
Unit
VRRM
Maximum repetitive reverse voltage
50
100
200
300
400
500
600
800
1000
V
IF(AV)
Average rectified forward current,
.375” lead length @ TA = 75°C
3.0
A
IFSM
Non-repetitive peak forward surge
current 8.3ms single half-sine wave
200
A
Tstg
Storage temperature range
-55 to +150
°C
TJ
Operating junction temperature
-55 to +150
°C
THERMAL CHARACTERISTICS
PD
Power dissipation
6.25
W
R
θJA
Thermal resistance, junction to
ambient
20
°C/W
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
VF
Forward voltage @ 3.0A
1.2
V
Irr
Maximum full load reverse current,
full cycle TA = 105°C
0.5
mA
IR
Reverse current @ rated VR
TA = 25°C
TA = 100°C
5.0
500
µA
CT
Total capacitance
VR = 4.0V, f = 1.0 MHz
30
pF
MECHANICAL CHARACTERISTICS
Case
DO-201A
Marking
Body painted, alpha numeric
Polarity
Cathode band
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20121127


Número de pieza similar - 1N5408

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Taiwan Semiconductor Co...
1N5408 TSC-1N5408 Datasheet
242Kb / 2P
   3.0 AMPS. Silicon Rectifiers
logo
DONGGUAN YOU FENG WEI E...
1N5408 YFWDIODE-1N5408 Datasheet
432Kb / 3P
   3 Amp Rectifier 50 - 1000 Volts
logo
Motorola, Inc
1N5408 MOTOROLA-1N5408 Datasheet
44Kb / 2P
   STANDARD RECOVERY RECTIFIERS 50-1000 VOLTS 3.0 AMPERE
logo
Diotec Semiconductor
1N5408 DIOTEC-1N5408 Datasheet
96Kb / 2P
   Silicon Rectifier Diodes ??Silizium-Gleichrichterdioden
logo
Edal Industries, Inc.
1N5408 EDAL-1N5408 Datasheet
1Mb / 2P
   SILICON GENERAL PURPOSE 3.0 AMP DIODES
More results

Descripción similar - 1N5408

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shindengen Electric Mfg...
S25VB60 SHINDENGEN-S25VB60 Datasheet
158Kb / 5P
   GENERAL PURPOSE RECTIFIERS
U6KBA80R SHINDENGEN-U6KBA80R Datasheet
170Kb / 6P
   GENERAL PURPOSE RECTIFIERS
logo
SeCoS Halbleitertechnol...
QG501C SECOS-QG501C_15 Datasheet
341Kb / 2P
   General Purpose Rectifiers
logo
Shindengen Electric Mfg...
LN25XB60 SHINDENGEN-LN25XB60 Datasheet
178Kb / 6P
   GENERAL PURPOSE RECTIFIERS
logo
Shenzhen Taychipst Elec...
BY251 TAYCHIPST-BY251 Datasheet
623Kb / 2P
   GENERAL PURPOSE RECTIFIERS
logo
Hi-Sincerity Mocroelect...
H1N400X HSMC-H1N400X Datasheet
23Kb / 2P
   General Purpose Rectifiers
logo
Shindengen Electric Mfg...
S1WBA60S SHINDENGEN-S1WBA60S Datasheet
171Kb / 5P
   General purpose rectifiers
logo
Compact Technology Corp...
GS2A CTC-GS2A Datasheet
90Kb / 2P
   GENERAL PURPOSE RECTIFIERS
logo
Fairchild Semiconductor
1N5393 FAIRCHILD-1N5393_13 Datasheet
138Kb / 5P
   General-Purpose Rectifiers
logo
Comchip Technology
CGR1A7-HF COMCHIP-CGR1A7-HF Datasheet
85Kb / 3P
   General Purpose Rectifiers
logo
NXP Semiconductors
PS07J PHILIPS-PS07J Datasheet
51Kb / 9P
   General purpose rectifiers
Rev. 02-26 July 2004
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com