Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
2-1376444-3 Datasheet(PDF) 7 Page - Tyco Electronics |
|
2-1376444-3 Datasheet(HTML) 7 Page - Tyco Electronics |
7 / 98 page 141 Catalog 82181 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 4-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 52-55-1106-0803 UK: 44-8706-080-208 5.0 mm Power Key Connectors (5.0 PKC) (Wire-to-Board) (Continued) AMP Soft Shell Pin and Socket Connectors Material and Finish Housing—6/6 Nylon, glass filled Tab Contacts—Copper Alloy, Tin plated Related Product Data Mating Plug Housings—page 139 Vertical Header Assembly (2 Rows) Type of Keying/Color Section X-X PC Board Layout No. of Mating Pos. AB Tube Type A Type B Type C Type D Plug Housing (Qty.) Natural Red Blue Yellow Part Number 4 11.6 — L.P 1376386-1 1-1376386-2 2-1376386-3 3-1376386-4 -1376392- Tube 1376442-1 (40) 1-1376442-2 (40) 2-1376442-3 (40) 3-1376442-4 (40) 6 16.6 10 L.P 1376387-1 1-1376387-2 2-1376387-3 3-1376387-4 -1376393- Tube 1376443-1 (25) 1-1376443-2 (25) 2-1376443-3 (25) 3-1376443-4 (25) Note: Dimensions shown are metric. Note: All part numbers are RoHS Compliant. Vertical Header Assy. Part No. Type of Keying/Color Dimensions Loose Piece |
Número de pieza similar - 2-1376444-3 |
|
Descripción similar - 2-1376444-3 |