Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS3865CGN16 Datasheet(PDF) 8 Page - Cherry Semiconductor Corporation

No. de pieza CS3865CGN16
Descripción Electrónicos  High Performance Dual Channel Current Mode Controller with ENABLE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CHERRY [Cherry Semiconductor Corporation]
Página de inicio  http://www.cherrycorp.com/
Logo CHERRY - Cherry Semiconductor Corporation

CS3865CGN16 Datasheet(HTML) 8 Page - Cherry Semiconductor Corporation

  CS3865CGN16 Datasheet HTML 1Page - Cherry Semiconductor Corporation CS3865CGN16 Datasheet HTML 2Page - Cherry Semiconductor Corporation CS3865CGN16 Datasheet HTML 3Page - Cherry Semiconductor Corporation CS3865CGN16 Datasheet HTML 4Page - Cherry Semiconductor Corporation CS3865CGN16 Datasheet HTML 5Page - Cherry Semiconductor Corporation CS3865CGN16 Datasheet HTML 6Page - Cherry Semiconductor Corporation CS3865CGN16 Datasheet HTML 7Page - Cherry Semiconductor Corporation CS3865CGN16 Datasheet HTML 8Page - Cherry Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
Thermal Data
16 Lead
16 Lead
PDIP
SO
JC
typ
42
23
˚C/W
JA
typ
80
105
˚C/W
D
Lead Count
Metric
English
Max
Min
Max
Min
16L PDIP
19.69
18.67
.775
.735
16L SO
10.50
10.10
.413
.398
Package Specification
PACKAGE DIMENSIONS IN mm (INCHES)
Ordering Information
PACKAGE THERMAL DATA
Rev. 12/16/96
Part Number
Description
CS3865CGN16
16L PDIP
CS3865CGDW16
16L SO Wide
CS3865CGDWR16
16L SO Wide (tape & reel)
© 1999 Cherry Semiconductor Corporation
Cherry Semiconductor Corporation reserves the
right to make changes to the specifications without
notice. Please contact Cherry Semiconductor
Corporation for the latest available information.
1.27 (.050) BSC
7.60 (.299)
7.40 (.291)
10.65 (.419)
10.00 (.394)
D
0.32 (.013)
0.23 (.009)
1.27 (.050)
0.40 (.016)
REF: JEDEC MS-013
2.49 (.098)
2.24 (.088)
0.51 (.020)
0.33 (.013)
2.65 (.104)
2.35 (.093)
0.30 (.012)
0.10 (.004)
Surface Mount Wide Body (DW); 300 mil wide
Plastic DIP (N); 300 mil wide
0.39 (.015)
MIN.
2.54 (.100) BSC
1.77 (.070)
1.14 (.045)
D
Some 8 and 16 lead
packages may have
1/2 lead at the end
of the package.
All specs are the same.
.203 (.008)
.356 (.014)
REF: JEDEC MS-001
3.68 (.145)
2.92 (.115)
8.26 (.325)
7.62 (.300)
7.11 (.280)
6.10 (.240)
.356 (.014)
.558 (.022)


Número de pieza similar - CS3865CGN16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cherry Semiconductor Co...
CS386H CHERRY-CS386H Datasheet
157Kb / 6P
   Alternator Voltage Regulator Darlington Driver
More results

Descripción similar - CS3865CGN16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cherry Semiconductor Co...
CS5661 CHERRY-CS5661 Datasheet
167Kb / 8P
   High Performance Dual Channel Current Mode Controller with ENABLE
CS5651 CHERRY-CS5651 Datasheet
166Kb / 8P
   High Performance Dual Channel Current Mode Controller with ENABLE
logo
ON Semiconductor
CS5661 ONSEMI-CS5661 Datasheet
78Kb / 8P
   High Performance Dual Channel Current Mode Controller
December, 2001 - Rev. 3
MC34065 ONSEMI-MC34065 Datasheet
494Kb / 15P
   HIGH PERFORMANCE DUAL CHANNEL CURRENT MODE CONTROLLER
1996 REV 1
logo
List of Unclassifed Man...
PJ3842 ETC-PJ3842 Datasheet
375Kb / 15P
   High Performance Current Mode Controller
logo
Taiwan Semiconductor Co...
TS3842B TSC-TS3842B Datasheet
402Kb / 20P
   High Performance Current Mode Controller
logo
Unisonic Technologies
UC3842G UTC-UC3842G_17 Datasheet
208Kb / 7P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
logo
E-Tech Electronics LTD
UC3842G ETL-UC3842G Datasheet
236Kb / 8P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
logo
List of Unclassifed Man...
TS3842B ETC-TS3842B Datasheet
521Kb / 20P
   High Performance Current Mode Controller
logo
ON Semiconductor
MC44602 ONSEMI-MC44602 Datasheet
332Kb / 18P
   HIGH PERFORMANCE CURRENT MODE CONTROLLER
1996 REV 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com