Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BCW68F Datasheet(PDF) 4 Page - Infineon Technologies AG

No. de pieza BCW68F
Descripción Electrónicos  PNP Silicon AF Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INFINEON [Infineon Technologies AG]
Página de inicio  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BCW68F Datasheet(HTML) 4 Page - Infineon Technologies AG

  BCW68F Datasheet HTML 1Page - Infineon Technologies AG BCW68F Datasheet HTML 2Page - Infineon Technologies AG BCW68F Datasheet HTML 3Page - Infineon Technologies AG BCW68F Datasheet HTML 4Page - Infineon Technologies AG BCW68F Datasheet HTML 5Page - Infineon Technologies AG BCW68F Datasheet HTML 6Page - Infineon Technologies AG BCW68F Datasheet HTML 7Page - Infineon Technologies AG BCW68F Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2011-09-15
4
BCW67, BCW68
DC Electrical Characteristics
Parameter
Symbol
Values
Unit
min.
typ.
max.
Characteristics
Collector-emitter saturation voltage1)
IC = 100 mA, IB = 10 mA
IC = 500 mA, IB = 50 mA
VCEsat
-
-
-
-
0.3
0.7
V
Base emitter saturation voltage1)
IC = 100 mA, IB = 10 mA
IC = 500 mA, IB = 50 mA
VBEsat
-
-
-
-
1.25
2
AC Characteristics
Transition frequency
IC = 50 mA, VCE = 5 V, f = 20 MHz
fT
-
200
-
MHz
Collector-base capacitance
VCB = 10 V, f = 1 MHz
Ccb
-
6
-
pF
Emitter-base capacitance
VEB = 0.5 V, f = 1 MHz
Ceb
-
60
-
1Pulse test: t < 300µs; D < 2%


Número de pieza similar - BCW68F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zetex Semiconductors
BCW68F ZETEX-BCW68F Datasheet
39Kb / 2P
   PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Central Semiconductor C...
BCW68F CENTRAL-BCW68F Datasheet
328Kb / 2P
   SURFACE MOUNT PNP SILICON TRANSISTOR
logo
Siemens Semiconductor G...
BCW68F SIEMENS-BCW68F Datasheet
134Kb / 6P
   PNP Silicon AF Transistors (For general AF applications High current gain)
logo
Galaxy Semi-Conductor H...
BCW68F BILIN-BCW68F Datasheet
157Kb / 4P
   PNP General Purpose Amplifier
logo
Infineon Technologies A...
BCW68F INFINEON-BCW68F Datasheet
50Kb / 5P
   PNP Silicon AF Transistors
Jul-10-2001
More results

Descripción similar - BCW68F

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infineon Technologies A...
BCX69 INFINEON-BCX69 Datasheet
45Kb / 4P
   PNP Silicon AF Transistors
Jul-23-2001
logo
Siemens Semiconductor G...
BCX51BCX53 SIEMENS-BCX51BCX53 Datasheet
146Kb / 5P
   PNP Silicon AF Transistors
logo
Infineon Technologies A...
BC856 INFINEON-BC856 Datasheet
218Kb / 8P
   PNP Silicon AF Transistors
Dec-11-2001
BCW67 INFINEON-BCW67_07 Datasheet
79Kb / 8P
   PNP Silicon AF Transistors
2007-04-20
BCX69E6327 INFINEON-BCX69E6327 Datasheet
533Kb / 7P
   PNP Silicon AF Transistors
2011-10-05
BCX52-16-E6327 INFINEON-BCX52-16-E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
BCW67 INFINEON-BCW67 Datasheet
50Kb / 5P
   PNP Silicon AF Transistors
Jul-10-2001
logo
Bruckewell Technology L...
BCX51-BCX53 BWTECH-BCX51-BCX53 Datasheet
587Kb / 6P
   PNP Silicon AF Transistors
logo
Infineon Technologies A...
BCX53-16E6327 INFINEON-BCX53-16E6327 Datasheet
526Kb / 8P
   PNP Silicon AF Transistors
2011-07-29
logo
Guangdong Kexin Industr...
KC807A KEXIN-KC807A Datasheet
39Kb / 1P
   PNP Silicon AF Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com