Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMD2420 Datasheet(PDF) 4 Page - Honeywell Accelerometers

No. de pieza SMD2420
Descripción Electrónicos  Infrared Sensors Line Guide
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HONEYWELL-ACC [Honeywell Accelerometers]
Página de inicio  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

SMD2420 Datasheet(HTML) 4 Page - Honeywell Accelerometers

  SMD2420 Datasheet HTML 1Page - Honeywell Accelerometers SMD2420 Datasheet HTML 2Page - Honeywell Accelerometers SMD2420 Datasheet HTML 3Page - Honeywell Accelerometers SMD2420 Datasheet HTML 4Page - Honeywell Accelerometers SMD2420 Datasheet HTML 5Page - Honeywell Accelerometers SMD2420 Datasheet HTML 6Page - Honeywell Accelerometers SMD2420 Datasheet HTML 7Page - Honeywell Accelerometers SMD2420 Datasheet HTML 8Page - Honeywell Accelerometers SMD2420 Datasheet HTML 9Page - Honeywell Accelerometers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
HOA1882
HOA088X
HOA1870
Sensor aperture
1,52 mm [0.06 in] dia
1,52 mm x 0,25 mm
[0.06 in x 0.01 in]
1,02 mm x 0,15 mm
[0.04 in x 0.006 in]
Slot width
5,08 mm [0.20 in]
3,18 mm [1.25 in]
0,78 mm [0.07 in]
Rise/fall time (typ.)
15 ms
15 ns
15 ns
Coupled current (Ic) min.
1.8 mA
0.5 mA
0.3 mA
Collector-emitter
breakdown voltage (min.)
30 V
30 V
30 V
Mounting configuration
pcb mount
N, L, T, P mounting options
mounting tab
Termination style
0.020 in sq leads
26 AWG UL 1429 wire leads
22 AWG UL 1007 wire leads
4
www.honeywell.com/sensing
Infrared Sensors Line Guide
Transmissive
Sensors
SD5600
SD5610
SD5620
SD5630
SDP8600
SDP8610
Package style
TO-46 dome lensed TO-46 dome lensed TO-46 dome lensed TO-46 dome lensed Side-detecting
Side-detecting
Package components
metal
metal
metal
metal
plastic
plastic
Angular response
12°
12°
12°
12°
50°
50°
Turn-on threshold
irradiance
2.5 mW/cm2 max.
2.5 mW/cm2 max.
0.25 mW/cm2
0.25 mW/cm2
2.5 mW/cm2 max.
2.5 mW/cm2 max.
Output logic
buffer
inverter
buffer
inverter
buffer
inverter
Supply voltage (range)
4.5 Vdc to 16 Vdc
4.5 Vdc to 16 Vdc
4.5 Vdc to 16 Vdc
4.5 Vdc to 16 Vdc
4.5 Vdc to 12 Vdc
4.5 Vdc to 12 Vdc
Mounting configuration
through-hole
through-hole
through-hole
through-hole
through-hole
through-hole
Termination style
0.018 in round
leads
0.018 in round
leads
0.018 in round
leads
0.018 in round
leads
0.020 in sq leads
0.020 in sq leads
Optoschmitt
Detectors


Número de pieza similar - SMD2420

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Honeywell Accelerometer...
SMD2420 HONEYWELL-ACC-SMD2420 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
SMD2420-001 HONEYWELL-ACC-SMD2420-001 Datasheet
276Kb / 8P
   Ceramic Discrete Surface Mount Emitters and Detectors
SMD2420-011 HONEYWELL-ACC-SMD2420-011 Datasheet
276Kb / 8P
   Ceramic Discrete Surface Mount Emitters and Detectors
SMD2420-021 HONEYWELL-ACC-SMD2420-021 Datasheet
276Kb / 8P
   Ceramic Discrete Surface Mount Emitters and Detectors
More results

Descripción similar - SMD2420

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Honeywell Solid State E...
SD5410-001 HONEYWELL-SD5410-001 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
logo
Honeywell Accelerometer...
SD5410-001 HONEYWELL-ACC-SD5410-001 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
HOA0901-011 HONEYWELL-ACC-HOA0901-011 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
HOA7720-M22 HONEYWELL-ACC-HOA7720-M22 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
logo
Honeywell Solid State E...
SE1450-004 HONEYWELL-SE1450-004 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
logo
Honeywell Accelerometer...
SD1420-002 HONEYWELL-ACC-SD1420-002 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
SEP8736-002 HONEYWELL-ACC-SEP8736-002 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
SDP8406-001 HONEYWELL-ACC-SDP8406-001 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
logo
Honeywell Solid State E...
135-105QAF-J01 HONEYWELL-135-105QAF-J01 Datasheet
689Kb / 11P
   Temperature Sensors Line Guide
logo
Honeywell Accelerometer...
ICL1250002-01 HONEYWELL-ACC-ICL1250002-01 Datasheet
689Kb / 11P
   Temperature Sensors Line Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com