Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

3N65L-TN3-T Datasheet(PDF) 7 Page - Unisonic Technologies

No. de pieza 3N65L-TN3-T
Descripción Electrónicos  3A, 650V N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UTC [Unisonic Technologies]
Página de inicio  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3N65L-TN3-T Datasheet(HTML) 7 Page - Unisonic Technologies

  3N65L-TN3-T Datasheet HTML 1Page - Unisonic Technologies 3N65L-TN3-T Datasheet HTML 2Page - Unisonic Technologies 3N65L-TN3-T Datasheet HTML 3Page - Unisonic Technologies 3N65L-TN3-T Datasheet HTML 4Page - Unisonic Technologies 3N65L-TN3-T Datasheet HTML 5Page - Unisonic Technologies 3N65L-TN3-T Datasheet HTML 6Page - Unisonic Technologies 3N65L-TN3-T Datasheet HTML 7Page - Unisonic Technologies 3N65L-TN3-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
3N65
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
7 of 8
www.unisonic.com.tw
QW-R502-590.B
TYPICAL CHARACTERISTICS(Cont.)
Square Wave Pulse Duration, t1 (sec)
Transient Thermal Response Curve
Case Temperature, TC ( )
75
100
0
125
50
25
1.0
1.5
2.0
2.5
3.0
Maximum Drain Current vs. Case
Temperature
0.5
150
1
0.1
0.01
10-5
10-4
10-3
10-2
10-1
100
101
Notes:
1. θJC (t) = 1.18 /W Max.
2. Duty Factor, D=t1/t2
3. TJM-TC=PDM×θJC (t)
D=0.5
0.2
0.1
0.05
0.02
0.01
Single Pulse
Safe Operating Area
100
10-1
10-2
Drain-Source Voltage, VDS (V)
102
101
100
103
Notes:
1. TJ=25
2. TJ=150
3. Single Pulse
DC
10ms
1ms
100µs
Operation in This Area is Limited by RDS(on)
101
650


Número de pieza similar - 3N65L-TN3-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
3N65L-TN3-T UTC-3N65L-TN3-T Datasheet
399Kb / 8P
   3A, 650V N-CHANNEL POWER MOSFET
More results

Descripción similar - 3N65L-TN3-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
3N65Z UTC-3N65Z Datasheet
350Kb / 8P
   3A, 650V N-CHANNEL POWER MOSFET
3N65 UTC-3N65 Datasheet
399Kb / 8P
   3A, 650V N-CHANNEL POWER MOSFET
3N65K UTC-3N65K Datasheet
396Kb / 8P
   3A, 650V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM7N65A TSC-TSM7N65A Datasheet
514Kb / 6P
   650V N-Channel Power MOSFET
logo
Microdiode Electronics ...
10N65F CHENDA-10N65F Datasheet
527Kb / 4P
   650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
6N65 DYELEC-6N65 Datasheet
1Mb / 8P
   650V N-Channel Power MOSFET
7N65 DYELEC-7N65 Datasheet
2Mb / 9P
   650V N-Channel Power MOSFET
8N65 DYELEC-8N65 Datasheet
1Mb / 9P
   650V N-Channel Power MOSFET
logo
Taiwan Semiconductor Co...
TSM12N65 TSC-TSM12N65 Datasheet
474Kb / 8P
   650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
4N65 DYELEC-4N65 Datasheet
2Mb / 10P
   650V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com