Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

6N65Z Datasheet(PDF) 1 Page - Unisonic Technologies

No. de pieza 6N65Z
Descripción Electrónicos  6.2A, 650V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  UTC [Unisonic Technologies]
Página de inicio  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

6N65Z Datasheet(HTML) 1 Page - Unisonic Technologies

  6N65Z Datasheet HTML 1Page - Unisonic Technologies 6N65Z Datasheet HTML 2Page - Unisonic Technologies 6N65Z Datasheet HTML 3Page - Unisonic Technologies 6N65Z Datasheet HTML 4Page - Unisonic Technologies 6N65Z Datasheet HTML 5Page - Unisonic Technologies 6N65Z Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
6N65Z
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-734, C
6.2A, 650V
N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 6N65Z is a high voltage power MOSFET designed to
have better characteristics, such as fast switching time, low gate
charge, low on-state resistance and high rugged avalanche
characteristics. This power MOSFET is usually used in high speed
switching applications of switching power supplies and adaptors.
FEATURES
* RDS(ON) = 1.85Ω @VGS = 10V, ID=3.1A
* Fast switching capability
* Avalanche energy tested
* Improved dv/dt capability, high ruggedness
SYMBOL
2.Drain
3.Source
1.Gate
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
6N65ZL-TF3-T
6N65ZG-TF3-T
TO-220F
G
D
S
Tube
Note: Pin Assignment: G: Gate
D: Drain
S: Source


Número de pieza similar - 6N65Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
6N65Z-Q UTC-6N65Z-Q Datasheet
249Kb / 6P
   N-CHANNEL POWER MOSFET
6N65ZG-TF3-T UTC-6N65ZG-TF3-T Datasheet
251Kb / 6P
   N-CHANNEL POWER MOSFET
6N65ZG-TF3-T UTC-6N65ZG-TF3-T Datasheet
245Kb / 6P
   N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
6N65ZG-TF3-T UTC-6N65ZG-TF3-T Datasheet
249Kb / 6P
   N-CHANNEL POWER MOSFET
6N65ZL-TF3-T UTC-6N65ZL-TF3-T Datasheet
251Kb / 6P
   N-CHANNEL POWER MOSFET
More results

Descripción similar - 6N65Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Unisonic Technologies
6N65 UTC-6N65 Datasheet
252Kb / 6P
   6.2A, 650V N-CHANNEL POWER MOSFET
logo
Nanjing International G...
NJ6N65 DGNJDZ-NJ6N65 Datasheet
645Kb / 6P
   6.2A 650V N-CHANNEL POWER MOSFET
NJ6N60 DGNJDZ-NJ6N60 Datasheet
699Kb / 6P
   6.2A 600V N-CHANNEL POWER MOSFET
logo
Unisonic Technologies
6N60Z UTC-6N60Z Datasheet
200Kb / 6P
   6.2A, 600V N-CHANNEL POWER MOSFET
6N90 UTC-6N90_12 Datasheet
203Kb / 5P
   6.2A, 900V N-CHANNEL POWER MOSFET
6N60 UTC-6N60_11 Datasheet
254Kb / 6P
   6.2A, 600V N-CHANNEL POWER MOSFET
logo
Will Semiconductor Ltd.
WNM3017 WILLSEMI-WNM3017 Datasheet
857Kb / 8P
   Single N-Channel, 30V, 6.2A, Power MOSFET
logo
Taiwan Semiconductor Co...
TSM7N65A TSC-TSM7N65A Datasheet
514Kb / 6P
   650V N-Channel Power MOSFET
logo
Microdiode Electronics ...
10N65F CHENDA-10N65F Datasheet
527Kb / 4P
   650V N-Channel Power MOSFET
logo
DIYI Electronic Technol...
6N65 DYELEC-6N65 Datasheet
1Mb / 8P
   650V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com