Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BTB1188M3R Datasheet(PDF) 2 Page - Cystech Electonics Corp.

No. de pieza BTB1188M3R
Descripción Electrónicos  Low Vcesat PNP Epitaxial Planar Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYSTEKEC [Cystech Electonics Corp.]
Página de inicio  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTB1188M3R Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  BTB1188M3R Datasheet HTML 1Page - Cystech Electonics Corp. BTB1188M3R Datasheet HTML 2Page - Cystech Electonics Corp. BTB1188M3R Datasheet HTML 3Page - Cystech Electonics Corp. BTB1188M3R Datasheet HTML 4Page - Cystech Electonics Corp. BTB1188M3R Datasheet HTML 5Page - Cystech Electonics Corp. BTB1188M3R Datasheet HTML 6Page - Cystech Electonics Corp. BTB1188M3R Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C623M3
Issued Date : 2003.05.25
Revised Date : 2013.08.12
Page No. : 2/7
BTA1797M3
CYStek Product Specification
Thermal Performance
Parameter
Symbol
Limit
Unit
Thermal Resistance, Junction-to-Ambient (Note)
RθJA
62.5
°C/W
Thermal Resistance, Junction-to-Case
RθJC
18
°C/W
Note : When mounting on a 40 ×40 ×0.7 mm ceramic board; 250
°C/W when mounted on minimum copper pad.
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-40
-
-
V
IC=-50μA, IE=0
BVCEO
-30
-
-
V
IC=-1mA, IB=0
BVEBO
-5
-
-
V
IE=-50μA, IC=0
ICBO
-
-
-1
μA
VCB=-20V, IE=0
IEBO
-
-
-1
μA
VEB=-4V, IC=0
*VCE(sat)
-
-
-1
V
IC=-3A, IB=-0.1A
*hFE
180
-
560
-
VCE=-3V, IC=-0.5A
fT
-
100
-
MHz
VCE=-5V, IC=-0.1A, f=100MHz
Cob
-
50
-
pF
VCB=-10V, f =1MHz
*Pulse Test : Pulse Width
≤380μs, Duty Cycle≤2%
Classification Of hFE
Rank
R
S
Range
180~390
270~560
Ordering Information
Device
HFE rank
Package
Shipping
BTB1188M3R-R-T2-G
R
SOT-89
1000 pcs / Tape
& Reel
BTB1188M3R-S-T2-G
S
(Pb-free lead plating and halogen-free package)
Recommended soldering footprint


Número de pieza similar - BTB1188M3R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cystech Electonics Corp...
BTB1188M3 CYSTEKEC-BTB1188M3 Datasheet
139Kb / 4P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1188M3 CYSTEKEC-BTB1188M3 Datasheet
170Kb / 5P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1188M3 CYSTEKEC-BTB1188M3_06 Datasheet
170Kb / 5P
   Low Vcesat PNP Epitaxial Planar Transistor
More results

Descripción similar - BTB1188M3R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cystech Electonics Corp...
BTB1205I3 CYSTEKEC-BTB1205I3_09 Datasheet
227Kb / 6P
   Low Vcesat PNP Epitaxial Planar Transistor
BTA1952E3 CYSTEKEC-BTA1952E3 Datasheet
149Kb / 4P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1326I3 CYSTEKEC-BTB1326I3 Datasheet
138Kb / 4P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1188AM3 CYSTEKEC-BTB1188AM3 Datasheet
252Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTPA92T3 CYSTEKEC-BTPA92T3 Datasheet
311Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB772D3 CYSTEKEC-BTB772D3 Datasheet
307Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB772AT3 CYSTEKEC-BTB772AT3 Datasheet
268Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1205I3 CYSTEKEC-BTB1205I3 Datasheet
157Kb / 5P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1184J3 CYSTEKEC-BTB1184J3 Datasheet
169Kb / 5P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1412J3 CYSTEKEC-BTB1412J3_09 Datasheet
246Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com