Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BTB9435L3 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

No. de pieza BTB9435L3
Descripción Electrónicos  Low Vcesat PNP Epitaxial Planar Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYSTEKEC [Cystech Electonics Corp.]
Página de inicio  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTB9435L3 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  BTB9435L3 Datasheet HTML 1Page - Cystech Electonics Corp. BTB9435L3 Datasheet HTML 2Page - Cystech Electonics Corp. BTB9435L3 Datasheet HTML 3Page - Cystech Electonics Corp. BTB9435L3 Datasheet HTML 4Page - Cystech Electonics Corp. BTB9435L3 Datasheet HTML 5Page - Cystech Electonics Corp. BTB9435L3 Datasheet HTML 6Page - Cystech Electonics Corp. BTB9435L3 Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C809L3
Issued Date : 2009.01.16
Revised Date:
Page:1/7
BTB9435L3
CYStek Product Specification
Low Vcesat PNP Epitaxial Planar Transistor
BTB9435L3
Features
• Low VCE(sat)
• Excellent current gain characteristics
• RoHS compliant package
Symbol
Outline
SOT-223
E
C
B
C
BTB9435L3
E:Emitter
C:Collector
B:Base
Absolute Maximum Ratings (Ta=25
°C)
Parameter
Symbol
Limit
Unit
Collector-Base Voltage
VCBO
-40
V
Collector-Emitter Voltage
VCEO
-30
V
Emitter-Base Voltage
VEBO
-6
V
IC(DC)
-3
A
Collector Current
IC(pulse)
-5
(Note 1)
A
Pd(Ta=25 )
1.56 (Note 2)
Power Dissipation
Pd(Tc=25 )
3
W
Thermal Resistance, junction to ambient
RθJA
80
Thermal Resistance, junction to case
RθJC
42
°C/W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-55~+150
°C
Note : 1. Single Pulse Pw 3
00μs,Duty 2%
.
2. When the collector of device is mounted on a FR-4 board with area of 1” sq(645 sq mm)


Número de pieza similar - BTB9435L3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cystech Electonics Corp...
BTB9435J3 CYSTEKEC-BTB9435J3 Datasheet
362Kb / 8P
   Low Vcesat PNP Epitaxial Planar Transistor
More results

Descripción similar - BTB9435L3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cystech Electonics Corp...
BTB1205I3 CYSTEKEC-BTB1205I3_09 Datasheet
227Kb / 6P
   Low Vcesat PNP Epitaxial Planar Transistor
BTA1952E3 CYSTEKEC-BTA1952E3 Datasheet
149Kb / 4P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1326I3 CYSTEKEC-BTB1326I3 Datasheet
138Kb / 4P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1188AM3 CYSTEKEC-BTB1188AM3 Datasheet
252Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1188M3R CYSTEKEC-BTB1188M3R Datasheet
253Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTPA92T3 CYSTEKEC-BTPA92T3 Datasheet
311Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB772D3 CYSTEKEC-BTB772D3 Datasheet
307Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB772AT3 CYSTEKEC-BTB772AT3 Datasheet
268Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1205I3 CYSTEKEC-BTB1205I3 Datasheet
157Kb / 5P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1184J3 CYSTEKEC-BTB1184J3 Datasheet
169Kb / 5P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1412J3 CYSTEKEC-BTB1412J3_09 Datasheet
246Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com