Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N3612 Datasheet(PDF) 1 Page - Digitron Semiconductors

No. de pieza 1N3612
Descripción Electrónicos  STANDARD RECOVERY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIGITRON [Digitron Semiconductors]
Página de inicio  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1N3612 Datasheet(HTML) 1 Page - Digitron Semiconductors

  1N3612 Datasheet HTML 1Page - Digitron Semiconductors 1N3612 Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
1N3611-1N3614, 1N3957
STANDARD RECOVERY RECTIFIERS
Microminiature package
Voidless hermetically sealed glass package
Triple layer passivation
Metallurgically bonded
Standard recovery
PIV to 1000 Volts
MAXIMUM RATINGS
Operating Temperature:
-65°C to +175°C
Storage Temperature:
-65°C to +200°C
ELECTRICAL CHARACTERISTICS
Peak Inverse
Voltage
(Min.)
PIV
Breakdown
Voltage (Min.)
BV @ 100μA
Average
Rectified
Current
lO
Forward
Voltage
(Max.)
VF @ 1 A
Reverse
Current
(Max.)
lR @ PIV
Surge Current
(Max.)
(Note 1)
lF(surge)
AMPS
μA
Type
VOLTS
VOLTS
100°C
150°C
VOLTS
25°C
150°C
AMPS
1N3611
200
240
1.0
.3
1.1
1.0
300
30
1N3612
400
480
1.0
.3
1.1
1.0
300
30
1N3613
600
720
1.0
.3
1.1
1.0
300
30
1N3614
800
920
1.0
.3
1.1
1.0
300
30
1N3957
1000
1150
1.0
.3
1.1
1.0
300
30
Note 1: TA = 150°C, f = 60 Hz, lo = 300 mA, 10-8 m sec. surges @ 1/minute.
MECHANICAL CHARACTERISTICS
Case:
Digi A
Marking:
Body Painted, Alpha-Numeric
Polarity:
Cathode Band
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20121119


Número de pieza similar - 1N3612

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
1N3612 MICROSEMI-1N3612 Datasheet
52Kb / 2P
   MILITARY RECTIFIERS
1N3612 MICROSEMI-1N3612 Datasheet
64Kb / 2P
   MILITARY RECTIFIERS
logo
Semtech Corporation
1N3612 SEMTECH-1N3612 Datasheet
95Kb / 2P
   Axial Leaded Hermetically Sealed Standard Recovery Rectifier Diode
logo
Sensitron
1N3612 SENSITRON-1N3612 Datasheet
37Kb / 2P
   HERMETIC AXIAL LEAD RECTIFIER
logo
EIC discrete Semiconduc...
1N3612 EIC-1N3612 Datasheet
82Kb / 1P
   GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
More results

Descripción similar - 1N3612

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Digitron Semiconductors
A14A DIGITRON-A14A Datasheet
106Kb / 2P
   STANDARD RECOVERY RECTIFIERS
logo
PACELEADER INDUSTRIAL
GL341A PACELEADER-GL341A Datasheet
383Kb / 2P
   STANDARD RECOVERY RECTIFIERS
logo
Bruckewell Technology L...
1N4001S-7S BWTECH-1N4001S-7S Datasheet
395Kb / 4P
   STANDARD RECOVERY RECTIFIERS
logo
Continental Device Indi...
1N4001 CDIL-1N4001 Datasheet
303Kb / 3P
   STANDARD RECOVERY RECTIFIERS
logo
Digitron Semiconductors
1N3208 DIGITRON-1N3208 Datasheet
136Kb / 2P
   STANDARD RECOVERY RECTIFIERS
BY448 DIGITRON-BY448 Datasheet
100Kb / 2P
   STANDARD RECOVERY RECTIFIERS
UT2005 DIGITRON-UT2005 Datasheet
157Kb / 3P
   STANDARD RECOVERY RECTIFIERS
1N3670A DIGITRON-1N3670A Datasheet
162Kb / 3P
   STANDARD RECOVERY RECTIFIERS
1N4001 DIGITRON-1N4001 Datasheet
150Kb / 3P
   STANDARD RECOVERY RECTIFIERS
logo
New Jersey Semi-Conduct...
1N3288A NJSEMI-1N3288A Datasheet
61Kb / 1P
   Rectifiers Standard Recovery
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com