Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N1203 Datasheet(PDF) 1 Page - Digitron Semiconductors

No. de pieza 1N1203
Descripción Electrónicos  SILICON POWER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIGITRON [Digitron Semiconductors]
Página de inicio  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

1N1203 Datasheet(HTML) 1 Page - Digitron Semiconductors

  1N1203 Datasheet HTML 1Page - Digitron Semiconductors 1N1203 Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
1N1199(A,B)-1N1206(A,B)
SILICON POWER RECTIFIER
MAXIMUM RATINGS
Parameter
Symbol
1N1199
1N1200
1N1201
1N1202
1N1203
1N1204
1N1205
1N1206
Peak reverse voltage
VR
50V
100V
150V
200V
300V
400V
500V
600V
Operating & storage
temperature range
TJ, Tstg
-65 to +200°C
Maximum thermal
resistance
R
θJC
2.5°C/W junction to case
Mounting torque
25-30 inch pounds
Weight
.16 ounces (5.0 grams) typical
Add “R” to part numbers for reverse polarity.
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Value
Test Condition
Average forward current
IF(AV)
12 Amps
TC = 170°C, half-sine wave, RθJC = 2.5°C/W
Maximum surge current
IFSM
250 Amps
8.3ms, half-sine, TJ = 200°C
Maximum I2t for fusing
I2t
260 A2s
Maximum peak forward voltage
VFM
1.2 Volts
IFM = 30A: TJ = 25°C*
Maximum peak reverse current
IRM
10 µA
VRRM, TJ = 25°C
Maximum peak reverse current
IRM
1.0 mA
VRRM, TJ = 150°C*
Maximum recommended operating frequency
10 kHz
Pulse test: pulse width 300µsec. Duty cycle 2%
MECHANICAL CHARACTERISTICS
Case
DO-4(R)
Marking
Alpha numeric
Normal polarity
Cathode is stud, reverse polarity = anode is stud
Reverse polarity
Anode is stud (add “R” suffix)
DO-4(R)
Inches
Millimeters
Min
Max
Min
Max
A
-
0.078
-
1.981
B
0.422
0.453
10.719
11.506
C
-
0.405
-
10.287
D
-
0.800
-
20.320
E
0.420
0.440
10.668
11.176
F
-
0.250
-
6.350
G
-
0.424
-
10.770
H
0.066
-
1.676
-
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20121127


Número de pieza similar - 1N1203

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
1N1203A IRF-1N1203A Datasheet
103Kb / 4P
   12 AMP MEDIUM POWER SILICON RECTIFIER DIODES
logo
Vishay Siliconix
1N1203A VISHAY-1N1203A Datasheet
140Kb / 5P
   Medium Power Silicon Rectifier Diodes, 12 A
Revision: 24-Jun-08
1N1203A VISHAY-1N1203A Datasheet
152Kb / 6P
   Medium Power Silicon Rectifier Diodes, 12 A
Revision: 24-Jun-08
logo
List of Unclassifed Man...
1N1203A ETC1-1N1203A Datasheet
2Mb / 6P
   GERMANIUM PNP TRANSISTORS
logo
Microsemi Corporation
1N1203C MICROSEMI-1N1203C Datasheet
137Kb / 2P
   SILICON POWER RECTIFIER
More results

Descripción similar - 1N1203

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
1N250B MICROSEMI-1N250B Datasheet
162Kb / 3P
   SILICON POWER RECTIFIER
S304 MICROSEMI-S304_07 Datasheet
160Kb / 3P
   Silicon Power Rectifier
S20 MICROSEMI-S20 Datasheet
112Kb / 3P
   Silicon Power Rectifier
S25 MICROSEMI-S25 Datasheet
120Kb / 2P
   Silicon Power Rectifier
S306 MICROSEMI-S306 Datasheet
119Kb / 2P
   Silicon Power Rectifier
S35 MICROSEMI-S35 Datasheet
119Kb / 3P
   Silicon Power Rectifier
S50PF MICROSEMI-S50PF Datasheet
110Kb / 3P
   Silicon Power Rectifier
1N4136 MICROSEMI-1N4136 Datasheet
136Kb / 2P
   SILICON POWER RECTIFIER
logo
New Jersey Semi-Conduct...
1N3889A NJSEMI-1N3889A Datasheet
88Kb / 1P
   SILICON POWER RECTIFIER
logo
Microsemi Corporation
1N3744 MICROSEMI-1N3744 Datasheet
142Kb / 2P
   SILICON POWER RECTIFIER
1N2246 MICROSEMI-1N2246 Datasheet
129Kb / 2P
   SILICON POWER RECTIFIER
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com